Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼
Nom de la pièce
         Description


T6L24 Datasheet(Fiches technique) 6 Page - Toshiba Semiconductor

Numéro de pièce T6L24
Description  TOSHIBA BIPOLAR LINEAR INTEGRATED CIRCUIT SILICON MONOLITHIC SOURCE DRIVER FOR TFT LCD PANELS
Télécharger  12 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricant  TOSHIBA [Toshiba Semiconductor]
Site Internet  http://www.semicon.toshiba.co.jp/eng
Logo 

 6 page
background image
T6L24
2002-01-07
6
(2) LCD drive output
The T6L24 has two sample-and-hold circuits called Sample-And-Hold (1) and (2).
These two circuits alternate between serving as the output and the sample-and-hold. Which circuit
fulfils which function is determined by the setting of the CX pin.
CX
Output
Sample-and-Hold
L
Sample-and-hold circuit (1)
Sample-and-hold circuit (2)
H
Sample-and-hold circuit (2)
Sample-and-hold circuit (1)
The analog signal inputs VA, VB and VC are output as follows: VA is sent to the LCD driver output pins
SC1 to SC80, VB is sent to output pins SB1 to SB80, and VC is sent to output pins SA1 to SA80. The
analog signal inputs will be sent to LCD driver output pins by the setting of the CX pin as shown below:
Note: The CX pin setting must not be altered while the device is sampling data.
(3) Vertical shift data output
● When MODE
==== high
The output DO/I (U/D = high) or DI/O (U/D = low) is driven high for one clock period synchronously with
the rising CPH, one clock period before the data (which is to be output to (SA80, SB80, SC80) or (SA1,
SB1, SC1)) is latched into the shift register.
● When MODE
==== low
The output DO/I (U/D = high) or DI/O (U/D = low) is driven high for one clock period synchronously with
the rising CPH, one clock period before the data (which is to be output to SA80 or SC1) is latched into
the shift register.
When using two or more of these devices to drive a large screen, connect the vertical shift data output
from the first stage of the LCD driver directly to the vertical shift data input at the next stage. In this
way, the device’s LCD drive output pin can easily be expanded as necessary.
(4) Sample-and-hold reference voltage (C-COM)
The device’s sample-and-hold circuits are configured using the internal capacitors. The C-COM pin is
used to supply the reference voltage for these circuits. Apply stable DC voltage to the pin.




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12 


Datasheet Download



Numéro de composants électroniques

Numéro de pièceDescription des composantsHtml ViewFabricant
TA8429HTOSHIBA Bipolar Linear Integrated Circuit Silicon Monolithic Full-bridge Driver H-Switch for DC Motor Driver for Switching between Forward and Reve 1 2 3 4 5 MoreToshiba Semiconductor
KIA2092NBIPOLAR LINEAR INTEGRATED CIRCUIT SILICON MONOLITHIC POWER DRIVER IC FOR CD PLAYER 1 2 3 4 5 KEC(Korea Electronics)
TA8409SGTOSHIBA Bipolar Linear Integrated Circuit Silicon Monolithic Bridge Driver 1 2 3 4 5 MoreToshiba Semiconductor
TA8261AHTOSHIBA Bipolar Linear Integrated Circuit Silicon Monolithic 1 2 3 4 5 MoreToshiba Semiconductor
TA2069AFTOSHIBA Bipolar Linear Integrated Circuit Silicon Monolithic 1 2 3 4 5 MoreToshiba Semiconductor
KIA2109FBIPOLAR LINEAR INTEGRATED CIRCUIT SILICON MONOLITHIC RF AMPLIFIER FOR DIGITAL SERVO CD SYSTEM 1 2 3 4 5 MoreKEC(Korea Electronics)
TA1360ANGTOSHIBA Bipolar Linear Integrated Circuit Silicon Monolithic 1 2 3 4 5 MoreToshiba Semiconductor
TA1218FTOSHIBA Bipolar Linear Integrated Circuit Silicon Monolithic 1 2 3 4 5 MoreToshiba Semiconductor

Lien URL

AllDATASHEET vous a-t-il été utile ?   [ DONATE ]  

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Favoris   |   Echange de liens   |   Fabricants
All Rights Reserved © Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl