Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ILC7280AR2830X Fiches technique(PDF) 7 Page - Fairchild Semiconductor

No de pièce ILC7280AR2830X
Description  Micropower Dual 150mA CMOS RF LDO-TM Regulators
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FAIRCHILD [Fairchild Semiconductor]
Site Internet  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

ILC7280AR2830X Fiches technique(HTML) 7 Page - Fairchild Semiconductor

  ILC7280AR2830X Datasheet HTML 1Page - Fairchild Semiconductor ILC7280AR2830X Datasheet HTML 2Page - Fairchild Semiconductor ILC7280AR2830X Datasheet HTML 3Page - Fairchild Semiconductor ILC7280AR2830X Datasheet HTML 4Page - Fairchild Semiconductor ILC7280AR2830X Datasheet HTML 5Page - Fairchild Semiconductor ILC7280AR2830X Datasheet HTML 6Page - Fairchild Semiconductor ILC7280AR2830X Datasheet HTML 7Page - Fairchild Semiconductor ILC7280AR2830X Datasheet HTML 8Page - Fairchild Semiconductor ILC7280AR2830X Datasheet HTML 9Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
PRODUCT SPECIFICATION
ILC7280
REV. 1.0.5 6/3/02
7
Application Information
VIN A and B
These pins are connected internally through a galvanic
connection. For maximum power from each regulator, both
VINA and VINB must be connected externally to V+.
Enable/Shutdown
Forcing ENA and/or ENB to a voltage greater than 2V,
enables the regulator(s). These inputs are CMOS logic
compatible gates. If this feature is not required, connect
ENAand/or ENB to VIN. Note that VINA and VINB are
connected internally. To minimize the effect of imbalanced
current sharing and possible noise, both VINA and VINB
should also be connected externally.
Input Capacitor
A 1µF capacitor should be placed from VINA/B to GND if
there is more than 10 inches of wire between the input and
the ac filter capacitor or if a battery is used as the input.
Reference Bypass Capacitor
CNOISE (the reference voltage bypass capacitor) may be
connected to the internal VREF which is common to regula-
tor’s A and B.
For low noise applications use of 1nF CNOISE is recom-
mended. Value higher than 1nF will lead to minimum
improvement of output noise, but it will substantially
increase the start-up time. Lower value of CNOISE results in
faster start –up. If a slow or delayed start up time is desired,
a larger value of CNOISE is used. Conversely, faster start up
times or instant-on applications will require smaller values
of CNOISE or its omission with the pin left open. The trade-
off of noise to response time should be considered.
Output Capacitor
An output capacitor is required from VOUTA and VOUTB to
GND to prevent oscillation and minimize the effect of load
transient currents. The minimum size of the output capaci-
tor(s) is dependent on the usage of CNOISE and its value.
Without CNOISE, a minimum of 0.47µF is recommended.
For CNOISE = 1nF, a minimum of 2.2µF is recommended.
Larger values of output capacitance will slightly slow the
regulator’s response during power up. The ILC7280 remains
stable even with ESR values as low as 10m
Ω.
If the system design calls for smaller load currents, lower
capacitance may be used. Below 10mA the capacitance may
be reduced to 0.33µF.
No-load Stability
The ILC7280 will remain stable and in regulation with no
load current. These are desirable performance features for
applications such as keep-alive modes in CMOS systems.
Split-Supply Operation
When using the ILC7280 in a system requiring that the load
be returned to the negative voltage source, the output(s) must
be diode clamped to inhibit significant voltage excursions
below ground. A simple external diode clamp to ground will
protect the device from damage.
Thermal Considerations
In order to minimize thermal resistance (
θJA), the device
mounted on conventional FR4 PCB material should be
surrounded as much ground copper ground plane as
possible. In a worst case application with minimum trace
widths and no ground plane, the MSOP-8 package exhibits a
thermal resistance of 200 °C/W. The maximum allowable
power dissipation is calculated in the following examples.
Thermal Evaluation Examples
The maximum allowed package power dissipation is:
PD(max) =(TJmax–TA) /
θJA, where TJmax is the maximum
junction temperature and TA is the ambient temperature.
For an ambient temperature of 50°C
PD(max) = (150°C - 50°C) / 200°C/W
PD(max) = 500mW
If the intent is to operate from a 4V power source with a
150mA load current from both outputs at a 50°C ambient
temperature, the expected power dissipation is found in the
following calculation:
PD (each regulator) = (VIN – VOUT) * IOUT + (VIN * IGND)
PD (each regulator) = (4V – 3V) * 150mA + (4V * 0.12mA)
PD (each regulator) = 150mW
PD (both regulators) = 2 * 150mW
PD (both regulators) = 300mW
In this example the total power dissipated is 300mW which
is below the 500mW maximum package consideration and
therefore safe to operate. It should be noted that it is not
always possible to operate both regulators at the maximum
output current.


Numéro de pièce similaire - ILC7280AR2830X

FabricantNo de pièceFiches techniqueDescription
logo
Impala Linear Corporati...
ILC7280 IMPALA-ILC7280 Datasheet
63Kb / 9P
   MICROPOWER DUAL 150MA CMOS RF LDO REGULATORS WITH 75DB RIPPLE REJECTION
ILC7280CS-2530 IMPALA-ILC7280CS-2530 Datasheet
63Kb / 9P
   MICROPOWER DUAL 150MA CMOS RF LDO REGULATORS WITH 75DB RIPPLE REJECTION
ILC7280CS-2828 IMPALA-ILC7280CS-2828 Datasheet
63Kb / 9P
   MICROPOWER DUAL 150MA CMOS RF LDO REGULATORS WITH 75DB RIPPLE REJECTION
ILC7280CS-3025 IMPALA-ILC7280CS-3025 Datasheet
63Kb / 9P
   MICROPOWER DUAL 150MA CMOS RF LDO REGULATORS WITH 75DB RIPPLE REJECTION
ILC7280CS-3028 IMPALA-ILC7280CS-3028 Datasheet
63Kb / 9P
   MICROPOWER DUAL 150MA CMOS RF LDO REGULATORS WITH 75DB RIPPLE REJECTION
More results

Description similaire - ILC7280AR2830X

FabricantNo de pièceFiches techniqueDescription
logo
Impala Linear Corporati...
ILC7280 IMPALA-ILC7280 Datasheet
63Kb / 9P
   MICROPOWER DUAL 150MA CMOS RF LDO REGULATORS WITH 75DB RIPPLE REJECTION
ILC7281 IMPALA-ILC7281 Datasheet
74Kb / 9P
   MICROPOWER DUAL 150MA CMOS RF LDO REGULATORS WITH POWER SUPPLY RESET MONITOR
logo
Linear Technology
LT1762 LINER-LT1762 Datasheet
229Kb / 16P
   150mA, Low Noise, LDO Micropower Regulators
LT1762 LINER-LT1762_15 Datasheet
425Kb / 16P
   150mA, Low Noise, LDO Micropower Regulators
logo
Rohm
BH25NB1WHFV ROHM-BH25NB1WHFV_11 Datasheet
303Kb / 9P
   1ch 150mA CMOS LDO Regulators
BH12PB1WHFV ROHM-BH12PB1WHFV_11 Datasheet
353Kb / 11P
   1ch 150mA CMOS LDO Regulators
BH15RB1WGUT ROHM-BH15RB1WGUT_11 Datasheet
303Kb / 9P
   1ch 150mA CMOS LDO Regulators
logo
Exar Corporation
SP6201EM5-L-5-0 EXAR-SP6201EM5-L-5-0 Datasheet
967Kb / 17P
   100mA/200mA Micropower CMOS LDO Regulators
SP6201ER-L EXAR-SP6201ER-L Datasheet
967Kb / 17P
   100mA/200mA Micropower CMOS LDO Regulators
SP6201EM5 EXAR-SP6201EM5 Datasheet
967Kb / 17P
   100mA/200mA Micropower CMOS LDO Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com