Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

NS32CG16-10 Fiches technique(PDF) 49 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
No de pièce NS32CG16-10
Description  High-Performance Printer / Display Processor
Download  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NSC [National Semiconductor (TI)]
Site Internet  http://www.national.com
Logo NSC - National Semiconductor (TI)

NS32CG16-10 Fiches technique(HTML) 49 Page - National Semiconductor (TI)

Back Button NS32CG16-10 Datasheet HTML 45Page - National Semiconductor (TI) NS32CG16-10 Datasheet HTML 46Page - National Semiconductor (TI) NS32CG16-10 Datasheet HTML 47Page - National Semiconductor (TI) NS32CG16-10 Datasheet HTML 48Page - National Semiconductor (TI) NS32CG16-10 Datasheet HTML 49Page - National Semiconductor (TI) NS32CG16-10 Datasheet HTML 50Page - National Semiconductor (TI) NS32CG16-10 Datasheet HTML 51Page - National Semiconductor (TI) NS32CG16-10 Datasheet HTML 52Page - National Semiconductor (TI) NS32CG16-10 Datasheet HTML 53Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 82 page
background image
30 Functional Description (Continued)
3458 Bus Access Control
The NS32CG16 CPU has the capability of relinquishing its
control of the bus upon request from a DMA controller or
another CPU This capability is implemented by means of
the HOLD (Hold Request) and HLDA (Hold Acknowledge)
pins By asserting HOLD low an external device requests
access to the bus On receipt of HLDA from the CPU the
device may perform bus cycles as the CPU at this point has
set AD0 – AD15 A16 – A23 and HBE to the TRI-STATE
condition and has switched ADS and DDIN to the input
mode The CPU now monitors ADS and DDIN from the ex-
ternal device to generate the relevant strobe signals (ie
TSO DBE RD or WR) To return control of the bus to the
CPU the device sets HOLD inactive and the CPU acknowl-
edges it by setting HLDA inactive
How quickly the CPU releases the bus depends on whether
it is idle on the bus at the time the HOLD request is made
as the CPU must always complete the current bus cycle
Figure 3-25 shows the timing sequence when the CPU is
idle In this case the CPU grants the bus during the immedi-
ately following clock cycle
Figure 3-26 shows the sequence
when the CPU is using the bus at the time the HOLD re-
quest is made If the request is made during or before the
clock cycle shown (two clock cycles before T4) the CPU
will release the bus during the clock cycle following T4 If
the request occurs closer to T4 the CPU may already have
decided to initiate another bus cycle In that case it will not
grant the bus until after the next T4 state Note that this
situation will also occur if the CPU is idle on the bus but has
initiated a bus cycle internally
Note 1
During DMA cycles the WAIT1–2 signals should be kept inactive
unless they are also monitored by the DMA controller If wait states
are required CWAIT should be used
Note 2
The logic value of the status pins ST0–3 is undefined during DMA
activity
TLEE9424 – 75
FIGURE 3-25 HOLD Timing Bus Initially Idle
49


Numéro de pièce similaire - NS32CG16-10

FabricantNo de pièceFiches techniqueDescription
logo
National Semiconductor ...
NS32081 NSC-NS32081 Datasheet
184Kb / 18P
   NS32081-10/NS32081-15 Floating-Point Units
NS32203-10 NSC-NS32203-10 Datasheet
940Kb / 29P
   DIRECT MEMORY ACCESS CONTROLLER
NS32203D NSC-NS32203D Datasheet
940Kb / 29P
   DIRECT MEMORY ACCESS CONTROLLER
NS32203N NSC-NS32203N Datasheet
940Kb / 29P
   DIRECT MEMORY ACCESS CONTROLLER
NS32382-10 NSC-NS32382-10 Datasheet
1Mb / 39P
   MEMORY MANAGEMENT UNITS
More results

Description similaire - NS32CG16-10

FabricantNo de pièceFiches techniqueDescription
logo
Motorola, Inc
MC68322 MOTOROLA-MC68322 Datasheet
263Kb / 12P
   Integrated Printer Processor
MC68349 MOTOROLA-MC68349 Datasheet
211Kb / 7P
   HIGH PERFORMANCE INTEGRATED PROCESSOR
logo
C-Media Electronics
CMI8787 CMEDIA-CMI8787 Datasheet
723Kb / 28P
   High Performance PCI Audio Processor
CMI8788 CMEDIA-CMI8788 Datasheet
767Kb / 29P
   High Performance PCI Audio Processor
logo
ATMEL Corporation
AT76C112 ATMEL-AT76C112 Datasheet
48Kb / 3P
   High Performance Digital Camera Processor
AT76C110 ATMEL-AT76C110 Datasheet
51Kb / 3P
   High- Performance Digital Camera Processor
logo
Broadcom Corporation.
BCM1125HA2K400 BOARDCOM-BCM1125HA2K400 Datasheet
165Kb / 2P
   BCM1125H HIGH-PERFORMANCE MIPS PROCESSOR
BCM2702 BOARDCOM-BCM2702_06 Datasheet
156Kb / 2P
   HIGH-PERFORMANCE MOBILE MULTIMEDIA PROCESSOR
logo
C&K Components
CMI8788 CK-COMPONENTS-CMI8788_17 Datasheet
902Kb / 25P
   High Performance PCI Audio Processor
logo
Broadcom Corporation.
BCM1122 BOARDCOM-BCM1122 Datasheet
128Kb / 2P
   HIGH-PERFORMANCE MIPS CONTROL PROCESSOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com