Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TDA8768AH4 Fiches technique(PDF) 9 Page - NXP Semiconductors

No de pièce TDA8768AH4
Description  12-bit, 70 Msps Analog-to-Digital Converter (ADC)
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PHILIPS [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA8768AH4 Fiches technique(HTML) 9 Page - NXP Semiconductors

Back Button TDA8768AH4 Datasheet HTML 5Page - NXP Semiconductors TDA8768AH4 Datasheet HTML 6Page - NXP Semiconductors TDA8768AH4 Datasheet HTML 7Page - NXP Semiconductors TDA8768AH4 Datasheet HTML 8Page - NXP Semiconductors TDA8768AH4 Datasheet HTML 9Page - NXP Semiconductors TDA8768AH4 Datasheet HTML 10Page - NXP Semiconductors TDA8768AH4 Datasheet HTML 11Page - NXP Semiconductors TDA8768AH4 Datasheet HTML 12Page - NXP Semiconductors TDA8768AH4 Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 32 page
background image
Philips Semiconductors
TDA8768A
12-bit, 70 Msps Analog-to-Digital Converter (ADC)
Product data
Rev. 02 — 03 July 2002
9 of 32
9397 750 09656
© Koninklijke Philips Electronics N.V. 2002. All rights reserved.
H3
third harmonic
TDA8768AH/4
(fCLK = 40 MHz)
fi = 4.43 MHz
C
-
−74
-
dBFS
fi =10MHz
C
-
−74
-
dBFS
fi =15MHz
C
-
−74
-
dBFS
fi =20MHz
C
-
−73
-
dBFS
third harmonic
TDA8768AH/5
(fCLK = 55 MHz)
fi = 4.43 MHz
C
-
−74
-
dBFS
fi =10MHz
C
-
−74
-
dBFS
fi =15MHz
C
-
−74
-
dBFS
fi =20MHz
I
-
−72
-
dBFS
third harmonic
TDA8768AH/7
(fCLK = 70 MHz)
fi = 4.43 MHz
C
-
−74
-
dBFS
fi =10MHz
C
-
−74
-
dBFS
fi =15MHz
C
-
−73
-
dBFS
Total harmonic distortion[5]
THD
total harmonic distortion
TDA8768AH/4
(fCLK = 40 MHz)
fi = 4.43 MHz
C
-
−68
-
dBFS
fi =10MHz
C
-
−68
-
dBFS
fi =15MHz
C
-
−68
-
dBFS
fi =20MHz
C
-
−68
-
dBFS
total harmonic distortion
TDA8768AH/5
(fCLK = 55 MHz)
fi = 4.43 MHz
C
-
−68
-
dBFS
fi =10MHz
C
-
−68
-
dBFS
fi =15MHz
C
-
−68
-
dBFS
fi =20MHz
I
-
−68
-
dBFS
total harmonic distortion
TDA8768AH/7
(fCLK = 70 MHz)
fi = 4.43 MHz
C
-
−68
-
dBFS
fi =10MHz
C
-
−67
-
dBFS
fi =15MHz
C
-
−67
-
dBFS
Thermal noise (fCLK = 55 MHz)
Nth(rms)
thermal noise (RMS value)
shorted input; SH = HIGH;
fCLK =55MHz
C
-
0.45
-
LSB
Signal-to-noise ratio [6]
SNR
signal-to-noise ratio
TDA8768AH/4
(fCLK = 40 MHz)
fi = 4.43 MHz
C
-
64
-
dBFS
fi = 10 MHz
C
-
64
-
dBFS
fi = 15 MHz
C
-
64
-
dBFS
fi = 20 MHz
C
-
64
-
dBFS
signal-to-noise ratio
TDA8768AH/5
(fCLK = 55 MHz)
fi = 4.43 MHz
C
-
64
-
dBFS
fi = 10 MHz
C
-
64
-
dBFS
fi = 15 MHz
C
-
64
-
dBFS
fi = 20 MHz
I
-
64
-
dBFS
signal-to-noise ratio
TDA8768AH/7
(fCLK = 70 MHz)
fi = 4.43 MHz
C
-
64
-
dBFS
fi = 10 MHz
C
-
64
-
dBFS
fi = 15 MHz
C
-
63
-
dBFS
Table 6:
Characteristics…continued
VCCA =V2 to V44, V3 to V4 and V41 to V40 = 4.75 to 5.25 V; VCCD =V37 to V38 and V15 to V17 = 4.75 to 5.25 V;
VCCO =V33 to V34 = 3.0 to 3.6 V; AGND and DGND shorted together; Tamb = −40 to 85 °C; VI(p-p) − VI(p-p) = 1.9 V;
Vref =VCCA3−1.75 V; VI(CM) =VCCA3−1.6V; typical values measured at VCCA =VCCD = 5 V and VCCO = 3.3 V, Tamb =25 °C
and CL = 10 pF; unless otherwise specified.
Symbol
Parameter
Conditions
Test [1]
Min
Typ
Max
Unit


Numéro de pièce similaire - TDA8768AH4

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
TDA8768 PHILIPS-TDA8768 Datasheet
126Kb / 20P
   12-bit high-speed Analog-to-Digital Converter ADC
1998 Aug 26
TDA8768H PHILIPS-TDA8768H Datasheet
126Kb / 20P
   12-bit high-speed Analog-to-Digital Converter ADC
1998 Aug 26
TDA8768H/4 PHILIPS-TDA8768H/4 Datasheet
126Kb / 20P
   12-bit high-speed Analog-to-Digital Converter ADC
1998 Aug 26
TDA8768H/5 PHILIPS-TDA8768H/5 Datasheet
126Kb / 20P
   12-bit high-speed Analog-to-Digital Converter ADC
1998 Aug 26
More results

Description similaire - TDA8768AH4

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
ADS5463 TI-ADS5463 Datasheet
1Mb / 25P
[Old version datasheet]   12-Bit, 500-MSPS Analog-to-Digital Converter
ADS5522IPAP TI-ADS5522IPAP Datasheet
1Mb / 32P
[Old version datasheet]   12-Bit, 80 MSPS Analog-To-Digital Converter
ADS5463 TI-ADS5463_07 Datasheet
1Mb / 27P
[Old version datasheet]   12-Bit, 500-MSPS Analog-to-Digital Converter
ADS5463-EP TI1-ADS5463-EP Datasheet
1Mb / 33P
[Old version datasheet]   12-BIT, 500-MSPS ANALOG-TO-DIGITAL CONVERTER
ADS5463-EP TI1-ADS5463-EP_14 Datasheet
1Mb / 32P
[Old version datasheet]   12-BIT, 500-MSPS ANALOG-TO-DIGITAL CONVERTER
ADS5520IPAP TI1-ADS5520IPAP Datasheet
1Mb / 38P
[Old version datasheet]   12-Bit, 125 MSPS Analog-To-Digital Converter
ADS5463 TI-ADS5463_08 Datasheet
1Mb / 37P
[Old version datasheet]   12-Bit, 500-MSPS Analog-to-Digital Converter
ADS5522IPAP TI1-ADS5522IPAP Datasheet
1Mb / 32P
[Old version datasheet]   12-Bit, 80 MSPS Analog-To-Digital Converter
logo
Analog Devices
AD9613BCPZ-250 AD-AD9613BCPZ-250 Datasheet
1Mb / 36P
   12-Bit, 170 MSPS/210 MSPS/250 MSPS,1.8 V Dual Analog-to-Digital Converter (ADC)
REV. C
AD9613 AD-AD9613 Datasheet
1Mb / 36P
   12-Bit, 170 MSPS/210 MSPS/250 MSPS, 1.8 V Dual Analog-to-Digital Converter (ADC)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com