Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AD7793B Fiches technique(PDF) 5 Page - Analog Devices

No de pièce AD7793B
Description  Low Power, 16/24-Bit Sigma-Delta ADC with Low-Noise In-Amp and Embedded Reference
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

AD7793B Fiches technique(HTML) 5 Page - Analog Devices

  AD7793B Datasheet HTML 1Page - Analog Devices AD7793B Datasheet HTML 2Page - Analog Devices AD7793B Datasheet HTML 3Page - Analog Devices AD7793B Datasheet HTML 4Page - Analog Devices AD7793B Datasheet HTML 5Page - Analog Devices AD7793B Datasheet HTML 6Page - Analog Devices AD7793B Datasheet HTML 7Page - Analog Devices AD7793B Datasheet HTML 8Page - Analog Devices AD7793B Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
Preliminary Technical Data
AD7792/AD7793
REV.PrF 6/04 | Page 5
Parameter
AD7792/AD7793B
Unit
Test Conditions/Comments
VT(+)
0.9/2
V min/V max
DVDD = 3 V
VT(–)
0.4/1.1
V min/V max
DVDD = 3 V
VT(+) - VT(–)
CLK2
VINL, Input Low Voltage
VINL, Input Low Voltage
VINH, Input High Voltage
VINH, Input High Voltage
Input Currents
Input Capacitance
0.3/0.85
0.8
0.4
3.5
2.5
±1
10
V min/V max
V max
V max
V min
V min
µA max
pF typ
DVDD = 3 V
DVDD = 5 V
DVDD = 3 V
DVDD = 5 V
DVDD = 3 V
VIN = DVDD or GND
All Digital Inputs
LOGIC OUTPUTS (Including CLK)
VOH, Output High Voltage2
DVDD – 0.6
V min
DVDD = 3 V, ISOURCE = 100 µA
VOL, Output Low Voltage2
0.4
V max
DVDD = 3 V, ISINK = 100 µA
VOH, Output High Voltage2
4
V min
DVDD = 5 V, ISOURCE = 200 µA
VOL, Output Low Voltage2
0.4
V max
DVDD = 5 V, ISINK = 1.6 mA (DOUT/RDY)/800 µA
(CLK)
Floating-State Leakage Current
±1
µA max
Floating-State Output Capacitance
10
pF typ
Data Output Coding
Offset Binary
SYSTEM CALIBRATION2
Full-Scale Calibration Limit
Zero-Scale Calibration Limit
Input Span
1.05 x FS
-1.05 x FS
0.8 x FS
2.1 x FS
V max
V min
V min
V max
POWER REQUIREMENTS7
Power Supply Voltage
AVDD – GND
2.7/5.25
V min/max
DVDD – GND
2.7/5.25
V min/max
Power Supply Currents
IDD Current
150
µA max
125 µA typ, Unbuffered Mode, Ext. Reference
175
µA max
150 µA typ, Buffered Mode, In-Amp Bypassed, Ext
Ref
380
µA max
330 µA typ, In-Amp used, Ext. Ref
450
µA max
400 µA typ, In-Amp used, Int Ref
IDD (Power-Down Mode)
1
µA max
1 Temperature Range –40°C to +105°C.
2 Specification is not production tested but is supported by characterization data at initial product release.
3 Following a self-calibration, this error will be in the order of the noise for the programmed gain and update rate selected. A system calibration will completely remove
this error.
4 Recalibration at any temperature will remove these errors.
5 Full-scale error applies to both positive and negative full-scale and applies at the factory calibration conditions (AVDD = 4 V).
6 FS[3:0] are the four bits used in the mode register to select the output word rate.
7 Digital inputs equal to DVDD or GND.


Numéro de pièce similaire - AD7793B

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD7793BRU AD-AD7793BRU Datasheet
661Kb / 32P
   3-Channel, Low Noise, Low Power, 16-/24-Bit 誇-? ADC with On-Chip In-Amp and Reference
REV. B
AD7793BRU-REEL AD-AD7793BRU-REEL Datasheet
661Kb / 32P
   3-Channel, Low Noise, Low Power, 16-/24-Bit 誇-? ADC with On-Chip In-Amp and Reference
REV. B
AD7793BRUZ-REEL1 AD-AD7793BRUZ-REEL1 Datasheet
661Kb / 32P
   3-Channel, Low Noise, Low Power, 16-/24-Bit 誇-? ADC with On-Chip In-Amp and Reference
REV. B
AD7793BRUZ1 AD-AD7793BRUZ1 Datasheet
661Kb / 32P
   3-Channel, Low Noise, Low Power, 16-/24-Bit 誇-? ADC with On-Chip In-Amp and Reference
REV. B
More results

Description similaire - AD7793B

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD7794 AD-AD7794 Datasheet
260Kb / 21P
   Low Power, 24-Bit Sigma-Delta ADC with In-Amp and Embedded Reference (6 Channel)
REV.PrE 6/04
AD7798 AD-AD7798 Datasheet
499Kb / 17P
   Low Power, 24-Bit/16-Bit Sigma-Delta ADC with In-Amp
Rev. B
AD7124-4-EP AD-AD7124-4-EP Datasheet
272Kb / 17P
   4-Channel, Low Noise, Low Power, 24-Bit, Sigma-Delta ADC with PGA and Reference
Rev. 0
ADFS7124-4 AD-ADFS7124-4 Datasheet
3Mb / 93P
   4-Channel, Low Noise, Low Power, 24-Bit, Sigma-Delta ADC with PGA and Reference
Rev. 0
ADFS7124-8 AD-ADFS7124-8 Datasheet
2Mb / 93P
   8-Channel, Low Noise, Low Power, 24-Bit, Sigma-Delta ADC with PGA and Reference
Rev. 0
AD7124-4 AD-AD7124-4 Datasheet
1Mb / 90P
   4-Channel, Low Noise, Low Power, 24-Bit, Sigma-Delta ADC with PGA and Reference
AD7124-8 AD-AD7124-8 Datasheet
1Mb / 91P
   8-Channel, Low Noise, Low Power, 24-Bit, Sigma-Delta ADC with PGA and Reference
AD7124-8 AD-AD7124-8_17 Datasheet
1Mb / 93P
   8-Channel, Low Noise, Low Power, 24-Bit Sigma-Delta ADC with PGA and Reference
logo
Intersil Corporation
ISL26102AVZ INTERSIL-ISL26102AVZ Datasheet
909Kb / 21P
   Low-Noise 24-bit Delta Sigma ADC
October 12, 2012
logo
Renesas Technology Corp
ISL26132 RENESAS-ISL26132 Datasheet
1Mb / 23P
   Low-Noise 24-bit Delta Sigma ADC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com