Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SLC100-5 Fiches technique(PDF) 5 Page - C&D Technologies

No de pièce SLC100-5
Description  40 Amp SINGLE OUTPUT QUARTER BRICK DC / DC CONVERTER
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  CANDD [C&D Technologies]
Site Internet  http://www.cdpowerelectronics.com
Logo CANDD - C&D Technologies

SLC100-5 Fiches technique(HTML) 5 Page - C&D Technologies

  SLC100-5 Datasheet HTML 1Page - C&D Technologies SLC100-5 Datasheet HTML 2Page - C&D Technologies SLC100-5 Datasheet HTML 3Page - C&D Technologies SLC100-5 Datasheet HTML 4Page - C&D Technologies SLC100-5 Datasheet HTML 5Page - C&D Technologies SLC100-5 Datasheet HTML 6Page - C&D Technologies SLC100-5 Datasheet HTML 7Page - C&D Technologies SLC100-5 Datasheet HTML 8Page - C&D Technologies SLC100-5 Datasheet HTML 9Page - C&D Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
5
SLC100 1.2V Rev C 11/2004
Product: www.cdpoweronline.com
Figure 1 – Remote Sensing Circuit
Output Voltage Trim
The SLC100’s output voltage may be adjusted high
or low by an amount indicated on the product data
sheet. As shown in Figure 2, to raise the converter’s
output voltage a resistor must be placed between the
Trim pin and +Vout pin.
Figure 2 – Trim Up Circuit
Remote Sense
Operation
When the load is physically distanced from the con-
verter, the inductance of the power leads, and any by-
pass conductance at the load, can result in increased
phase shift in the converter’s feedback loop, causing
instability. This situation can be eliminated by insert-
ing bypass capacitors (C
B) from the outputs to the
sense leads directly at the output pins. These capaci-
tors de-couple any AC on the power lines and assure
that only the DC voltage is sensed.
When using remote sense with dynamic loads, the
transient response at the point of load may be limited
by the inductance present in the power lines. Severe
load steps may require the addition of a capacitor
C
L across the output lines. When the load demands
an immediate increase in load current, this capacitor
helps to supply a portion of the current and reduces
the burden on the converter.
In general, the line resistance, or load drop, between
the output pins of the converter and load should be
minimized. Using remote sense, a large line resis-
tance, with a regulated load voltage, will result in
a higher output voltage at the output of the DC/DC
Converter. To prevent exceeding the converter’s
output power limits, a higher output voltage will
require a reduction in the maximum allowable output
current in accordance with the voltage/current power
relationship. To minimize the line resistance between
the converter and the load, the converter should be
placed as close to the load as possible. Line resis-
tance can further be decreased by using heavy gauge
wire or by increasing the cross sectional area of the
PC board traces.
The remote sense feature of the SLC100 can be used
to compensate for voltage drops in the output power
lines by sensing output voltage directly at the point of
load. To enable this feature, connect the +Sense and
–Sense pins to the +Vout and –Vout pins, respective-
ly, at the point in the circuit where the tightest regula-
tion is required (Figure 1). The sense leads conduct
very little current compared with the power leads and
therefore provide a more accurate indication of load
voltage for regulation purposes. This enables the
converter to increase (or decrease) its output volt-
age to compensate for any load distribution losses,
allowing for a more precise load voltage. Refer to the
product data sheet for the maximum output voltage
compensation range of the sense function.
APPLICATION NOTES
If remote sensing is not desired then +Sense and
-Sense must be tied to their respective outputs
for proper operation.


Numéro de pièce similaire - SLC100-5

FabricantNo de pièceFiches techniqueDescription
logo
Murata Power Solutions ...
SLC100-5 MURATA-PS-SLC100-5 Datasheet
150Kb / 9P
   40 Amp Single Output Quarter Brick DC/DC Converter
More results

Description similaire - SLC100-5

FabricantNo de pièceFiches techniqueDescription
logo
Murata Power Solutions ...
SLC100 MURATA-PS-SLC100 Datasheet
150Kb / 9P
   40 Amp Single Output Quarter Brick DC/DC Converter
logo
C&D Technologies
VKQ100MS1V8 CANDD-VKQ100MS1V8 Datasheet
191Kb / 5P
   40 AMP, 1.8 VOUT, QUARTER BRICK DC/DC CONVERTER
logo
Murata Power Solutions ...
VSX40MD23C MURATA-PS-VSX40MD23C Datasheet
129Kb / 4P
   40 Watt Dual Output Quarter Brick DC/DC Converter
logo
C&D Technologies
VSX40MD23 CANDD-VSX40MD23 Datasheet
153Kb / 4P
   40 WATT DUAL OUTPUT QUARTER BRICK DC/DC CONVERTER
logo
SynQor Worldwide Headqu...
PQ60033QPA45 SYNQOR-PQ60033QPA45 Datasheet
563Kb / 14P
   Quarter-brick DC/DC Converter
DQ61212QMA06 SYNQOR-DQ61212QMA06 Datasheet
857Kb / 15P
   Quarter-brick DC/DC Converter
DQ62412QKA02 SYNQOR-DQ62412QKA02 Datasheet
623Kb / 15P
   Quarter-brick DC/DC Converter
logo
Power Mate Technology C...
QAE150 P-DUKE-QAE150_14 Datasheet
1Mb / 4P
   QUARTER-BRICK DC-DC CONVERTER
logo
SynQor Worldwide Headqu...
NQ40X40QGC30 SYNQOR-NQ40X40QGC30 Datasheet
648Kb / 9P
   Quarter-brick DC-DC Converter
PQ60025QPA60 SYNQOR-PQ60025QPA60 Datasheet
537Kb / 14P
   Quarter-brick DC/DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com