Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

2N2945A Fiches technique(PDF) 2 Page - Microsemi Corporation

No de pièce 2N2945A
Description  PNP SILICON SMALL SIGNAL TRANSISTOR
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROSEMI [Microsemi Corporation]
Site Internet  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

2N2945A Fiches technique(HTML) 2 Page - Microsemi Corporation

  2N2945A Datasheet HTML 1Page - Microsemi Corporation 2N2945A Datasheet HTML 2Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2N2944A, 2N2945A, 2N2946A JAN SERIES
ELECTRICAL CHARACTERISTICS (con’t)
Characteristics
Symbol
Min.
Max.
Unit
Emitter-Base Cutoff Current
VEB = 15 Vdc
2N2944A
VEB = 25 Vdc
2N2945A
VEB = 40 Vdc
2N2946A
IEBO
0.1
0.2
0.5
ηAdc
ON CHARACTERISTICS
(2)
Forward-Current Transfer Ratio
IC = 1.0 mAdc, VCE = 0.5 Vdc
2N2944A
2N2945A
2N2946A
hFE
100
70
50
Forward-Current Transfer Ratio
IB = 200 µAdc, VEC = -0.5 Vdc
2N2944A
2N2945A
2N2946A
hFE(INV)
50
30
20
Emitter-Collector Offset Voltage
IB = 200 µAdc, IE = 0
2N2944A
2N2945A
2N2946A
IB = 1.0 mAdc, IE = 0
2N2944A
2N2945A
2N2946A
IB = 2.0 mAdc, IE = 0
2N2944A
2N2945A
2N2946A
VEC(OFS)
0.3
0.5
0.8
0.6
1.0
2.0
1.0
1.6
2.5
mVdc
DYNAMIC CHARACTERISTICS
Emitter-Collector On-State Resistance
IB = 100 µAdc, IE = 0, Ie = 100 µAdc (rms)
2N2944A
f = 1.0 kHz
2N2945A
2N2946A
IB = 1.0 mAdc, IE = 0, Ie = 100 µAdc (rms)
2N2944A
f =1.0 kHz
2N2945A
2N2946A
rec(on)
10
12
14
4.0
6.0
8.0
Magnitude of Small-Signal Forward Current Transfer Ratio
IC = 1.0 mAdc, VCE = 6.0Vdc, f = 1.0 MHz
2N2944A
2N2945A
2N2946A
hfe
15
10
5.0
55
55
55
Output Capacitance
VCB = 6.0 Vdc, IE = 0, 100 kHz ≤ f ≤ 1.0 MHz
Cobo
10
pF
Input Capacitance
VEB = 6.0 Vdc, IC = 0, 100 kHz ≤ f ≤ 1.0 MHz
Cibo
6.0
pF
(2) Pulse Test: Pulse Width = 300
µs, Duty Cycle ≤ 2.0%.
6 Lake Street, Lawrence, MA 01841
1-800-446-1158 / (978) 794-1666 / Fax: (978) 689-0803
120101
Page 2 of 2


Numéro de pièce similaire - 2N2945A

FabricantNo de pièceFiches techniqueDescription
logo
New Jersey Semi-Conduct...
2N2945A NJSEMI-2N2945A Datasheet
97Kb / 1P
   SI PNP LO-PWR BJT
More results

Description similaire - 2N2945A

FabricantNo de pièceFiches techniqueDescription
logo
Fairchild Semiconductor
2N6076 FAIRCHILD-2N6076_1 Datasheet
30Kb / 3P
   SILICON PNP SMALL SIGNAL TRANSISTOR
logo
Microsemi Corporation
2N4261 MICROSEMI-2N4261_1 Datasheet
196Kb / 5P
   PNP SMALL SIGNAL SILICON TRANSISTOR
2N2907AUA MICROSEMI-2N2907AUA Datasheet
68Kb / 2P
   PNP SMALL SIGNAL SILICON TRANSISTOR
2N3485A MICROSEMI-2N3485A Datasheet
55Kb / 2P
   PNP SILICON SMALL SIGNAL TRANSISTOR
logo
Fairchild Semiconductor
2N6076 FAIRCHILD-2N6076 Datasheet
18Kb / 2P
   SILICON PNP SMALL SIGNAL TRANSISTOR
logo
Microsemi Corporation
2N4261 MICROSEMI-2N4261 Datasheet
157Kb / 4P
   PNP SMALL SIGNAL SILICON TRANSISTOR
logo
Zetex Semiconductors
ZTX500 ZETEX-ZTX500 Datasheet
42Kb / 2P
   PNP SILICON PLANAR SMALL SIGNAL TRANSISTOR
logo
Diodes Incorporated
ZTX541 DIODES-ZTX541 Datasheet
46Kb / 2P
   PNP SILICON PLANAR SMALL SIGNAL TRANSISTOR
logo
Micro Electronics
BC556 MICRO-ELECTRONICS-BC556 Datasheet
286Kb / 4P
   PNP SILICON AF SMALL SIGNAL TRANSISTOR
logo
Diodes Incorporated
ZTX500 DIODES-ZTX500 Datasheet
46Kb / 2P
   PNP SILICON PLANAR SMALL SIGNAL TRANSISTOR
More results


Html Pages

1 2


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com