Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CY29976 Fiches technique(PDF) 1 Page - Cypress Semiconductor

No de pièce CY29976
Description  3.3V, 125-MHz, Multi-Output Zero Delay Buffer
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  CYPRESS [Cypress Semiconductor]
Site Internet  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY29976 Fiches technique(HTML) 1 Page - Cypress Semiconductor

  CY29976 Datasheet HTML 1Page - Cypress Semiconductor CY29976 Datasheet HTML 2Page - Cypress Semiconductor CY29976 Datasheet HTML 3Page - Cypress Semiconductor CY29976 Datasheet HTML 4Page - Cypress Semiconductor CY29976 Datasheet HTML 5Page - Cypress Semiconductor CY29976 Datasheet HTML 6Page - Cypress Semiconductor CY29976 Datasheet HTML 7Page - Cypress Semiconductor CY29976 Datasheet HTML 8Page - Cypress Semiconductor CY29976 Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
3.3V, 125-MHz, Multi-Output Zero Delay Buffer
CY29976
Cypress Semiconductor Corporation
3901 North First Street
San Jose
CA 95134
408-943-2600
Document #: 38-07413 Rev. *A
Revised December 27, 2002
76
Features
• Output frequency up to 125 MHz
• Supports PowerPC®, and Pentium® processors
• 12 clock outputs: frequency configurable
• Configurable Output Disable
• Two reference clock inputs for dynamic toggling
• Oscillator or PECL reference input
• Spread spectrum compatible
• Glitch-free output clocks transitioning
• 3.3V power supply
• Pin compatible with SC973X
• Industrial temperature range: –40°C to +85°C
• 52-Pin TQFP package
Note:
1.
x = the reference input frequency, 200MHz < FVCO < 480MHz
.
Table 1. Frequency Table[1]
VC0_SEL
FB_SEL2
FB_SEL1
FB_SEL0
FVCO
0000
8x
0001
12x
0010
16x
0011
20x
0100
8x
0101
12x
0110
16x
0111
20x
1000
4x
1001
6x
1010
8x
1011
10x
1100
4x
1101
6x
1110
8x
1111
10x
Block Diagram
Pin Configuration
VSS
MR#/OE
SCLK
SDATA
FB_SEL2
PLL_EN
REF_SEL
TCLK_SEL
TCLK0
TCLK1
PECL_CLK
PECL_CLK#
VDD
VSS
QB0
VDDC
QB1
VSS
QB2
VDDC
QB3
FB_IN
VSS
FB_O UT
VDDC
FB_SEL0
1
2
3
4
5
6
7
8
9
10
11
12
13
39
38
37
36
35
34
33
32
31
30
29
28
27
14 15 16 17 18 19 20 21 22 23 24 25 26
52 51 50 49 48 47 46 45 44 43 42 41 40
CY29976
REF_SEL
0
1
0
1
Phase
Detector
VCO
LPF
Sync
Frz
D Q
QA0
Sync
Frz
D Q
Sync
Frz
D Q
Sync
Frz
D Q
Sync
Frz
D Q
Sync
Frz
D Q
Power-On
Reset
Output Disable
Circuitry
Data Generator
/2, /6, /4, /12
/2, /6, /4, /10
/8, /2, /6, /4
/4, /6, /8, /10
Sync Pulse
PECL_CLK
PECL_CLK#
TCLK0
TCLK1
TCLK_SEL
FB_IN
MR#/OE
SELA(0,1)
2
SELB(0,1)
2
SELC(0,1)
2
FB_SEL(0:2)
3
SCLK
SDATA
INV_CLK
QA1
QA2
QA3
QB0
QB1
QB2
QB3
QC0
QC1
QC2
QC3
FB_OUT
SYNC
12
VCO_SEL
PLL_EN


Numéro de pièce similaire - CY29976

FabricantNo de pièceFiches techniqueDescription
logo
Cypress Semiconductor
CY29976 CYPRESS-CY29976 Datasheet
279Kb / 9P
   3.3V, 125-MHz, Multi-Output Zero Delay Buffer
CY29976AI CYPRESS-CY29976AI Datasheet
279Kb / 9P
   3.3V, 125-MHz, Multi-Output Zero Delay Buffer
CY29976AXI CYPRESS-CY29976AXI Datasheet
279Kb / 9P
   3.3V, 125-MHz, Multi-Output Zero Delay Buffer
CY29976AXIT CYPRESS-CY29976AXIT Datasheet
279Kb / 9P
   3.3V, 125-MHz, Multi-Output Zero Delay Buffer
CY29976 CYPRESS-CY29976_08 Datasheet
279Kb / 9P
   3.3V, 125-MHz, Multi-Output Zero Delay Buffer
More results

Description similaire - CY29976

FabricantNo de pièceFiches techniqueDescription
logo
Cypress Semiconductor
Z9973 CYPRESS-Z9973 Datasheet
97Kb / 9P
   3.3V, 125-MHz, Multi-Output Zero Delay Buffer
Z9974 CYPRESS-Z9974 Datasheet
93Kb / 7P
   3.3V, 125-MHz, Multi-Output Zero Delay Buffer
CY29972 CYPRESS-CY29972_05 Datasheet
85Kb / 8P
   3.3V, 125-MHz Multi-Output Zero Delay Buffer
CY29976 CYPRESS-CY29976_08 Datasheet
279Kb / 9P
   3.3V, 125-MHz, Multi-Output Zero Delay Buffer
CY29973 CYPRESS-CY29973 Datasheet
164Kb / 8P
   3.3V 125-MHz Multi-Output Zero Delay Buffer
Z9972 CYPRESS-Z9972 Datasheet
87Kb / 9P
   3.3V, 125-MHz, Multi-Output Zero Delay Buffer
CY29973 CYPRESS-CY29973_08 Datasheet
254Kb / 9P
   3.3V 125-MHz Multi-Output Zero Delay Buffer
CY29972 CYPRESS-CY29972 Datasheet
70Kb / 8P
   3.3V, 125-MHz Multi-Output Zero Delay Buffer
CY29653 CYPRESS-CY29653 Datasheet
197Kb / 7P
   3.3V 125-MHz 8-Output Zero Delay Buffer
CY29973 CYPRESS-CY29973_11 Datasheet
438Kb / 10P
   3.3 V 125 MHz Multi-Output Zero Delay Buffer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com