Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼
Nom de la pièce
         Description


ADS5277 Datasheet(Fiches technique) 6 Page - Texas Instruments

Click here to check the latest version.
Numéro de pièce ADS5277
Description  8-Channel, 10-Bit, 65MSPS Analog-to-Digital Converter with Serial LVDS Interface
Télécharger  28 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo 

 6 page
background image
www.ti.com
AC CHARACTERISTICS
ADS5277
SBAS333C – FEBRUARY 2005 – REVISED SEPTEMBER 2005
T
MIN = –40°C and TMAX = +85°C. Typical values are at TA = +25°C, clock frequency = maximum specified, 50% clock duty
cycle, AVDD = 3.3V, LVDD = 3.3V, –1dBFS, I
SET = 56.2kΩ, internal voltage reference, and LVDS buffer at 3.5mA per
channel, unless otherwise noted.
ADS5277
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
DYNAMIC CHARACTERISTICS
fIN = 1MHz
84
dBc
fIN = 5MHz
75
85
dBc
SFDR Spurious-Free Dynamic Range
fIN = 10MHz
84
dBc
fIN = 20MHz
81
dBc
fIN = 1MHz
97
dBc
fIN = 5MHz
82
95
dBc
HD2 2nd-Order Harmonic Distortion
fIN = 10MHz
90
dBc
fIN = 20MHz
84
dBc
fIN = 1MHz
90
dBc
fIN = 5MHz
75
88
dBc
HD3 3rd-Order Harmonic Distortion
fIN = 10MHz
88
dBc
fIN = 20MHz
85
dBc
fIN = 1MHz
61.7
dBFS
fIN = 5MHz
60.5
61.7
dBFS
SNR Signal-to-Noise Ratio
fIN = 10MHz
61.7
dBFS
fIN = 20MHz
61.6
dBFS
fIN = 1MHz
61.7
dBFS
fIN = 5MHz
60.4
61.7
dBFS
SINAD Signal-to-Noise and Distortion
fIN = 10MHz
61.7
dBFS
fIN = 20MHz
61.6
dBFS
ENOB Effective Number of Bits
fIN = 5MHz
9.7
10
Bits
5MHz Full-Scale Signal Applied to 7 Channels;
Crosstalk
–89
dBc
Measurement Taken on the Channel with No Input Signal
f1 = 9.5MHz at –7dBFS
Two-Tone, Third-Order
IMD3
93
dBFS
Intermodulation Distortion
f2 = 10.2MHz at –7dBFS
6




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28 


Datasheet Download



Numéro de composants électroniques

Numéro de pièceDescription des composantsHtml ViewFabricant
ADS52424-Channel 12-Bit 65MSPS Analog-to-Digital Converter with Serial LVDS Interface 1 2 3 4 5 MoreTexas Instruments
ADS52728-Channel 12-Bit 65MSPS ADC with Serial LVDS Interface 1 2 3 4 5 MoreBurr-Brown (TI)
ADS52758-Channel 10-Bit 40MSPS ADC with Serial LVDS Interface 1 2 3 4 5 MoreTexas Instruments
MAX11231.8V 10-Bit 210Msps Analog-to-Digital Converter with LVDS Outputs for Wideband Applications 1 2 3 4 5 MoreMaxim Integrated Products
ADS837016-BIT 600-kHz PSEUDO-DIFFERENTIAL INPUT MICROPOWER SAMPLING ANALOG-TO-DIGITAL CONVERTER WITH SERIAL INTERFACE AND REFERENCE 1 2 3 4 5 MoreBurr-Brown (TI)
MAX12045v 8-cHANNEL sERIAL 10-bIT adc WITH 3v dIGITAL iNTERFACE 1 2 3 4 5 MoreMaxim Integrated Products
ADS52718-Channel 12-Bit 50MSPS ADC with Serial LVDS Interface 1 2 3 4 5 MoreBurr-Brown (TI)
MAX11241.8V 10-Bit 250Msps Analog-to-Digital Converter with LVDS Outputs for Wideband Applications 1 2 3 4 5 MoreMaxim Integrated Products
ADS838018-BIT 600-kHz PSEUDO-DIFFERENTIAL INPUT MICROPOWER SAMPLING ANALOG-TO-DIGITAL CONVERTER WITH SERIAL INTERFACE AND REFERENCE 1 2 3 4 5 MoreBurr-Brown (TI)
ADS51228-Channel 10-Bit 65MSPS 1.8V CMOS ANALOG-TO-DIGITAL CONVERTER 1 2 3 4 5 MoreTexas Instruments

Lien URL

AllDATASHEET vous a-t-il été utile ?   [ DONATE ]  

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Favoris   |   Echange de liens   |   Fabricants
All Rights Reserved © Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl