Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SI1904EDH Fiches technique(PDF) 1 Page - Vishay Siliconix

No de pièce SI1904EDH
Description  DUAL N-CHANNEL 25-V (D-S) MOSFET
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  VISHAY [Vishay Siliconix]
Site Internet  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI1904EDH Fiches technique(HTML) 1 Page - Vishay Siliconix

  SI1904EDH Datasheet HTML 1Page - Vishay Siliconix SI1904EDH Datasheet HTML 2Page - Vishay Siliconix SI1904EDH Datasheet HTML 3Page - Vishay Siliconix SI1904EDH Datasheet HTML 4Page - Vishay Siliconix SI1904EDH Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
FEATURES
D TrenchFETr Power MOSFETS: 2.5-V Rated
D ESD Protected: 1800 V
D Thermally Enhanced SC-70 Package
APPLICATIONS
D Load Switching
D PA Switch
D Level Switch
Si1904EDH
Vishay Siliconix
New Product
Document Number: 71445
S-03929—Rev. B, 21-May-01
www.vishay.com
1
Dual N-Channel 25-V (D-S) MOSFET
PRODUCT SUMMARY
VDS (V)
rDS(on) (W)
ID (A)
0.810 @ VGS = 4.5 V
0.73
25
1.04 @ VGS = 2.5 V
0.65
Marking Code
CB
XX
Lot Traceability
and Date Code
Part # Code
D1
S1
G1
2 k
W
SOT-363
SC-70 (6-LEADS)
6
4
1
2
3
5
Top View
S1
G1
D2
D1
G2
S2
D2
S2
G2
2 k
W
ABSOLUTE MAXIMUM RATINGS (TA = 25_C UNLESS OTHERWISE NOTED)
Parameter
Symbol
5 secs
Steady State
Unit
Drain-Source Voltage
VDS
25
Gate-Source Voltage
VGS
"8
V
_ a
TA = 25_C
0.73
0.64
Continuous Drain Current (TJ = 150_C)a
TA = 85_C
ID
0.53
0.46
Pulsed Drain Current
IDM
2
A
Continuous Diode Current (Diode Conduction)a
IS
0.61
0.48
TA = 25_C
0.74
0.57
Maximum Power Dissipationa
TA = 85_C
PD
0.38
0.30
W
Operating Junction and Storage Temperature Range
TJ, Tstg
–55 to 150
_C
THERMAL RESISTANCE RATINGS
Parameter
Symbol
Typical
Maximum
Unit
t
v 5 sec
130
170
Maximum Junction-to-Ambienta
Steady State
RthJA
170
220
_C/W
Maximum Junction-to-Foot (Drain)
Steady State
RthJF
80
100
C/W
Notes
a.
Surface Mounted on 1” x 1” FR4 Board.


Numéro de pièce similaire - SI1904EDH

FabricantNo de pièceFiches techniqueDescription
logo
Vishay Siliconix
SI1900DL VISHAY-SI1900DL Datasheet
42Kb / 4P
   Dual N-Channel 30-V (D-S) MOSFET
Rev. C, 12-Aug-02
logo
Vishay Telefunken
SI1900DL TFUNK-SI1900DL Datasheet
220Kb / 9P
   Dual N-Channel 30 V (D-S) MOSFET
logo
Vishay Siliconix
SI1900DL VISHAY-SI1900DL Datasheet
223Kb / 9P
   Dual N-Channel 30 V (D-S) MOSFET
01-Jan-2022
SI1900DL VISHAY-SI1900DL_V01 Datasheet
223Kb / 9P
   Dual N-Channel 30 V (D-S) MOSFET
01-Jan-2022
SI1901DL VISHAY-SI1901DL Datasheet
44Kb / 4P
   P-Channel 20-V (D-S) MOSFET
Rev. A, 28-Aug-00
More results

Description similaire - SI1904EDH

FabricantNo de pièceFiches techniqueDescription
logo
Vishay Siliconix
SI4952DY VISHAY-SI4952DY Datasheet
176Kb / 9P
   Dual N-Channel 25-V (D-S) MOSFET
Rev. C, 04-May-09
SI4228DY VISHAY-SI4228DY Datasheet
281Kb / 10P
   Dual N-Channel 25 V (D-S) MOSFET
Rev. A, 03-May-10
logo
VBsemi Electronics Co.,...
8822 VBSEMI-8822 Datasheet
974Kb / 8P
   Dual N-Channel 25-V (D-S) MOSFET
8205 VBSEMI-8205 Datasheet
963Kb / 8P
   Dual N-Channel 25-V (D-S) MOSFET
PJ8205 VBSEMI-PJ8205 Datasheet
963Kb / 8P
   Dual N-Channel 25-V (D-S) MOSFET
logo
Vishay Telefunken
SI4228DY TFUNK-SI4228DY Datasheet
284Kb / 10P
   Dual N-Channel 25 V (D-S) MOSFET
logo
VBsemi Electronics Co.,...
SM8205AOC-TRL VBSEMI-SM8205AOC-TRL Datasheet
965Kb / 8P
   Dual N-Channel 25-V (D-S) MOSFET
SI6926ADQ-T1-GE3 VBSEMI-SI6926ADQ-T1-GE3 Datasheet
965Kb / 8P
   Dual N-Channel 25-V (D-S) MOSFET
UPA1852GR-9JG-A VBSEMI-UPA1852GR-9JG-A Datasheet
965Kb / 8P
   Dual N-Channel 25-V (D-S) MOSFET
logo
Vishay Siliconix
SI4952DY VISHAY-SI4952DY_V01 Datasheet
175Kb / 9P
   Dual N-Channel 25-V (D-S) MOSFET
01-Jan-2022
More results


Html Pages

1 2 3 4 5


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com