Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼
Nom de la pièce
         Description


LM3204 Datasheet(Fiches technique) 5 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Numéro de pièce LM3204
Description  Miniature, Adjustable, Step-Down DC-DC Converter with Bypass Mode for RF Power Amplifiers
Télécharger  16 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricant  NSC [National Semiconductor (TI)]
Site Internet  http://www.national.com
Logo 

 
 5 page
background image
Typical Performance Characteristics (Circuit in Figure 1,PV
IN =VDD = EN = 3.6V, BYP = 0V, TA =
25˚C, unless otherwise noted)
Quiescent Current vs Supply Voltage
(V
CON = 0.267V, FB = 2V, No load)
Shutdown Current vs Temperature
(EN = SW = BYPOUT = V
CON =FB=0V)
20138904
20138905
Switching Frequency Variation vs Temperature
(V
OUT = 1.5V, VCON = 0.5V)
Output Voltage vs Supply Voltage
(V
OUT = 1.5V, VCON = 0.5V)
20138906
20138907
Output Voltage vs Temperature
(V
OUT = 1.5V, VCON = 0.5V)
Output Voltage vs Temperature
(V
IN = 4.2V, VOUT = 3.25V, VCON = 1.08V)
20138908
20138909
www.national.com
5




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16 


Datasheet Download



Numéro de composants électroniques

Numéro de pièceDescription des composantsHtml ViewFabricant
LM3200Miniature Adjustable Step-Down DC-DC Converter with Bypass Mode for RF Power Amplifiers 1 2 3 4 5 MoreNational Semiconductor (TI)
LM2706Miniature Variable Step-Down DC-DC Converter with Bypass for RF Power Amplifiers 1 2 3 4 5 MoreNational Semiconductor (TI)
LM3207650mA Miniature Adjustable Step-Down DC-DC Converter for RF Power Amplifiers with Integrated Vref LDO 1 2 3 4 5 MoreNational Semiconductor (TI)
LM3203Step-Down DC-DC Converter with Bypass Mode for CDMA / WCDMA RF Power Amplifiers 1 2 3 4 5 MoreNational Semiconductor (TI)
LM3205650mA Miniature Adjustable Step-Down DC-DC Converter for RF Power Amplifiers 1 2 3 4 5 MoreNational Semiconductor (TI)
LM3202650mA Miniature Adjustable Step-Down DC-DC Converter for RF Power Amplifiers 1 2 3 4 5 MoreNational Semiconductor (TI)
LM2614400mA Sub-Miniature Adjustable DC-DC Converter Optimized for RF Power Amplifiers 1 2 3 4 5 MoreNational Semiconductor (TI)
TPS51120DUAL CURRENT MODE SYNCHRONOUS STEP-DOWN CONTROLLER WITH 100-mA STANDBY REGULATORS FOR NOTEBOOK SYSTEM POWER 1 2 3 4 5 MoreTexas Instruments
LM3670Miniature Step-Down DC-DC Converter for Ultra Low Voltage Circuits 1 2 3 4 5 MoreNational Semiconductor (TI)
SI9176High Performance Step-Down DC-DC Converter With Adjustable Output Voltage 1 2 3 4 5 MoreVishay Siliconix

Lien URL

AllDATASHEET vous a-t-il été utile ?   [ DONATE ]  

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Favoris   |   Echange de liens   |   Fabricants
All Rights Reserved © Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl