Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

UC62LS1008FC Fiches technique(PDF) 1 Page - List of Unclassifed Manufacturers

No de pièce UC62LS1008FC
Description  Low Power CMOS SRAM 128K x 8 Bits
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ETC1 [List of Unclassifed Manufacturers]
Site Internet  
Logo ETC1 - List of Unclassifed Manufacturers

UC62LS1008FC Fiches technique(HTML) 1 Page - List of Unclassifed Manufacturers

  UC62LS1008FC Datasheet HTML 1Page - List of Unclassifed Manufacturers UC62LS1008FC Datasheet HTML 2Page - List of Unclassifed Manufacturers UC62LS1008FC Datasheet HTML 3Page - List of Unclassifed Manufacturers UC62LS1008FC Datasheet HTML 4Page - List of Unclassifed Manufacturers UC62LS1008FC Datasheet HTML 5Page - List of Unclassifed Manufacturers UC62LS1008FC Datasheet HTML 6Page - List of Unclassifed Manufacturers UC62LS1008FC Datasheet HTML 7Page - List of Unclassifed Manufacturers UC62LS1008FC Datasheet HTML 8Page - List of Unclassifed Manufacturers UC62LS1008FC Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
Low Power CMOS SRAM
128K X 8 Bits
UC62LS1008
-20/-25
Features:
• Vcc operation voltage :
3.0V~ 3.6V
• Low power consumption :
20mA (Max.) operating current
1uA (Typ.) CMOS standby current
• High Speed Access time :
25ns (Max.) at Vcc = 3.0V
• Automatic power down when chip is deselected
• Three state outputs and TTL compatible
• Data retention supply voltage as low as 1.2V
• Easy expansion with CE\ and OE\ options
Description
The UC62LS1008 is a high performance, very low power
CMOS Static Random Access Memory organized as 131,072
words by 8 bits and operates from
3.0V to 3.6V supply
voltage. Advanced CMOS technology and circuit techniques
provide both high speed and low power features with a
typical CMOS standby current of 1uA and maximum access
time of 25ns in 3.0V operation.
Easy memory expansion is provided enable (CE\), and
active LOW output enable (OE\) and three-state output
drivers.
The UC62LS1008 has an automatic power down feature,
reducing the power consumption significantly when chip is
deselected.
The UC62LS1008 is available in the JEDEC standard 32 pin
450mil
Plastic SOP,
8mmx20.0mm
TSOP (type I), and
8mmx13.4mm STSOP.
PRODUCT FAMILY
Power Consumption
Speed
(ns)
STANDBY
Operating
Product Family
Operating
Tempature
Vcc Range
Vcc=3V(Max.)
Vcc=3.3V(Typ.)
Vcc=3.6V(Max.)
Package
Type
UC62LS1008HC
TSOP-32
UC62LS1008FC
SOP-32
UC62LS1008GC
STSOP-32
UC62LS1008AC
0℃ ~ 70℃
3.0V ~ 3.6V
20/25
1uA
20mA
DICE
UC62LS1008HI
TSOP-32
UC62LS1008FI
SOP-32
UC62LS1008GI
STSOP-32
UC62LS1008AI
-40℃ ~ 85℃
3.0V ~ 3.6V
20/25
1uA
20mA
DICE
PIN CONFIGURATIONS
A14
1
A12
2
A7
3
A6
4
A5
5
A4
6
A3
7
A2
8
A1
9
A0
10
DQ0
11
DQ1
12
DQ2
13
GND
14
VCC
28
WE
27
A13
26
A8
25
A9
24
A11
23
OE
22
A10
21
CE
20
DQ7
19
DQ6
18
DQ5
17
DQ4
16
DQ3
15
11
12
13
14
16
15
UC62LS1008HC
29
30
31
32
UC62LS1008FI
A15
NC
A16
1
2
3
4
5
6
7
8
9
10
A0
DQ0
DQ1
DQ2
GND
A14
A12
A7
A6
A5
A4
A3
A2
A1
A16
CE2
VCC
WE
A13
A8
A9
A11
OE
A10
CE
DQ7
DQ6
DQ5
DQ4
DQ3
A15
NC
CE2
UC62LS1008GI
17
18
19
20
21
22
23
24
25
26
27
29
28
31
32
30
UC62LS1008FC
UC62LS1008HI
UC62LS1008GC
BLOCK DIAGRAM
MEMORY ARRAY
128K X 8 Bits
COLUMN DECODER
SENSE AMPLIFIER
&
WRITE DRIVER
I/O BUFFER
X8
COL
Address
ROW
Address
CE
WE
OE
CE
WE
OE
CE2
U-Chip Technology Corp. LTD.
Preliminary
Rev. 1.0
Reserves the right to modify document contents without notice.
PAGE
1


Numéro de pièce similaire - UC62LS1008FC

FabricantNo de pièceFiches techniqueDescription
logo
List of Unclassifed Man...
UC62LS2008 ETC1-UC62LS2008 Datasheet
540Kb / 11P
   Low Power CMOS SRAM 256K X 8 Bits
UC62LS2008AC ETC1-UC62LS2008AC Datasheet
540Kb / 11P
   Low Power CMOS SRAM 256K X 8 Bits
UC62LS2008AI ETC1-UC62LS2008AI Datasheet
540Kb / 11P
   Low Power CMOS SRAM 256K X 8 Bits
UC62LS2008FC ETC1-UC62LS2008FC Datasheet
540Kb / 11P
   Low Power CMOS SRAM 256K X 8 Bits
UC62LS2008FI ETC1-UC62LS2008FI Datasheet
540Kb / 11P
   Low Power CMOS SRAM 256K X 8 Bits
More results

Description similaire - UC62LS1008FC

FabricantNo de pièceFiches techniqueDescription
logo
Integrated Circuit Solu...
IC62C1024AL ICSI-IC62C1024AL Datasheet
142Kb / 9P
   128K x 8 Low Power CMOS SRAM
logo
List of Unclassifed Man...
UC62LS2008 ETC1-UC62LS2008 Datasheet
540Kb / 11P
   Low Power CMOS SRAM 256K X 8 Bits
logo
Mosel Vitelic, Corp
V62C2801024L MOSEL-V62C2801024L Datasheet
92Kb / 10P
   Ultra Low Power 128K x 8 CMOS SRAM
logo
Lyontek Inc.
LY62L1024_1012 LYONTEK-LY62L1024_1012 Datasheet
345Kb / 16P
   128K X 8 BIT LOW POWER CMOS SRAM
LY621024_1008 LYONTEK-LY621024_1008 Datasheet
346Kb / 16P
   128K X 8 BIT LOW POWER CMOS SRAM
logo
Alliance Semiconductor ...
AS6C1008-55PCN ALSC-AS6C1008-55PCN Datasheet
2Mb / 14P
   128K X 8 BIT LOW POWER CMOS SRAM
logo
Lyontek Inc.
LY62W1024 LYONTEK-LY62W1024 Datasheet
236Kb / 16P
   128K X 8 BIT LOW POWER CMOS SRAM
LY62L1024 LYONTEK-LY62L1024_16 Datasheet
812Kb / 18P
   128K X 8 BIT LOW POWER CMOS SRAM
logo
List of Unclassifed Man...
UC62LS4008 ETC1-UC62LS4008 Datasheet
532Kb / 11P
   Low Power CMOS SRAM 512K X 8 Bits
UT621024 ETC-UT621024 Datasheet
205Kb / 12P
   128K X 8 BIT LOW POWER CMOS SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com