Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

IRF1404Z Fiches technique(PDF) 1 Page - International Rectifier

No de pièce IRF1404Z
Description  Advanced Process Technology
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  IRF [International Rectifier]
Site Internet  http://www.irf.com
Logo IRF - International Rectifier

IRF1404Z Fiches technique(HTML) 1 Page - International Rectifier

  IRF1404Z Datasheet HTML 1Page - International Rectifier IRF1404Z Datasheet HTML 2Page - International Rectifier IRF1404Z Datasheet HTML 3Page - International Rectifier IRF1404Z Datasheet HTML 4Page - International Rectifier IRF1404Z Datasheet HTML 5Page - International Rectifier IRF1404Z Datasheet HTML 6Page - International Rectifier IRF1404Z Datasheet HTML 7Page - International Rectifier IRF1404Z Datasheet HTML 8Page - International Rectifier IRF1404Z Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
8/28/03
www.irf.com
1
AUTOMOTIVE MOSFET
PD - 94634A
HEXFET® Power MOSFET
VDSS = 40V
RDS(on) = 3.7mΩ
ID = 75A
Specifically designed for Automotive applications,
this HEXFET® Power MOSFET utilizes the latest
processing techniques to achieve extremely low on-
resistance per silicon area. Additional features of
this design are a 175°C junction operating tempera-
ture, fast switching speed and improved repetitive
avalanche rating . These features combine to make
this design an extremely efficient and reliable device
for use in Automotive applications and a wide variety
of other applications.
S
D
G
Description
Advanced Process Technology
Ultra Low On-Resistance
175°C Operating Temperature
Fast Switching
Repetitive Avalanche Allowed up to Tjmax
Features
IRF1404Z
IRF1404ZS
IRF1404ZL
D2Pak
IRF1404ZS
TO-220AB
IRF1404Z
TO-262
IRF1404ZL
Absolute Maximum Ratings
Parameter
Units
ID @ TC = 25°C Continuous Drain Current, VGS @ 10V (Silicon Limited)
ID @ TC = 100°C Continuous Drain Current, VGS @ 10V
A
ID @ TC = 25°C Continuous Drain Current, VGS @ 10V (Package Limited)
IDM
Pulsed Drain Current
™
PD @TC = 25°C Power Dissipation
W
Linear Derating Factor
W/°C
VGS
Gate-to-Source Voltage
V
EAS (Thermally limited) Single Pulse Avalanche Energyd
mJ
EAS (Tested )
Single Pulse Avalanche Energy Tested Value
h
IAR
Avalanche Current
Ù
A
EAR
Repetitive Avalanche Energy
g
mJ
TJ
Operating Junction and
TSTG
Storage Temperature Range
°C
Soldering Temperature, for 10 seconds
Mounting Torque, 6-32 or M3 screw
i
Thermal Resistance
Parameter
Typ.
Max.
Units
RθJC
Junction-to-Case
–––
0.65
°C/W
RθCS
Case-to-Sink, Flat Greased Surface
i
0.50
–––
RθJA
Junction-to-Ambient
i
–––
62
RθJA
Junction-to-Ambient (PCB Mount)
j
–––
40
480
320
See Fig.12a, 12b, 15, 16
220
1.5
± 20
Max.
190
130
750
75
-55 to + 175
300 (1.6mm from case )
10 lbf
yin (1.1Nym)


Numéro de pièce similaire - IRF1404Z

FabricantNo de pièceFiches techniqueDescription
logo
International Rectifier
IRF1404Z IRF-IRF1404Z Datasheet
329Kb / 12P
   AUTOMOTIVE MOSFET
logo
Kersemi Electronic Co.,...
IRF1404Z KERSEMI-IRF1404Z Datasheet
4Mb / 12P
   AUTOMOTIVE MOSFET Advanced Process Technology
logo
International Rectifier
IRF1404Z IRF-IRF1404Z Datasheet
294Kb / 12P
   Advanced Process Technology
logo
Guangdong Kexin Industr...
IRF1404Z KEXIN-IRF1404Z Datasheet
2Mb / 6P
   N-Channel MOSFET
logo
Inchange Semiconductor ...
IRF1404Z ISC-IRF1404Z Datasheet
338Kb / 2P
   N-Channel MOSFET Transistor
More results

Description similaire - IRF1404Z

FabricantNo de pièceFiches techniqueDescription
logo
International Rectifier
IRF3205STRR IRF-IRF3205STRR Datasheet
618Kb / 11P
   Advanced Process Technology
IRF3205ZSTRLPBF IRF-IRF3205ZSTRLPBF Datasheet
385Kb / 12P
   Advanced Process Technology
IRL2203NSTRLPBF IRF-IRL2203NSTRLPBF Datasheet
295Kb / 10P
   Advanced Process Technology
logo
Kersemi Electronic Co.,...
IRF640NS KERSEMI-IRF640NS Datasheet
1Mb / 11P
   Advanced Process Technology
IRFR48Z KERSEMI-IRFR48Z_15 Datasheet
1Mb / 12P
   Advanced Process Technology
IRLR2905Z KERSEMI-IRLR2905Z Datasheet
1Mb / 11P
   Advanced Process Technology
IRFZ24N KERSEMI-IRFZ24N Datasheet
741Kb / 8P
   Advanced Process Technology
IRFZ44N KERSEMI-IRFZ44N Datasheet
700Kb / 8P
   Advanced Process Technology
logo
International Rectifier
IRF1104SPBF IRF-IRF1104SPBF_15 Datasheet
272Kb / 11P
   Advanced Process Technology
IRF1405SPBF IRF-IRF1405SPBF_15 Datasheet
313Kb / 11P
   Advanced Process Technology
IRF2204PBF IRF-IRF2204PBF_15 Datasheet
263Kb / 9P
   Advanced Process Technology
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com