Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

2SD2220 Fiches technique(PDF) 1 Page - Panasonic Semiconductor

No de pièce 2SD2220
Description  Silicon NPN triple diffusion planar type Darlington(For low-frequency amplification)
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PANASONIC [Panasonic Semiconductor]
Site Internet  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

2SD2220 Fiches technique(HTML) 1 Page - Panasonic Semiconductor

  2SD2220 Datasheet HTML 1Page - Panasonic Semiconductor 2SD2220 Datasheet HTML 2Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1
Power Transistors
2SD2220
Silicon NPN triple diffusion planar type Darlington
For low-frequency amplification
s Features
q
Suitable for the driver circuit of a motor, a printer hammer and
like that, since this transistor is designed for the high forward
current transfer ratio hFE
q
A shunt resistor is omitted from the driver
q
Allowing supply with the radial taping
s Absolute Maximum Ratings (T
C=25˚C)
Parameter
Collector to base voltage
Collector to emitter voltage
Emitter to base voltage
Peak collector current
Collector current
Collector power dissipation (TC=25°C)
Junction temperature
Storage temperature
Symbol
VCBO
VCEO
VEBO
ICP
IC
PC
Tj
Tstg
Ratings
100
80
5
1.5
1
1.5
150
–55 to +150
Unit
V
V
V
A
A
W
˚C
˚C
s Electrical Characteristics (T
C=25˚C)
Parameter
Collector cutoff current
Emitter cutoff current
Collector to base voltage
Collector to emitter voltage
Emitter to base voltage
Forward current transfer ratio
Collector to emitter saturation voltage
Base to emitter saturation voltage
Transition frequency
Symbol
ICBO
IEBO
VCBO
VCEO
VEBO
hFE
*
VCE(sat)
VBE(sat)
fT
Conditions
VCB = 25V, IE = 0
VEB = 4V, IC = 0
IC = 100µA, IE = 0
IC = 1mA, IB = 0
IE = 100µA, IC = 0
VCE = 10V, IC = 1A
IC = 1A, IB = 1mA
IC = 1A, IB = 1mA
VCB = 10V, IE = –50mA, f = 200MHz
min
100
80
5
4000
typ
150
max
100
100
20000
1.8
2.2
Unit
nA
nA
V
V
V
V
V
MHz
*h
FE Rank classification
Rank
Q
R
hFE
4000 to 10000 8000 to 20000
Unit: mm
Internal Connection
1:Emitter
2:Collector
3:Base
MT3 Type Package
7.5
±0.2
4.5
±0.2
90
°
0.8C
0.8C
0.4
±0.1
0.8C
123
0.5
±0.1
0.7
±0.1
1.0
±0.1
0.85
±0.1
0.65
±0.1
0.7
±0.1
2.5
±0.2
2.5
±0.2
2.05
±0.2
B
E
C


Numéro de pièce similaire - 2SD2220

FabricantNo de pièceFiches techniqueDescription
logo
Panasonic Semiconductor
2SD2222 PANASONIC-2SD2222 Datasheet
72Kb / 3P
   Silicon NPN triple diffusion planar type Darlington(For power amplification)
logo
Savantic, Inc.
2SD2222 SAVANTIC-2SD2222 Datasheet
114Kb / 3P
   Silicon NPN Power Transistors
logo
Quanzhou Jinmei Electro...
2SD2222 JMNIC-2SD2222 Datasheet
89Kb / 3P
   Silicon NPN Power Transistors
logo
Inchange Semiconductor ...
2SD2222 ISC-2SD2222 Datasheet
136Kb / 3P
   Silicon NPN Power Transistors
logo
Savantic, Inc.
2SD2222 SAVANTIC-2SD2222 Datasheet
115Kb / 3P
   Silicon NPN Power Transistors
More results

Description similaire - 2SD2220

FabricantNo de pièceFiches techniqueDescription
logo
Panasonic Semiconductor
2SD2255 PANASONIC-2SD2255 Datasheet
55Kb / 3P
   Silicon NPN triple diffusion planar type Darlington For power amplification
2SD1275 PANASONIC-2SD1275 Datasheet
62Kb / 2P
   Silicon NPN triple diffusion planar type Darlington(For power amplification)
2SD1276 PANASONIC-2SD1276 Datasheet
62Kb / 2P
   Silicon NPN triple diffusion planar type Darlington(For power amplification)
2SD2138 PANASONIC-2SD2138 Datasheet
61Kb / 2P
   Silicon NPN triple diffusion planar type Darlington(For power amplification)
2SD2250 PANASONIC-2SD2250 Datasheet
57Kb / 3P
   Silicon NPN triple diffusion planar type Darlington(For power amplification)
2SD2273 PANASONIC-2SD2273 Datasheet
56Kb / 3P
   Silicon NPN triple diffusion planar type Darlington(For power amplification)
2SD1260 PANASONIC-2SD1260 Datasheet
64Kb / 2P
   Silicon NPN triple diffusion planar type Darlington(For power amplification)
2SD1446 PANASONIC-2SD1446 Datasheet
63Kb / 2P
   Silicon NPN triple diffusion planar type Darlington(For power amplification)
2SD1895 PANASONIC-2SD1895 Datasheet
54Kb / 3P
   Silicon NPN triple diffusion planar type Darlington(For power amplification)
2SD2222 PANASONIC-2SD2222 Datasheet
72Kb / 3P
   Silicon NPN triple diffusion planar type Darlington(For power amplification)
More results


Html Pages

1 2


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com