Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STD95N04 Fiches technique(PDF) 5 Page - STMicroelectronics

No de pièce STD95N04
Description  N-CHANNEL 40V - 5.4mohm - 80A - DPAK - TO-220 STripFET Power MOSFET
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STD95N04 Fiches technique(HTML) 5 Page - STMicroelectronics

  STD95N04 Datasheet HTML 1Page - STMicroelectronics STD95N04 Datasheet HTML 2Page - STMicroelectronics STD95N04 Datasheet HTML 3Page - STMicroelectronics STD95N04 Datasheet HTML 4Page - STMicroelectronics STD95N04 Datasheet HTML 5Page - STMicroelectronics STD95N04 Datasheet HTML 6Page - STMicroelectronics STD95N04 Datasheet HTML 7Page - STMicroelectronics STD95N04 Datasheet HTML 8Page - STMicroelectronics STD95N04 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
STD95N04 - STP95N04
2 Electrical characteristics
5/14
2.1
Electrical characteristics (curves)
Figure 1.
Safe Operating Area
Figure 2.
Thermal Impedance
Figure 3.
Output Characteristics
Figure 4.
Transfer Characteristics
Figure 5.
Static Drain-source on Resistance
Figure 6.
Normalized BVDSS vs Temperature


Numéro de pièce similaire - STD95N04

FabricantNo de pièceFiches techniqueDescription
logo
STMicroelectronics
STD95N2LH5 STMICROELECTRONICS-STD95N2LH5 Datasheet
342Kb / 15P
   N-channel 25 V - 0.0038 廓 - 80 A - DPAK - IPAK STripFET??V Power MOSFET
STD95N2LH5 STMICROELECTRONICS-STD95N2LH5 Datasheet
351Kb / 15P
   N-channel 25 V, 0.0038 廓, 80 A - DPAK - IPAK STripFET??V Power MOSFET
STD95N2LH5 STMICROELECTRONICS-STD95N2LH5 Datasheet
619Kb / 17P
   N-channel 25 V, 0.0038 廓, 80 A, DPAK, IPAK, TO-220 STripFET??V Power MOSFET
STD95N2LH5 STMICROELECTRONICS-STD95N2LH5_08 Datasheet
351Kb / 15P
   N-channel 25 V, 0.0038 廓, 80 A - DPAK - IPAK STripFET??V Power MOSFET
STD95N2LH5 STMICROELECTRONICS-STD95N2LH5_10 Datasheet
619Kb / 17P
   N-channel 25 V, 0.0038 廓, 80 A, DPAK, IPAK, TO-220 STripFET??V Power MOSFET
More results

Description similaire - STD95N04

FabricantNo de pièceFiches techniqueDescription
logo
STMicroelectronics
STD95N4F3 STMICROELECTRONICS-STD95N4F3 Datasheet
336Kb / 14P
   N-channel 40V - 5.4mOHM - 80A - DPAK - TO-220 - IPAK STripFET TM Power MOSFET
STD95N4F3 STMICROELECTRONICS-STD95N4F3_07 Datasheet
465Kb / 14P
   N-channel 40V - 5.4m廓 - 80A - DPAK - TO-220 - IPAK STripFET??Power MOSFET
STD90N4F3 STMICROELECTRONICS-STD90N4F3 Datasheet
343Kb / 14P
   N-channel 40V - 5.4m廓 - 80A - DPAK - TO-220 - IPAK STripFET??Power MOSFET
STP80NF55L-06 STMICROELECTRONICS-STP80NF55L-06 Datasheet
83Kb / 8P
   N - CHANNEL 55V - 0.005 ohm - 80A TO-220 STripFET POWER MOSFET
STP80NF55-06 STMICROELECTRONICS-STP80NF55-06 Datasheet
48Kb / 6P
   N - CHANNEL 55V - 0.005ohm - 80A TO-220/TO-220FP STripFET POWER MOSFET
STP80NF03L-04 STMICROELECTRONICS-STP80NF03L-04 Datasheet
49Kb / 6P
   N-CHANNEL 30V - 0.0034 ohm - 80A TO-220 STripFET POWER MOSFET
STP80NF03L STMICROELECTRONICS-STP80NF03L Datasheet
214Kb / 8P
   N-CHANNEL 30V - 0.004 - 80A TO-220 STripFET II MOSFET
January 2004
STP80NF12 STMICROELECTRONICS-STP80NF12_07 Datasheet
247Kb / 12P
   N-channel 120V - 0.013ohm - 80A - TO-220 STripFET TM II Power MOSFET
STP80NF55L-08 STMICROELECTRONICS-STP80NF55L-08 Datasheet
320Kb / 8P
   N-CHANNEL 55V - 0.0065ohm - 80A - TO-220/D2PAK STripFET??II POWER MOSFET
STD110NH02L STMICROELECTRONICS-STD110NH02L_06 Datasheet
463Kb / 15P
   N-channel 24V - 0.0044ohm - 80A - DPAK STripFET TM III Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com