Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

2SD1979 Fiches technique(PDF) 2 Page - Panasonic Semiconductor

No de pièce 2SD1979
Description  Silicon NPN epitaxial planer type(For low-voltage output amplification)
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PANASONIC [Panasonic Semiconductor]
Site Internet  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

2SD1979 Fiches technique(HTML) 2 Page - Panasonic Semiconductor

  2SD1979 Datasheet HTML 1Page - Panasonic Semiconductor 2SD1979 Datasheet HTML 2Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2
Transistor
2SD1979
PC — Ta
IC — VCE
IC — VBE
VCE(sat) — IC
hFE — IC
fT — IE
Cob — VCB
0
160
40
120
80
140
20
100
60
0
240
200
160
120
80
40
Ambient temperature Ta (˚C)
012
10
8
26
4
0
24
20
16
12
8
4
Ta=25˚C
I
B=10µA
1
µA
2
µA
3
µA
4
µA
5
µA
6
µA
7
µA
8
µA
9
µA
Collector to emitter voltage V
CE
(V)
01.2
1.0
0.8
0.2
0.6
0.4
0
120
100
80
60
40
20
V
CE=2V
Ta=75˚C
–25˚C
25˚C
Base to emitter voltage V
BE
(V)
0.1
1
10
100
0.3
3
30
0.001
0.003
0.01
0.03
0.1
0.3
1
3
10
I
C/IB=10
25˚C
–25˚C
Ta=75˚C
Collector current I
C
(mA)
1
10
100
1000
3
30
300
0
2400
2000
1600
1200
800
400
V
CE=2V
Ta=75˚C
25˚C
–25˚C
Collector current I
C
(mA)
–1
–3
–10
–30
–100
0
120
100
80
60
40
20
V
CB=6V
Ta=25˚C
Emitter current I
E
(mA)
1
3
10
30
100
0
12
10
8
6
4
2
f=1MHz
I
E=0
Ta=25˚C
Collector to base voltage V
CB
(V)


Numéro de pièce similaire - 2SD1979

FabricantNo de pièceFiches techniqueDescription
logo
Guangdong Kexin Industr...
2SD1979 KEXIN-2SD1979 Datasheet
47Kb / 1P
   Silicon NPN Epitaxial Planar Type
logo
New Jersey Semi-Conduct...
2SD1979 NJSEMI-2SD1979 Datasheet
145Kb / 1P
   Silicon NPN epitaxial planar type
More results

Description similaire - 2SD1979

FabricantNo de pièceFiches techniqueDescription
logo
Panasonic Semiconductor
2SD1330 PANASONIC-2SD1330 Datasheet
42Kb / 2P
   Silicon NPN epitaxial planer type(For low-voltage output amplification)
2SD1328 PANASONIC-2SD1328 Datasheet
39Kb / 2P
   Silicon NPN epitaxial planer type(For low-voltage output amplification)
2SD1302 PANASONIC-2SD1302 Datasheet
41Kb / 2P
   Silicon NPN epitaxial planer type(For low-voltage output amplification)
2SD1996 PANASONIC-2SD1996 Datasheet
43Kb / 2P
   Silicon NPN epitaxial planer type(For low-voltage output amplification)
2SD2210 PANASONIC-2SD2210 Datasheet
42Kb / 2P
   Silicon NPN epitaxial planer type(For low-voltage output amplification)
2SD2074 PANASONIC-2SD2074 Datasheet
44Kb / 2P
   Silicon NPN epitaxial planer type(For low-frequency output amplification)
2SD2177 PANASONIC-2SD2177 Datasheet
59Kb / 2P
   Silicon NPN epitaxial planer type(For low-frequency output amplification)
2SD2177A PANASONIC-2SD2177A Datasheet
39Kb / 2P
   Silicon NPN epitaxial planer type(For low-frequency output amplification)
2SD592 PANASONIC-2SD592 Datasheet
46Kb / 3P
   Silicon NPN epitaxial planer type(For low-frequency output amplification)
2SC4391 PANASONIC-2SC4391 Datasheet
39Kb / 2P
   Silicon NPN epitaxial planer type(For low-frequency output amplification)
More results


Html Pages

1 2


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com