Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

NCV8504 Fiches technique(PDF) 3 Page - ON Semiconductor

No de pièce NCV8504
Description  Micropower 400 mA LDO Linear Regulators with DELAY, Adjustable RESET, and General Use Comparator
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ONSEMI [ON Semiconductor]
Site Internet  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCV8504 Fiches technique(HTML) 3 Page - ON Semiconductor

  NCV8504 Datasheet HTML 1Page - ON Semiconductor NCV8504 Datasheet HTML 2Page - ON Semiconductor NCV8504 Datasheet HTML 3Page - ON Semiconductor NCV8504 Datasheet HTML 4Page - ON Semiconductor NCV8504 Datasheet HTML 5Page - ON Semiconductor NCV8504 Datasheet HTML 6Page - ON Semiconductor NCV8504 Datasheet HTML 7Page - ON Semiconductor NCV8504 Datasheet HTML 8Page - ON Semiconductor NCV8504 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
NCV8504 Series
http://onsemi.com
3
MAXIMUM RATINGS*
{
Rating
Value
Unit
VIN (DC)
−15 to 45
V
Peak Transient Voltage (46 V Load Dump @ VIN = 14 V)
60
V
Operating Voltage
45
V
VOUT (DC)
16
V
Voltage Range (RESET, FLAG, RADJ, DELAY)
−0.3 to 10
V
Input Voltage Range
MON
VADJ
−0.3 to 10
−0.3 to 16
V
V
ESD Susceptibility
(Human Body Model)
(Machine Model)
4.0
200
kV
V
Junction Temperature, TJ
−40 to +150
°C
Storage Temperature, TS
−55 to 150
°C
Package Thermal Resistance, SOW−16 E PAD:
Junction−to−Case, RθJC
Junction−to−Ambient, RθJA
16
57
°C/W
°C/W
Lead Temperature Soldering:
Reflow: (SMD styles only) (Note 1)
240 peak (Note 2)
°C
1. 60 second maximum above 183
°C.
2. −5
°C/+0°C allowable conditions.
*The maximum package power dissipation must be observed.
†During the voltage range which exceeds the maximum tested voltage of VIN, operation is assured, but not specified. Wider limits may apply.
Thermal dissipation must be observed closely.
ELECTRICAL CHARACTERISTICS (IOUT = 1.0 mA, −40°C ≤ TJ ≤ 150°C; VIN = dependent on voltage option (Note 3);
unless otherwise specified.)
Characteristic
Test Conditions
Min
Typ
Max
Unit
Output Stage
Output Voltage for 2.5 V Option
(VO)
6.5 V < VIN < 16 V, 1.0 mA ≤ IOUT ≤ 400 mA
4.5 V < VIN < 26 V, 1.0 mA ≤ IOUT ≤ 400 mA
2.450
2.425
2.5
2.5
2.550
2.575
V
V
Output Voltage for 3.3 V Option
(VO)
7.3 V < VIN < 16 V, 1.0 mA ≤ IOUT ≤ 400 mA
4.5 V < VIN < 26 V, 1.0 mA ≤ IOUT ≤ 400 mA
3.234
3.201
3.3
3.3
3.366
3.399
V
V
Output Voltage for 5.0 V Option
(VO)
9.0 V < VIN < 16 V, 1.0 mA ≤ IOUT ≤ 400 mA
6.0 V < VIN < 26 V, 1.0 mA ≤ IOUT ≤ 400 mA
4.90
4.85
5.0
5.0
5.10
5.15
V
V
Output Voltage for Adjustable Option
(VO)
VOUT = VADJ (Unity Gain)
6.5 V < VIN < 16 V, 1.0 mA < IOUT < 400 mA
4.5 V < VIN < 26 V, 1.0 mA < IOUT < 400 mA
1.274
1.261
1.300
1.306
1.326
1.339
V
V
Dropout Voltage (VIN − VOUT)
(5.0 V and Adj. > 5.0 V Options Only)
IOUT = 400 mA
IOUT = 1.0 mA
400
30
600
150
mV
mV
Load Regulation
VIN = 14 V, 5.0 mA ≤ IOUT ≤ 400 mA
−30
5.0
30
mV
Line Regulation (2.5 V, 3.3 V, and
Adjustable Options)
4.5 V < VIN < 26 V, IOUT = 1.0 mA
5.0
25
mV
Line Regulation (5.0 V Option)
6.0 V < VIN < 26 V, IOUT = 1.0 mA
5.0
25
mV
Quiescent Current, (IQ) Active Mode
IOUT = 100 µA, VIN = 12 V, Delay = 3.0 V, MON = 3.0 V
IOUT = 75 mA, VIN = 14 V, Delay = 3.0 V, MON = 3.0 V
IOUT ≤ 400 mA, VIN = 14 V, Delay = 3.0 V, MON = 3.0 V
100
2.5
25
150
5.0
45
µA
mA
mA
Current Limit
425
800
mA
Short Circuit Output Current
VOUT = 0 V
100
500
mA
Thermal Shutdown
(Guaranteed by Design)
150
180
°C
3. Voltage range specified in the Output Stage of the Electrical Characteristics in boldface type.


Numéro de pièce similaire - NCV8504

FabricantNo de pièceFiches techniqueDescription
logo
ON Semiconductor
NCV8504 ONSEMI-NCV8504 Datasheet
178Kb / 12P
   Micropower 400 mA LDO Linear Regulators with DELAY, Adjustable RESET, and General Use Comparator
February, 2007 ??Rev. 17
NCV8504 ONSEMI-NCV8504 Datasheet
3Mb / 4P
   AC-DC Offline Switching Controllers/Regulators
Rev.0, Jun-2005
NCV8504PW25 ONSEMI-NCV8504PW25 Datasheet
178Kb / 12P
   Micropower 400 mA LDO Linear Regulators with DELAY, Adjustable RESET, and General Use Comparator
February, 2007 ??Rev. 17
NCV8504PW25G ONSEMI-NCV8504PW25G Datasheet
178Kb / 12P
   Micropower 400 mA LDO Linear Regulators with DELAY, Adjustable RESET, and General Use Comparator
February, 2007 ??Rev. 17
NCV8504PW25G ONSEMI-NCV8504PW25G Datasheet
151Kb / 12P
   Micropower 400 mA LDO Linear Regulators
May, 2010 ??Rev. 22
More results

Description similaire - NCV8504

FabricantNo de pièceFiches techniqueDescription
logo
ON Semiconductor
NCV8504 ONSEMI-NCV8504_07 Datasheet
178Kb / 12P
   Micropower 400 mA LDO Linear Regulators with DELAY, Adjustable RESET, and General Use Comparator
February, 2007 ??Rev. 17
NCV8503 ONSEMI-NCV8503 Datasheet
106Kb / 14P
   Micropower 400 mA LDO Linear Regulators with ENABLE, DELAY, Adjustable RESET, and General Use Comparator
January, 2004 ??Rev. 14
NCV8503 ONSEMI-NCV8503_07 Datasheet
186Kb / 13P
   Micropower 400 mA LDO Linear Regulators with ENABLE, DELAY, Adjustable RESET, and General Use Comparator
February, 2007 ??Rev. 19
NCV8506 ONSEMI-NCV8506_07 Datasheet
156Kb / 12P
   Micropower 400 mA LDO Linear Regulators with DELAY and RESET
February, 2007 ??Rev. 7
NCV8506 ONSEMI-NCV8506 Datasheet
75Kb / 12P
   Micropower 400 mA LDO Linear Regulators with DELAY and RESET
January, 2004 ??Rev. 3
NCV8505 ONSEMI-NCV8505 Datasheet
76Kb / 12P
   Micropower 400 mA LDO Linear Regulators with ENABLE, DELAY, and RESET
January, 2004 ??Rev. 3
NCV8505 ONSEMI-NCV8505_07 Datasheet
164Kb / 12P
   Micropower 400 mA LDO Linear Regulators with ENABLE, DELAY, and RESET
February, 2007 ??Rev. 8
NCV8502 ONSEMI-NCV8502_07 Datasheet
198Kb / 15P
   Micropower 150 mA LDO Linear Regulators with DELAY, Adjustable RESET, and Monitor FLAG
February, 2007 ??Rev. 26
NCV8502 ONSEMI-NCV8502 Datasheet
114Kb / 14P
   Micropower 150 mA LDO Linear Regulators with DELAY, Adjustable RESET, and Monitor FLAG
June, 2004 ??Rev. 19
NCV8504 ONSEMI-NCV8504_10 Datasheet
151Kb / 12P
   Micropower 400 mA LDO Linear Regulators
May, 2010 ??Rev. 22
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com