Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

2SD1539A Fiches technique(PDF) 2 Page - Panasonic Semiconductor

No de pièce 2SD1539A
Description  Silicon NPN epitaxial planar type(For low-voltage switching)
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PANASONIC [Panasonic Semiconductor]
Site Internet  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

2SD1539A Fiches technique(HTML) 2 Page - Panasonic Semiconductor

  2SD1539A Datasheet HTML 1Page - Panasonic Semiconductor 2SD1539A Datasheet HTML 2Page - Panasonic Semiconductor 2SD1539A Datasheet HTML 3Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2
Power Transistors
2SD1539, 2SD1539A
PC —Ta
IC —VCE
VCE(sat) —IC
VBE(sat) —IC
hFE —IC
fT —IC
ton, tstg, tf — IC
Area of safe operation (ASO)
0
150
125
100
25
75
50
0
40
30
10
25
35
20
5
15
(1) T
C=Ta
(2) With a 100
× 100 × 2mm
Al heat sink
(3) With a 50
× 50 × 2mm
Al heat sink
(4) Without heat sink
(P
C=2W)
(1)
(2)
(3)
(4)
Ambient temperature Ta (˚C)
012
10
8
26
4
0
6
5
4
3
2
1
T
C=25˚C
I
B=60mA
50mA
40mA
30mA
20mA
10mA
5mA
Collector to emitter voltage V
CE
(V)
0.01
0.1
1
10
0.03
0.3
3
0.01
0.03
0.1
0.3
1
3
10
30
100
I
C/IB=10
T
C=100˚C
25˚C
–25˚C
Collector current I
C
(A)
0.01
0.1
1
10
0.03
0.3
3
0.01
0.03
0.1
0.3
1
3
10
30
100
I
C/IB=10
T
C=–25˚C
25˚C
100˚C
Collector current I
C
(A)
0.1
1
10
100
0.3
3
30
1
3
10
30
100
300
1000
3000
10000
V
CE=2V
T
C=100˚C
25˚C
–25˚C
Collector current I
C
(A)
0.01
0.1
1
10
0.03
0.3
3
1
3
10
30
100
300
1000
3000
10000
V
CE=5V
f=10MHz
T
C=25˚C
Collector current I
C
(A)
08
26
47
15
3
0.01
10
1
0.1
0.03
0.3
3
Pulsed t
w=1ms
Duty cycle=1%
I
C/IB=10 (IB1=–IB2)
V
CC=20V
T
C=25˚C
t
stg
t
f
t
on
Collector current I
C
(A)
1
10
100
1000
3
30
300
0.01
0.03
0.1
0.3
1
3
10
30
100
Non repetitive pulse
T
C=25˚C
I
CP
I
C
10ms
DC
t=1ms
Collector to emitter voltage V
CE
(V)


Numéro de pièce similaire - 2SD1539A

FabricantNo de pièceFiches techniqueDescription
logo
Inchange Semiconductor ...
2SD1530 ISC-2SD1530 Datasheet
254Kb / 2P
   isc Silicon NPN Power Transistor
2SD1531 ISC-2SD1531 Datasheet
251Kb / 2P
   isc Silicon NPN Power Transistor
2SD1532 ISC-2SD1532 Datasheet
273Kb / 2P
   isc Silicon NPN Darlington Power Transistor
2SD1533 ISC-2SD1533 Datasheet
135Kb / 2P
   Wide Area of Safe Operation
logo
Panasonic Semiconductor
2SD1535 PANASONIC-2SD1535 Datasheet
65Kb / 2P
   Silicon NPN triple diffusion planar type Darlington(For high power amplification)
More results

Description similaire - 2SD1539A

FabricantNo de pièceFiches techniqueDescription
logo
Panasonic Semiconductor
2SD1538 PANASONIC-2SD1538 Datasheet
57Kb / 3P
   Silicon NPN epitaxial planar type(For low-voltage switching)
2SD2465 PANASONIC-2SD2465 Datasheet
54Kb / 3P
   Silicon NPN epitaxial planar type(For low-voltage switching)
2SD2466 PANASONIC-2SD2466 Datasheet
54Kb / 3P
   Silicon NPN epitaxial planar type(For low-voltage switching)
2SB935 PANASONIC-2SB935 Datasheet
58Kb / 3P
   Silicon PNP epitaxial planar type(For low-voltage switching)
2SB947 PANASONIC-2SB947 Datasheet
56Kb / 3P
   Silicon PNP epitaxial planar type(For low-voltage switching)
2SB1604 PANASONIC-2SB1604 Datasheet
56Kb / 3P
   Silicon PNP epitaxial planar type(For low-voltage switching)
2SB1638 PANASONIC-2SB1638 Datasheet
58Kb / 3P
   Silicon PNP epitaxial planar type(For low-voltage switching)
2SB1148 PANASONIC-2SB1148 Datasheet
59Kb / 3P
   Silicon PNP epitaxial planar type(For low-voltage switching)
2SB953 PANASONIC-2SB953 Datasheet
56Kb / 3P
   Silicon PNP epitaxial planar type(For low-voltage switching)
2SB1603 PANASONIC-2SB1603 Datasheet
54Kb / 3P
   Silicon PNP epitaxial planar type(For low-voltage switching)
More results


Html Pages

1 2 3


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com