Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

HLMP-8405 Fiches technique(PDF) 5 Page - Agilent(Hewlett-Packard)

No de pièce HLMP-8405
Description  T-13/4 Super Ultra-Bright LED Lamps
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  HP [Agilent(Hewlett-Packard)]
Site Internet  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HLMP-8405 Fiches technique(HTML) 5 Page - Agilent(Hewlett-Packard)

  HLMP-8405 Datasheet HTML 1Page - Agilent(Hewlett-Packard) HLMP-8405 Datasheet HTML 2Page - Agilent(Hewlett-Packard) HLMP-8405 Datasheet HTML 3Page - Agilent(Hewlett-Packard) HLMP-8405 Datasheet HTML 4Page - Agilent(Hewlett-Packard) HLMP-8405 Datasheet HTML 5Page - Agilent(Hewlett-Packard) HLMP-8405 Datasheet HTML 6Page - Agilent(Hewlett-Packard) HLMP-8405 Datasheet HTML 7Page - Agilent(Hewlett-Packard) HLMP-8405 Datasheet HTML 8Page - Agilent(Hewlett-Packard)  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
5
High Performance Green HLMP-8505/8509
Parameter
Symbol
Min.
Typ.
Max.
Units
Test Conditions
Luminous Intensity
HLMP-8505
Iv
170
400
mcd
IF = 20 mA
HLMP-8509
111
300
Forward Voltage
VF
2.2
3.0
V
IF = 20 mA
Reverse Breakdown Voltage
VR
5.0
30
V
IR = 100 µA
Included Angle Between
Half Intensity Points
HLMP-8505
2
θ
1/2
10
Deg.
HLMP-8509
20
Total Luminous Flux
φ
v
115
mlm
IF = 20 mA
Peak Wavelength
λ
PEAK
568
nm
Measured at Peak
Dominant Wavelength[1]
λ
d
570
nm
Spectral Line Half Width
∆λ
1/2
28
nm
Speed of Response
τ
s
260
ns
Capacitance
C
18
pF
VF = 0, f = 1 MHz
Thermal Resistance
R
θ
J-LEAD
210
°C/W
LED Junction-to-
Cathode Lead
Luminous Efficacy[2]
η
v
595
lm/W
Notes:
1. The dominant wavelength,
λ
d, is derived from the CIE Chromaticity Diagram and represents the color of the device.
2. The radiant intensity, I
e, in watts per steradian, may be found from the equation Ie = Ivv, where Iv is the luminous intensity in
candelas and
η
v is the luminous efficacy in lumens/watt.
Emerald Green HLMP-8605[1]
Parameter
Symbol
Min.
Typ.
Max.
Units
Test Conditions
Luminous Intensity
HLMP-8605
I
v
69
75
mcd
I
F = 20 mA
Forward Voltage
VF
2.2
3.0
V
IF = 20 mA
Reverse Breakdown Voltage
VR
5.0
30
V
IR = 100 µA
Included Angle Between
Half Intensity Points
HLMP-8605
2
θ
1/2
10
Deg.
Peak Wavelength
λ
PEAK
558
nm
Measured at Peak
Dominant Wavelength[2]
λ
d
560
nm
Spectral Line Half Width
∆λ
1/2
24
nm
Speed of Response
τ
s
3100
ns
Capacitance
C
35
pF
VF = 0, f = 1 MHz
Thermal Resistance
R
θ
J-LEAD
210
°C/W
LED Junction-to-
Cathode Lead
Luminous Efficacy[3]
η
v
656
lm/W
Notes:
1. Please refer to Application Note 1061 for information comparing standard green and emerald green light output degradation.
2. The dominant wavelength,
λ
d, is derived from the CIE Chromaticity Diagram and represents the color of the device.
3. The radiant intensity, I
e, in watts per steradian, may be found from the equation Ie = Ivv, where Iv is the luminous intensity in
candelas and
η
v is the luminous efficacy in lumens/watt.


Numéro de pièce similaire - HLMP-8405

FabricantNo de pièceFiches techniqueDescription
logo
Agilent(Hewlett-Packard...
HLMP-8100 HP-HLMP-8100 Datasheet
164Kb / 5P
   T-13/4 (5 mm) High Performance TS AlGaAs Red LED Lamps
HLMP-8102 HP-HLMP-8102 Datasheet
164Kb / 5P
   T-13/4 (5 mm) High Performance TS AlGaAs Red LED Lamps
HLMP-8103 HP-HLMP-8103 Datasheet
164Kb / 5P
   T-13/4 (5 mm) High Performance TS AlGaAs Red LED Lamps
HLMP-810X HP-HLMP-810X Datasheet
164Kb / 5P
   T-13/4 (5 mm) High Performance TS AlGaAs Red LED Lamps
More results

Description similaire - HLMP-8405

FabricantNo de pièceFiches techniqueDescription
logo
Agilent(Hewlett-Packard...
HLMP-C116 HP-HLMP-C116 Datasheet
52Kb / 6P
   T-13/4 Super Ultra-Bright LED Lamps
HLMP-C115 HP-HLMP-C115 Datasheet
89Kb / 10P
   T - 13/4 Super Ultra-Bright LED Lamps
HLMP-C115 HP-HLMP-C115_05 Datasheet
85Kb / 12P
   T-13/4 Super Ultra-Bright LED Lamps
logo
Broadcom Corporation.
HLMP-C115 BOARDCOM-HLMP-C115 Datasheet
257Kb / 10P
   T-1쩐 Super Ultra-Bright LED Lamps
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-3750-L00B2 AVAGO-HLMP-3750-L00B2 Datasheet
684Kb / 12P
   T-13/4 (5 mm), T-1 (3 mm), Ultra-Bright LED Lamps
logo
Agilent(Hewlett-Packard...
HLMP-3707 HP-HLMP-3707 Datasheet
225Kb / 10P
   T-13/4 (5 mm), T-1 (3 mm), Ultra-Bright LED Lamps
HLMP-3707 HP-HLMP-3707_05 Datasheet
255Kb / 11P
   T-13/4 (5 mm), T-1 (3 mm), Ultra-Bright LED Lamps
logo
Marktech Corporate
MT330A-Y MARKTECH-MT330A-Y Datasheet
39Kb / 1P
   T-1 3/4 ULTRA BRIGHT LED LAMPS
MT1500A-UR MARKTECH-MT1500A-UR Datasheet
31Kb / 1P
   T-1 3/4 ULTRA BRIGHT LED LAMPS
logo
Lite-On Technology Corp...
LTL-2H3VSKNT LITEON-LTL-2H3VSKNT Datasheet
245Kb / 8P
   T-13/4 (5mm) Ultra Bright
More results


Html Pages

1 2 3 4 5 6 7 8


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com