Moteur de recherche de fiches techniques de composants électroniques |
|
HLMP-8309 Fiches technique(PDF) 5 Page - Agilent(Hewlett-Packard) |
|
HLMP-8309 Fiches technique(HTML) 5 Page - Agilent(Hewlett-Packard) |
5 / 8 page 5 High Performance Green HLMP-8505/8509 Parameter Symbol Min. Typ. Max. Units Test Conditions Luminous Intensity HLMP-8505 Iv 170 400 mcd IF = 20 mA HLMP-8509 111 300 Forward Voltage VF 2.2 3.0 V IF = 20 mA Reverse Breakdown Voltage VR 5.0 30 V IR = 100 µA Included Angle Between Half Intensity Points HLMP-8505 2 θ 1/2 10 Deg. HLMP-8509 20 Total Luminous Flux φ v 115 mlm IF = 20 mA Peak Wavelength λ PEAK 568 nm Measured at Peak Dominant Wavelength[1] λ d 570 nm Spectral Line Half Width ∆λ 1/2 28 nm Speed of Response τ s 260 ns Capacitance C 18 pF VF = 0, f = 1 MHz Thermal Resistance R θ J-LEAD 210 °C/W LED Junction-to- Cathode Lead Luminous Efficacy[2] η v 595 lm/W Notes: 1. The dominant wavelength, λ d, is derived from the CIE Chromaticity Diagram and represents the color of the device. 2. The radiant intensity, I e, in watts per steradian, may be found from the equation Ie = Iv/ηv, where Iv is the luminous intensity in candelas and η v is the luminous efficacy in lumens/watt. Emerald Green HLMP-8605[1] Parameter Symbol Min. Typ. Max. Units Test Conditions Luminous Intensity HLMP-8605 I v 69 75 mcd I F = 20 mA Forward Voltage VF 2.2 3.0 V IF = 20 mA Reverse Breakdown Voltage VR 5.0 30 V IR = 100 µA Included Angle Between Half Intensity Points HLMP-8605 2 θ 1/2 10 Deg. Peak Wavelength λ PEAK 558 nm Measured at Peak Dominant Wavelength[2] λ d 560 nm Spectral Line Half Width ∆λ 1/2 24 nm Speed of Response τ s 3100 ns Capacitance C 35 pF VF = 0, f = 1 MHz Thermal Resistance R θ J-LEAD 210 °C/W LED Junction-to- Cathode Lead Luminous Efficacy[3] η v 656 lm/W Notes: 1. Please refer to Application Note 1061 for information comparing standard green and emerald green light output degradation. 2. The dominant wavelength, λ d, is derived from the CIE Chromaticity Diagram and represents the color of the device. 3. The radiant intensity, I e, in watts per steradian, may be found from the equation Ie = Iv/ηv, where Iv is the luminous intensity in candelas and η v is the luminous efficacy in lumens/watt. |
Numéro de pièce similaire - HLMP-8309 |
|
Description similaire - HLMP-8309 |