Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

HCPL-5760-600 Fiches technique(PDF) 3 Page - Agilent(Hewlett-Packard)

No de pièce HCPL-5760-600
Description  AC/DC to Logic Interface Hermetically Sealed Optocouplers
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  HP [Agilent(Hewlett-Packard)]
Site Internet  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HCPL-5760-600 Fiches technique(HTML) 3 Page - Agilent(Hewlett-Packard)

  HCPL-5760-600 Datasheet HTML 1Page - Agilent(Hewlett-Packard) HCPL-5760-600 Datasheet HTML 2Page - Agilent(Hewlett-Packard) HCPL-5760-600 Datasheet HTML 3Page - Agilent(Hewlett-Packard) HCPL-5760-600 Datasheet HTML 4Page - Agilent(Hewlett-Packard) HCPL-5760-600 Datasheet HTML 5Page - Agilent(Hewlett-Packard) HCPL-5760-600 Datasheet HTML 6Page - Agilent(Hewlett-Packard) HCPL-5760-600 Datasheet HTML 7Page - Agilent(Hewlett-Packard) HCPL-5760-600 Datasheet HTML 8Page - Agilent(Hewlett-Packard) HCPL-5760-600 Datasheet HTML 9Page - Agilent(Hewlett-Packard) Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
3
Outline Drawing
8 Pin DIP Through Hole
Device Marking
Parameter
Symbol
Min.
Max.
Units
Power Supply
V
CC
3.0
18
V
Operating Frequency[1]
f
0
10
KHz
Recommended Operating Conditions
Absolute Maximum Ratings
Storage Temperature Range ....................................... -65
°C to +150°C
Operating Temperature .................................................. -55
°C to 125°C
Lead Solder Temperature ............................................. 260
°C for 10 s[2]
Average Input Current, IIN ........................................................ 15 mA[3]
Surge Input Current, IIN,SG ................................................... 140 mA[3,4]
Peak Transient Input Current, IIN,PK ..................................... 500 mA[3,4]
Input Power Dissipation, PIN ................................................. 195 mW[5]
Total Package Power Dissipation, Pd ......................................... 260 mW
Output Power Dissipation, PO ..................................................... 65 mW
Average Output Current, IO .......................................................... 40 mA
Supply Voltage,VCC (Pins 8-5) .............................. -0.5 min., 20 V max.
Output Voltage, VO (Pins 6-5) ................................ -0.5 min., 20 V max.
ESD Classification
(MIL-STD-883, Method 3015) ........................................... (
∆∆), Class 2
;;
;;
;;
;;
3.81 (0.150)
MIN.
4.32 (0.170)
MAX.
9.40 (0.370)
9.91 (0.390)
0.51 (0.020)
MAX.
2.29 (0.090)
2.79 (0.110)
0.51 (0.020)
MIN.
0.76 (0.030)
1.27 (0.050)
8.13 (0.320)
MAX.
7.36 (0.290)
7.87 (0.310)
0.20 (0.008)
0.33 (0.013)
7.16 (0.282)
7.57 (0.298)
NOTE: DIMENSIONS IN MILLIMETERS (INCHES).
COMPLIANCE INDICATOR,*
DATE CODE, SUFFIX (IF NEEDED)
A QYYWWZ
XXXXXX
XXXXXXX
XXX XXX
50434
COUNTRY OF MFR.
Agilent CAGE CODE*
Agilent DESIGNATOR
DSCC SMD*
PIN ONE/
ESD IDENT
Agilent P/N
DSCC SMD*
* QUALIFIED PARTS ONLY


Numéro de pièce similaire - HCPL-5760-600

FabricantNo de pièceFiches techniqueDescription
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-5760 AVAGO-HCPL-5760 Datasheet
717Kb / 10P
   AC/DC to Logic Interface Hermetically Sealed Optocouplers
More results

Description similaire - HCPL-5760-600

FabricantNo de pièceFiches techniqueDescription
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-5761 AVAGO-HCPL-5761 Datasheet
717Kb / 10P
   AC/DC to Logic Interface Hermetically Sealed Optocouplers
HCPL-5760 AVAGO-HCPL-5760 Datasheet
717Kb / 10P
   AC/DC to Logic Interface Hermetically Sealed Optocouplers
logo
Broadcom Corporation.
HCPL-576X BOARDCOM-HCPL-576X Datasheet
1Mb / 11P
   AC/DC to Logic Interface Hermetically Sealed Optocouplers
logo
Agilent(Hewlett-Packard...
HCPL-3700 HP-HCPL-3700 Datasheet
230Kb / 13P
   AC/DC to Logic Interface Optocouplers
HCPL-0370 HP-HCPL-0370 Datasheet
119Kb / 13P
   AC/DC to Logic Interface Optocouplers
HCPL-540X HP-HCPL-540X Datasheet
246Kb / 12P
   Hermetically Sealed, Very High Speed, Logic Gate Optocouplers
logo
Broadcom Corporation.
HCPL-540X BOARDCOM-HCPL-540X Datasheet
1Mb / 16P
   Hermetically Sealed, Very High Speed, Logic Gate Optocouplers
logo
Agilent(Hewlett-Packard...
HCPL-520X HP-HCPL-520X Datasheet
294Kb / 12P
   Hermetically Sealed, Low IF, Wide VCC, Logic Gate Optocouplers
logo
Broadcom Corporation.
HCPL-520X BOARDCOM-HCPL-520X Datasheet
1Mb / 15P
   Hermetically Sealed Low IF, Wide VCC, Logic Gate Optocouplers
logo
AVAGO TECHNOLOGIES LIMI...
6N134-883B AVAGO-6N134-883B Datasheet
190Kb / 12P
   Hermetically Sealed, High Speed, High CMR, Logic Gate Optocouplers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com