Moteur de recherche de fiches techniques de composants électroniques |
|
IZD1521OA Fiches technique(PDF) 6 Page - Integral Corp. |
|
IZD1521OA Fiches technique(HTML) 6 Page - Integral Corp. |
6 / 13 page CMOS DOT MATRIX LCD DRIVER IZD1520 6 •••• Read/Write timing for the 80-port MPU Characteristic Symbol Signal Condition Min Typ Max Unit Address hold time tAH8 A0, CS 10 ns Address setup time tAW8 20 ns System cycle time tCYC8 WR, RD 1000 ns Control pulse width tCC8 200 ns Data setup time tDS8 80 ns Data hold time tDH8 10 ns VDD access time tACC8 D0 ÷ D7 90 ns Output Disable time tOH8 CL = 100pF 10 60 ns Low-level pulsewidth tWLCL 35 µs High-level pulsewidth tWHCL CL 35 µs Rise time tr 30 150 ns Fall time tf 30 150 ns FR delay time Note 1 tFDR FR (Input) -2.0 0.2 2.0 µs FR delay time Note 2 tFDR FR (Input) 0.2 2.0 µs •••• Read/Write timing for the 68-port MPU Characteristic Symbol Signal Condition Min Typ Max Unit System cycle time tCYC6 A0 1000 ns Address setup time tAW6 R/W 20 ns Address hold time tAH6 10 ns Data setup time tDS6 80 ns Data hold time tDH6 10 ns Output disable time tOH6 D0 ÷ D7 10 60 ns Access time tACC6 CL = 100pF 90 ns Enable READ tEW E 100 ns pulse width WRITE 80 ns Low-level pulsewidth tWLCL 35 µs High-level pulsewidth tWHCL CL 35 µs Rise time tr 30 150 ns Fall time tf 30 150 ns FR delay time Note 1 tFDR FR (Input) -2.0 0.2 2.0 µs FR delay time Note 2 tFDR FR (Input) 0.2 2.0 µs * The rating when VSS = -3.0V are approximately 100% higher that when VSS = -5.0V Notes: 1. The listed input tFDR applies to IZD1520 and IZD1521 in slave mode. 2. The listed input tFDR applies to IZD1520 and IZD1521 in master mode. |
Numéro de pièce similaire - IZD1521OA |
|
Description similaire - IZD1521OA |