Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

2SD1450 Fiches technique(PDF) 2 Page - Panasonic Semiconductor

No de pièce 2SD1450
Description  Silicon NPN epitaxial planer type(For low-frequency amplification)
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PANASONIC [Panasonic Semiconductor]
Site Internet  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

2SD1450 Fiches technique(HTML) 2 Page - Panasonic Semiconductor

  2SD1450 Datasheet HTML 1Page - Panasonic Semiconductor 2SD1450 Datasheet HTML 2Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2
Transistor
2SD1450
PC — Ta
IC — VCE
VBE(sat) — IC
VCE(sat) — IC
hFE — IC
fT — IE
Cob — VCB
NV — IC
0
160
40
120
80
140
20
100
60
0
500
400
300
200
100
Ambient temperature Ta (˚C)
012
10
8
26
4
0
2.4
2.0
1.6
1.2
0.8
0.4
Ta=25˚C
I
B=4.0mA
3.5mA
3.0mA
2.5mA
2.0mA
1.5mA
1.0mA
0.5mA
Collector to emitter voltage V
CE
(V)
0.01
0.1
1
10
0.03
0.3
3
0.01
0.03
0.1
0.3
1
3
10
30
100
I
C/IB=10
Ta=–25˚C
25˚C
75˚C
Collector current I
C
(A)
0.01
0.1
1
10
0.03
0.3
3
0.01
0.03
0.1
0.3
1
3
10
30
100
I
C/IB=25
25˚C
–25˚C
Ta=75˚C
Collector current I
C
(A)
0.01
0.1
1
10
0.03
0.3
3
0
1200
1000
800
600
400
200
V
CE=2V
Ta=75˚C
25˚C
–25˚C
Collector current I
C
(A)
– 0.1
–1
–10
–100
– 0.3
–3
–30
0
400
300
100
250
350
200
50
150
V
CB=10V
Ta=25˚C
Emitter current I
E
(mA)
1
3
10
30
100
0
20
16
12
8
4
I
E=0
f=1MHz
Ta=25˚C
Collector to base voltage V
CB
(V)
0.01
0.03
0.1
0.3
1
0
120
100
80
60
40
20
V
CE=10V
G
V=80dB
Function=FLAT
5k
R
g=100kΩ
22k
Collector current I
C
(mA)


Numéro de pièce similaire - 2SD1450

FabricantNo de pièceFiches techniqueDescription
logo
Savantic, Inc.
2SD1451 SAVANTIC-2SD1451 Datasheet
133Kb / 3P
   Silicon NPN Power Transistors
logo
Inchange Semiconductor ...
2SD1451 ISC-2SD1451 Datasheet
132Kb / 3P
   Silicon NPN Power Transistors
logo
Savantic, Inc.
2SD1451 SAVANTIC-2SD1451 Datasheet
134Kb / 3P
   Silicon NPN Power Transistors
2SD1452 SAVANTIC-2SD1452 Datasheet
133Kb / 3P
   Silicon NPN Power Transistors
logo
Inchange Semiconductor ...
2SD1452 ISC-2SD1452 Datasheet
132Kb / 3P
   Silicon NPN Power Transistors
More results

Description similaire - 2SD1450

FabricantNo de pièceFiches techniqueDescription
logo
Panasonic Semiconductor
2SD1030 PANASONIC-2SD1030 Datasheet
37Kb / 2P
   Silicon NPN epitaxial planer type(For low-frequency amplification)
2SD1149 PANASONIC-2SD1149 Datasheet
39Kb / 2P
   Silicon NPN epitaxial planer type(For low-frequency amplification)
2SD1458 PANASONIC-2SD1458 Datasheet
37Kb / 2P
   Silicon NPN epitaxial planer type(For low-frequency amplification)
2SD1199 PANASONIC-2SD1199 Datasheet
39Kb / 2P
   Silicon NPN epitaxial planer type(For low-frequency amplification)
2SC3311A PANASONIC-2SC3311A Datasheet
36Kb / 2P
   Silicon NPN epitaxial planer type(For low-frequency amplification)
2SD1424 PANASONIC-2SD1424 Datasheet
37Kb / 2P
   Silicon NPN epitaxial planer type(For low-frequency amplification)
2SD1823 PANASONIC-2SD1823 Datasheet
36Kb / 2P
   Silicon NPN epitaxial planer type(For low-frequency amplification)
2SD2357 PANASONIC-2SD2357 Datasheet
36Kb / 2P
   Silicon NPN epitaxial planer type(For low-frequency amplification)
2SD2359 PANASONIC-2SD2359 Datasheet
35Kb / 2P
   Silicon NPN epitaxial planer type(For low-frequency amplification)
2SD1011 PANASONIC-2SD1011 Datasheet
42Kb / 2P
   Silicon NPN epitaxial planer type For low-frequency amplification
More results


Html Pages

1 2


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com