Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TPS2064DGNRG4 Fiches technique(PDF) 6 Page - Texas Instruments

No de pièce TPS2064DGNRG4
Description  CURRENT-LIMITED, POWER-DISTRIBUTION SWITCHES
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

TPS2064DGNRG4 Fiches technique(HTML) 6 Page - Texas Instruments

Back Button TPS2064DGNRG4 Datasheet HTML 2Page - Texas Instruments TPS2064DGNRG4 Datasheet HTML 3Page - Texas Instruments TPS2064DGNRG4 Datasheet HTML 4Page - Texas Instruments TPS2064DGNRG4 Datasheet HTML 5Page - Texas Instruments TPS2064DGNRG4 Datasheet HTML 6Page - Texas Instruments TPS2064DGNRG4 Datasheet HTML 7Page - Texas Instruments TPS2064DGNRG4 Datasheet HTML 8Page - Texas Instruments TPS2064DGNRG4 Datasheet HTML 9Page - Texas Instruments TPS2064DGNRG4 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 21 page
background image
www.ti.com
V
I(EN)
5 V/div
V
O(OUT)
2 V/div
t - Time - 400 s
m
R = 5
C = 1 F,
L
L
W
m
,
= 25 C
T
A
°
V
I(EN)
5 V/div
V
O(OUT)
2 V/div
t - Time - 400 s
m
R = 5
C = 1 F,
L
L
W
m
,
= 25 C
T
A
°
V
I(EN)
5 V/div
V
O(OUT)
2 V/div
t - Time - 400 s
m
R = 5
C = 100 F,
L
L
W
m
,
= 25 C
T
A
°
V
I(EN)
5 V/div
V
O(OUT)
2 V/div
t - Time - 400 s
m
R = 5
C = 100 F,
L
L
W
m
,
= 25 C
T
A
°
TPS2060
TPS2064
SLVS553A – MARCH 2005 – REVISED JULY 2005
PARAMETER MEASUREMENT INFORMATION (continued)
Figure 2. Turnon Delay and Rise Time With 1-
µF Load
Figure 3. Turnoff Delay and Fall Time With 1-
µF Load
Figure 4. Turnon Delay and Rise Time With 100-
µF Load
Figure 5. Turnoff Delay and Fall Time With 100-
µF Load
6


Numéro de pièce similaire - TPS2064DGNRG4

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS2064DGNRG4 TI-TPS2064DGNRG4 Datasheet
800Kb / 30P
[Old version datasheet]   CURRENT-LIMITED, POWER-DISTRIBUTION SWITCHES
TPS2064DGNRG4 TI1-TPS2064DGNRG4 Datasheet
1Mb / 35P
[Old version datasheet]   CURRENT-LIMITED, POWER-DISTRIBUTION SWITCHES
More results

Description similaire - TPS2064DGNRG4

FabricantNo de pièceFiches techniqueDescription
logo
STMicroelectronics
ST2042 STMICROELECTRONICS-ST2042 Datasheet
148Kb / 8P
   CURRENT LIMITED POWER DISTRIBUTION SWITCHES
logo
Texas Instruments
TPS2062-1 TI-TPS2062-1 Datasheet
513Kb / 28P
[Old version datasheet]   CURRENT-LIMITED, POWER-DISTRIBUTION SWITCHES
TPS2060 TI1-TPS2060_14 Datasheet
1Mb / 36P
[Old version datasheet]   CURRENT-LIMITED, POWER-DISTRIBUTION SWITCHES
TPS2041B_0709 TI-TPS2041B_0709 Datasheet
1Mb / 41P
[Old version datasheet]   CURRENT-LIMITED, POWER-DISTRIBUTION SWITCHES
TPS2061 TI-TPS2061_09 Datasheet
1Mb / 38P
[Old version datasheet]   CURRENT-LIMITED, POWER-DISTRIBUTION SWITCHES
TPS2045A TI1-TPS2045A_16 Datasheet
1Mb / 37P
[Old version datasheet]   CURRENT-LIMITED POWER-DISTRIBUTION SWITCHES
TPS2000C TI1-TPS2000C_16 Datasheet
1Mb / 39P
[Old version datasheet]   Current Limited, Power-Distribution Switches
TPS2041B TI-TPS2041B_08 Datasheet
1Mb / 49P
[Old version datasheet]   CURRENT-LIMITED, POWER-DISTRIBUTION SWITCHES
TPS2041B-Q1 TI-TPS2041B-Q1_10 Datasheet
599Kb / 29P
[Old version datasheet]   CURRENT-LIMITED POWER-DISTRIBUTION SWITCHES
TPS2045A TI-TPS2045A Datasheet
478Kb / 31P
[Old version datasheet]   CURRENT-LIMITED POWER-DISTRIBUTION SWITCHES
logo
STMicroelectronics
ST2054 STMICROELECTRONICS-ST2054_07 Datasheet
198Kb / 13P
   Current limited Power distribution switches
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com