Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BAJ2DD0T Fiches technique(PDF) 5 Page - Rohm

No de pièce BAJ2DD0T
Description  2A Low Dropout Voltage Regulator
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ROHM [Rohm]
Site Internet  http://www.rohm.com
Logo ROHM - Rohm

BAJ2DD0T Fiches technique(HTML) 5 Page - Rohm

  BAJ2DD0T Datasheet HTML 1Page - Rohm BAJ2DD0T Datasheet HTML 2Page - Rohm BAJ2DD0T Datasheet HTML 3Page - Rohm BAJ2DD0T Datasheet HTML 4Page - Rohm BAJ2DD0T Datasheet HTML 5Page - Rohm BAJ2DD0T Datasheet HTML 6Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
Appendix
Appendix1-Rev1.1
The products listed in this document are designed to be used with ordinary electronic equipment or devices
(such as audio visual equipment, office-automation equipment, communications devices, electrical
appliances and electronic toys).
Should you intend to use these products with equipment or devices which require an extremely high level of
reliability and the malfunction of with would directly endanger human life (such as medical instruments,
transportation equipment, aerospace machinery, nuclear-reactor controllers, fuel controllers and other
safety devices), please be sure to consult with our sales representative in advance.
Notes
No technical content pages of this document may be reproduced in any form or transmitted by any
means without prior permission of ROHM CO.,LTD.
The contents described herein are subject to change without notice. The specifications for the
product described in this document are for reference only. Upon actual use, therefore, please request
that specifications to be separately delivered.
Application circuit diagrams and circuit constants contained herein are shown as examples of standard
use and operation. Please pay careful attention to the peripheral conditions when designing circuits
and deciding upon circuit constants in the set.
Any data, including, but not limited to application circuit diagrams information, described herein
are intended only as illustrations of such devices and not as the specifications for such devices. ROHM
CO.,LTD. disclaims any warranty that any use of such devices shall be free from infringement of any
third party's intellectual property rights or other proprietary rights, and further, assumes no liability of
whatsoever nature in the event of any such infringement, or arising from or connected with or related
to the use of such devices.
Upon the sale of any such devices, other than for buyer's right to use such devices itself, resell or
otherwise dispose of the same, no express or implied right or license to practice or commercially
exploit any intellectual property rights or other proprietary rights owned or controlled by
ROHM CO., LTD. is granted to any such buyer.
Products listed in this document are no antiradiation design.
About Export Control Order in Japan
Products described herein are the objects of controlled goods in Annex 1 (Item 16) of Export Trade Control
Order in Japan.
In case of export from Japan, please confirm if it applies to "objective" criteria or an "informed" (by MITI clause)
on the basis of "catch all controls for Non-Proliferation of Weapons of Mass Destruction.


Numéro de pièce similaire - BAJ2DD0T

FabricantNo de pièceFiches techniqueDescription
logo
Rohm
BAJ2DD0T ROHM-BAJ2DD0T Datasheet
493Kb / 23P
   2A/1A Fixed OutputLDORegulators With ShutdownSwicth
BAJ2DD0T ROHM-BAJ2DD0T Datasheet
499Kb / 23P
   2A/1A Fixed Output LDO Regulators
BAJ2DD0T ROHM-BAJ2DD0T Datasheet
493Kb / 23P
   Low-saturation regulators, available for output s up to 2A/1A.
More results

Description similaire - BAJ2DD0T

FabricantNo de pièceFiches techniqueDescription
logo
Exar Corporation
XRP6274 EXAR-XRP6274 Datasheet
1Mb / 11P
   2A Ultra Low Dropout Voltage Regulator
logo
Unisonic Technologies
LR2967 UTC-LR2967 Datasheet
173Kb / 4P
   2A, LOW DROPOUT REGULATOR
logo
Global Mixed-mode Techn...
G954 GMT-G954_15 Datasheet
41Kb / 1P
   2A Low Dropout Regulator
G954 GMT-G954 Datasheet
316Kb / 7P
   2A Low Dropout Regulator
G954 GMT-G954_07 Datasheet
360Kb / 8P
   2A Low Dropout Regulator
logo
AiT Semiconductor Inc.
A6120 AITSEMI-A6120 Datasheet
548Kb / 11P
   LOW DROPOUT VOLTAGE REGULATOR 2A LOW CONSUMPTION LINEAR REGULATOR
REV2.2
logo
Exar Corporation
XRP6272ITC5TR-F EXAR-XRP6272ITC5TR-F Datasheet
929Kb / 13P
   2A 5V-Adjustable Low Dropout Voltage Regulator
XRP6272 EXAR-XRP6272 Datasheet
929Kb / 13P
   2A 5V-Adjustable Low Dropout Voltage Regulator
logo
Unisonic Technologies
LR3865 UTC-LR3865 Datasheet
195Kb / 6P
   2A LOW DROPOUT LINEAR REGULATOR
logo
Taiwan Semiconductor Co...
TS278RL00 TSC-TS278RL00 Datasheet
236Kb / 5P
   2A Ultra Low Dropout Voltage Regulator w/Disable
More results


Html Pages

1 2 3 4 5 6


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com