Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BA30DD0WT Fiches technique(PDF) 4 Page - Rohm

No de pièce BA30DD0WT
Description  2A Low Dropout Voltage Regulator with Shut Down Switch
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ROHM [Rohm]
Site Internet  http://www.rohm.com
Logo ROHM - Rohm

BA30DD0WT Fiches technique(HTML) 4 Page - Rohm

  BA30DD0WT Datasheet HTML 1Page - Rohm BA30DD0WT Datasheet HTML 2Page - Rohm BA30DD0WT Datasheet HTML 3Page - Rohm BA30DD0WT Datasheet HTML 4Page - Rohm BA30DD0WT Datasheet HTML 5Page - Rohm BA30DD0WT Datasheet HTML 6Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image


Numéro de pièce similaire - BA30DD0WT

FabricantNo de pièceFiches techniqueDescription
logo
Rohm
BA30DD0WT ROHM-BA30DD0WT Datasheet
328Kb / 12P
   Standard Fixed Output LDO Regulators
BA30DD0WT ROHM-BA30DD0WT Datasheet
493Kb / 23P
   2A/1A Fixed OutputLDORegulators With ShutdownSwicth
BA30DD0WT ROHM-BA30DD0WT Datasheet
499Kb / 23P
   2A/1A Fixed Output LDO Regulators
BA30DD0WT ROHM-BA30DD0WT Datasheet
493Kb / 23P
   Low-saturation regulators, available for output s up to 2A/1A.
More results

Description similaire - BA30DD0WT

FabricantNo de pièceFiches techniqueDescription
logo
Rohm
BA00DD0WHFP ROHM-BA00DD0WHFP Datasheet
386Kb / 6P
   2A Low Dropout Voltage Regulator with Shut Down Switch
BAXXDD0WHFP ROHM-BAXXDD0WHFP Datasheet
269Kb / 6P
   2A Low Dropout Voltage Regulator with Shut Down Switch
BA00DD0WCP-V5 ROHM-BA00DD0WCP-V5 Datasheet
374Kb / 5P
   2A Low Dropout Voltage Regulator with Shut Down Switch
BAXXBC0WFP ROHM-BAXXBC0WFP Datasheet
372Kb / 6P
   1.0A Low-Dropout Voltage Regulator with Shut down Switch
BAXXBC0WT-V5 ROHM-BAXXBC0WT-V5 Datasheet
372Kb / 6P
   1.0A Low-Dropout Voltage Regulator with Shut down Switch
BAXXBC0T ROHM-BAXXBC0T Datasheet
359Kb / 6P
   1.0A Low-Dropout Voltage Regulator with Shut down Switch
BA00JC5WT-V5 ROHM-BA00JC5WT-V5 Datasheet
361Kb / 6P
   1.5A Low-Dropout Voltage Regulator with Shut down Switch
BA00JC5WT ROHM-BA00JC5WT Datasheet
356Kb / 6P
   1.5A Low-Dropout Voltage Regulator with Shut down Switch
BAXXBC0FP ROHM-BAXXBC0FP Datasheet
358Kb / 6P
   1.0A Low-Dropout Voltage Regulator with Shut down Switch
BAXXBC0WT ROHM-BAXXBC0WT Datasheet
370Kb / 6P
   1.0A Low-Dropout Voltage Regulator with Shut down Switch
More results


Html Pages

1 2 3 4 5 6


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com