Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TDA4863-2 Fiches technique(PDF) 9 Page - Infineon Technologies AG

No de pièce TDA4863-2
Description  Power Factor Controller IC for High Power Factor and Low THD
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  INFINEON [Infineon Technologies AG]
Site Internet  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TDA4863-2 Fiches technique(HTML) 9 Page - Infineon Technologies AG

Back Button TDA4863-2 Datasheet HTML 5Page - Infineon Technologies AG TDA4863-2 Datasheet HTML 6Page - Infineon Technologies AG TDA4863-2 Datasheet HTML 7Page - Infineon Technologies AG TDA4863-2 Datasheet HTML 8Page - Infineon Technologies AG TDA4863-2 Datasheet HTML 9Page - Infineon Technologies AG TDA4863-2 Datasheet HTML 10Page - Infineon Technologies AG TDA4863-2 Datasheet HTML 11Page - Infineon Technologies AG TDA4863-2 Datasheet HTML 12Page - Infineon Technologies AG TDA4863-2 Datasheet HTML 13Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 27 page
background image
TDA4863-2
Functional Description
Data Sheet
9
V1.2, 2004-02
2
Functional Description
2.1
Introduction
Conventional electronic ballasts and switch mode power supplies are designed with a
bridge rectifier and a bulk capacitor. Their disadvantage is that the circuit draws power
from the line when the instantaneous AC voltage exceeds the capacitors voltage. This
occurs near the line voltage peak and causes a high charge current spike with following
characteristics: The apparent power is higher than the real power that means low power
factor condition, the current spikes are non sinusoidal with a high content of harmonics
causing line noise, the rectified voltage depends on load condition and requires a large
bulk capacitor, special efforts in noise suppression are necessary.
With the TDA4863-2 preconverter a sinusoidal current is achieved which varies in direct
instantaneous proportional to the input voltage half sine wave and so provides a power
factor near 1. This is due to the appearance of almost any complex load like a resistive
one at the AC line. The harmonic distortions are reduced and comply with the IEC555
standard requirements.
2.2
IC Description
The TDA4863-2 contains a wide bandwidth voltage amplifier used in a feedback loop,
an overvoltage regulator, an one quadrant multiplier with a wide linear operating range,
a current sense comparator, a zero current detector, a PWM and logic circuitry, a totem-
pole MOSFET driver, an internal trimmed voltage reference, a restart timer and an
undervoltage lockout circuitry.
2.3
Voltage Amplifier
With an external capacitor between the pins VSENSE and VAOUT the voltage amplifier
acts like an integrator. The integrator monitors the average output voltage over several
line cycles. Typically the integrator´s bandwidth is set below 20 Hz in order to suppress
the 100 Hz ripple of the rectified line voltage. The voltage amplifier is internally
compensated and has a gain bandwidth of 5 MHz (typ.) and a phase margin of 80
degrees. The non-inverting input is biased internally to 2.5 V. The output is directly
connected to the multiplier input.
The gate drive is disabled when VSENSE voltage is less than 0.2 V or VAOUT voltage
is less than 2.2 V.
If the MOSFET is placed nearby the controller switching interferences have to be taken
into account. The output of the voltage amplifier is designed in a way to minimize these
inteferences.


Numéro de pièce similaire - TDA4863-2

FabricantNo de pièceFiches techniqueDescription
logo
Infineon Technologies A...
TDA4863-2 INFINEON-TDA4863-2 Datasheet
1Mb / 27P
   Power-Factor Controller (PFC) IC for High Power Factor and Low THD
Version 2.1, 22 Feb 2005
TDA4863-2G INFINEON-TDA4863-2G Datasheet
1Mb / 27P
   Power-Factor Controller (PFC) IC for High Power Factor and Low THD
Version 2.1, 22 Feb 2005
TDA4863-2 INFINEON-TDA4863-2_05 Datasheet
1Mb / 27P
   Power-Factor Controller (PFC) IC for High Power Factor and Low THD
Version 2.1, 22 Feb 2005
More results

Description similaire - TDA4863-2

FabricantNo de pièceFiches techniqueDescription
logo
Infineon Technologies A...
TDA4863 INFINEON-TDA4863_05 Datasheet
306Kb / 27P
   Power Factor Controller IC for High Power Factor and Low THD
Rev.2, Feb. 2005
TDA4863-2 INFINEON-TDA4863-2_05 Datasheet
1Mb / 27P
   Power-Factor Controller (PFC) IC for High Power Factor and Low THD
Version 2.1, 22 Feb 2005
ICE1PD265G INFINEON-ICE1PD265G Datasheet
79Kb / 16P
   Power Factor Controller Cool- MOS: BoostSET IC for High Power Factor and low THD
10.09.01
logo
Seoul Semiconductor
SMJQ13XXFNSX SEOUL-SMJQ13XXFNSX Datasheet
925Kb / 19P
   High Power Factor and Low THD
logo
Grenergy Opto, lnc.
GR8763 GRENERGY-GR8763 Datasheet
600Kb / 13P
   Power Factor Controller IC for High Power Factor
logo
International Rectifier
IRPLLNR2 IRF-IRPLLNR2 Datasheet
355Kb / 16P
   High Power Factor/Low THD
logo
Siemens Semiconductor G...
TDA4814 SIEMENS-TDA4814 Datasheet
312Kb / 14P
   Power Factor Controller IC for High Power Factor and Active Harmonic Filter
TDA4817 SIEMENS-TDA4817 Datasheet
369Kb / 12P
   Power Factor Controller IC for High Power Factor and Active Harmonic Filtering
logo
Bel Fuse Inc.
SPAFCBK-11G BEL-SPAFCBK-11G Datasheet
2Mb / 37P
   High power quality (Power Factor and THD)
logo
Infineon Technologies A...
TDA4862 INFINEON-TDA4862 Datasheet
1Mb / 18P
   Power-Factor Controller (PFC) IC for High Power Factor and Active Harmonic Filter
2005-02-17
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com