Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BZX16 Fiches technique(PDF) 2 Page - List of Unclassifed Manufacturers

No de pièce BZX16
Description  SILICON EPITAXIAL PLANAR TYPE
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ETC1 [List of Unclassifed Manufacturers]
Site Internet  
Logo ETC1 - List of Unclassifed Manufacturers

BZX16 Fiches technique(HTML) 2 Page - List of Unclassifed Manufacturers

  BZX16 Datasheet HTML 1Page - List of Unclassifed Manufacturers BZX16 Datasheet HTML 2Page - List of Unclassifed Manufacturers BZX16 Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
WEB SITE:http://www.daiwahk.com
TEL: 852 23413351 FAX: 852 27978275
(
)
(
)
1. Zener Voltage is measured 40ms after electricity charging.
Note:
2. Data valid provided that leads are kept at ambient temperature at a distance of 8mm from case.
VF=1V MAX (at IF=100mA)
3. Special Voltage accuracy will be provided upon request at different pricing.
BZX2V0
2.10
1.90
100
1000
-0.075
120
0.7
165
BZX2V2
2.31
2.09
100
1000
-0.075
120
1.0
155
BZX2V4
2.52
2.28
100
1000
-0.070
120
1.0
145
BZX2V7
2.83
2.57
110
1000
-0.070
100
1.0
135
BZX3V0
3.15
2.85
120
1000
-0.070
50
1.0
130
BZX3V3
3.46
3.14
120
1000
-0.065
20
1.0
120
BZX3V9
4.09
3.71
120
1200
-0.035
5
1.0
100
BZX4V3
4.51
4.09
120
1200
-0.030
5
1.0
90
BZX4V7
4.93
4.47
100
1200
-0.020
5
1.0
85
BZX5V1
5.35
4.85
70
1200
0.010
5
1.5
78
BZX5V6
5.88
5.32
40
900
0.035
5
2.5
70
BZX6V2
6.51
5.89
30
500
0.035
5
3.0
64
BZX6V8
7.14
6.46
25
150
0.040
2
3.5
58
BZX7V5
7.87
7.13
25
120
0.052
0.5
4.0
53
BZX8V2
8.61
7.79
20
120
0.055
0.5
5.0
48
BZX9V1
9.55
8.65
20
120
0.055
0.5
6.0
43
BZX10
10.50
9.50
20
120
0.060
0.2
7.0
40
BZX11
11.55
10.45
20
120
0.060
0.2
8.0
36
BZX12
12.60
11.40
25
110
0.065
0.2
9.0
33
BZX13
13.65
12.35
25
110
0.065
0.2
10.0
30
BZX15
15.75
14.25
25
110
0.070
0.2
11.0
26
BZX16
16.80
15.20
25
150
0.070
0.2
12.0
25
BZX18
18.90
17.10
30
150
0.075
0.2
13.0
22
BZX20
21.00
19.00
30
200
0.080
0.2
15.0
20
BZX22
23.10
20.90
30
200
0.080
0.2
17.0
18
BZX24
25.20
22.80
35
200
0.085
0.2
19.0
16
BZX27
28.35
25.65
45
250
0.090
0.2
21.0
14
BZX3V6
3.78
3.42
120
1100
-0.055
10
1.0
110
ELECTRICAL CHARACTERISTICS(Ta=25 )
Zener
Dynamic resistance
Temp coeff
Reverse
Admissible
C
MAX.
MIN.
MAX.
MAX.
Typ
Volage
of Zener volt
Current
Zener current
Type
at
at
at
at
at
Iz=5mA
f=1KHz
Iz=5mA
f=1KHz
Ta=25 C
Iz=5mA
Vz(v)
Rzj( )
Rzj( )
AVz(%/ )
IR(
)
Iz(mA)
MAX. VR(v)=
MAX.
A
W
W
C
Iz=5mA
BZX30
31.50
28.50
55
250
0.092
0.2
23.0
13
BZX33
34.65
31.35
65
250
0.092
0.2
25.0
12
BZX36
37.80
34.20
75
250
0.095
0.2
27.0
11
BZX39
40.90
37.05
85
250
0.095
0.2
30.0
10


Numéro de pièce similaire - BZX16

FabricantNo de pièceFiches techniqueDescription
logo
Diotech Company.
BZX16 DIOTECH-BZX16 Datasheet
1Mb / 3P
   1.3W EPITAXIAL ZENER DIODE
More results

Description similaire - BZX16

FabricantNo de pièceFiches techniqueDescription
logo
Panasonic Semiconductor
UP04315 PANASONIC-UP04315 Datasheet
106Kb / 4P
   Silicon NPN epitaxial planar type Silicon PNP epitaxial planar type
MA2SD24 PANASONIC-MA2SD24 Datasheet
77Kb / 3P
   Silicon epitaxial planar type
MA3S795E PANASONIC-MA3S795E Datasheet
46Kb / 2P
   Silicon epitaxial planar type
MA3X075E PANASONIC-MA3X075E Datasheet
41Kb / 2P
   Silicon epitaxial planar type
MA3X199 PANASONIC-MA3X199 Datasheet
46Kb / 2P
   Silicon epitaxial planar type
MA3X789 PANASONIC-MA3X789 Datasheet
45Kb / 2P
   Silicon epitaxial planar type
MA3ZD12 PANASONIC-MA3ZD12 Datasheet
40Kb / 2P
   Silicon epitaxial planar type
MA2Q739 PANASONIC-MA2Q739 Datasheet
44Kb / 2P
   Silicon epitaxial planar type
MA2X073 PANASONIC-MA2X073 Datasheet
39Kb / 2P
   Silicon epitaxial planar type
MA2X334 PANASONIC-MA2X334 Datasheet
45Kb / 3P
   Silicon epitaxial planar type
MA3J142A PANASONIC-MA3J142A Datasheet
47Kb / 2P
   Silicon epitaxial planar type
More results


Html Pages

1 2 3


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com