Moteur de recherche de fiches techniques de composants électroniques |
|
TL052MJGB Fiches technique(PDF) 1 Page - Texas Instruments |
|
TL052MJGB Fiches technique(HTML) 1 Page - Texas Instruments |
1 / 63 page TL05x, TL05xA ENHANCED-JFET LOW-OFFSET OPERATIONAL AMPLIFIERS SLOS178A – FEBRUARY 1997 - REVISED FEBRUARY 2003 1 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 D Direct Upgrades to TL07x and TL08x BiFET Operational Amplifiers D Faster Slew Rate (20 V/µs Typ) Without Increased Power Consumption D On-Chip Offset-Voltage Trimming for Improved DC Performance and Precision Grades Are Available (1.5 mV, TL051A) 1 2 3 4 5 6 7 14 13 12 11 10 9 8 1OUT 1IN– 1IN+ VCC+ 2IN+ 2IN– 2OUT 4OUT 4IN– 4IN+ VCC– 3IN+ 3IN– 3OUT 1 2 3 4 8 7 6 5 OFFSET N1 IN– IN+ VCC– NC VCC+ OUT OFFSET N2 1 2 3 4 8 7 6 5 1OUT 1IN– 1IN+ VCC– VCC+ 2OUT 2IN– 2IN+ TL054 D, DB, N, OR NS PACKAGE (TOP VIEW) TL051 D OR P PACKAGE (TOP VIEW) TL052 D, P, OR PS PACKAGE (TOP VIEW) description/ordering information The TL05x series of JFET-input operational amplifiers offers improved dc and ac characteristics over the TL07x and TL08x families of BiFET operational amplifiers. On-chip Zener trimming of offset voltage yields precision grades as low as 1.5 mV (TL051A) for greater accuracy in dc-coupled applications. Texas Instruments improved BiFET process and optimized designs also yield improved bandwidth and slew rate without increased power consumption. The TL05x devices are pin-compatible with the TL07x and TL08x and can be used to upgrade existing circuits or for optimal performance in new designs. BiFET operational amplifiers offer the inherently higher input impedance of the JFET-input transistors, without sacrificing the output drive associated with bipolar amplifiers. This makes them better suited for interfacing with high-impedance sensors or very low-level ac signals. They also feature inherently better ac response than bipolar or CMOS devices having comparable power consumption. The TL05x family was designed to offer higher precision and better ac response than the TL08x, with the low noise floor of the TL07x. Designers requiring significantly faster ac response or ensured lower noise should consider the Excalibur TLE208x and TLE207x families of BiFET operational amplifiers. Because BiFET operational amplifiers are designed for use with dual power supplies, care must be taken to observe common-mode input voltage limits and output swing when operating from a single supply. DC biasing of the input signal is required, and loads should be terminated to a virtual-ground node at mid-supply. Texas Instruments TLE2426 integrated virtual ground generator is useful when operating BiFET amplifiers from single supplies. The TL05x are fully specified at ±15 V and ±5 V. For operation in low-voltage and/or single-supply systems, Texas Instruments LinCMOS families of operational amplifiers (TLC-prefix) are recommended. When moving from BiFET to CMOS amplifiers, particular attention should be paid to the slew rate and bandwidth requirements, and also the output loading. Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet. Copyright 2003, Texas Instruments Incorporated PRODUCTION DATA information is current as of publication date. Products conform to specifications per the terms of Texas Instruments standard warranty. Production processing does not necessarily include testing of all parameters. |
Numéro de pièce similaire - TL052MJGB |
|
Description similaire - TL052MJGB |