Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

UML11N Fiches technique(PDF) 2 Page - Rohm

No de pièce UML11N
Description  General purpose transistor (isolated transistor and diode)
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ROHM [Rohm]
Site Internet  http://www.rohm.com
Logo ROHM - Rohm

UML11N Fiches technique(HTML) 2 Page - Rohm

  UML11N Datasheet HTML 1Page - Rohm UML11N Datasheet HTML 2Page - Rohm UML11N Datasheet HTML 3Page - Rohm UML11N Datasheet HTML 4Page - Rohm UML11N Datasheet HTML 5Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
EML11 / UML11N
Transistors
Rev.B
2/4
Absolute maximum ratings (Ta=25
°C)
Di1
Parameter
Symbol
IO
IFSM
VR
Tj
Limits
200
1
30
125
Unit
mA
A
V
°C
Average rectified forward current
Forward current surge peak (60HZ, 1
∞)
Reverse voltage (DC)
Junction temperature
Tr2
Parameter
∗ Each terminal mounted on a recommended.
Symbol
VCBO
VCEO
VEBO
IC
PD
Tj
Limits
−50
−6
−150
120
150
Collector-base voltage
Collector-emitter voltage
Emitter-base voltage
Collector current
Power dissipation
Junction temperature
−60
Unit
V
V
V
mA
mW
°C
Di1 / DTr2
Parameter
∗ Each terminal mounted on a recommended.
Symbol
Pd
Tstg
Limits
150
−55 to +125
Power dissipation
Storage temperature
Unit
mW
°C
Electrical characteristics (Ta=25
°C)
Di1
Parameter
Symbol
Min.
Typ.
Max.
Unit
Conditions
0.50
VF
0.40
V
IF=200mA
VR=10V
Forward voltage
IR
4.0
30
µA
Reverse current
Tr2
Parameter
Symbol
BVCBO
BVCEO
BVEBO
ICBO
IEBO
hFE
VCE(sat)
fT
Cob
Min.
−60
−50
−6
180
140
4.0
−100
−100
390
−500
5.0
V
IC
=−50µA
IC
=−1mA
IE
=−50µA
VCB
=−60V
VEB
=−6V
VCE
=−6V, IC=−1mA
VCE
=−12V, IE=2mA, f=100MHz
IC/IB
=−50mA/−5mA
VCB
=−12V, IE=0A, f=1MHz
V
V
nA
nA
mV
MHz
pF
Typ.
Max.
Unit
Conditions
Collector-base breakdown voltage
Collector-emitter breakdown voltage
Emitter-base breakdown voltage
Collector cutoff current
Emitter cutoff current
DC current transfer ratio
Collector-emitter saturation voltage
Transition frequency
Output capacitance


Numéro de pièce similaire - UML11N

FabricantNo de pièceFiches techniqueDescription
logo
Advanced Semiconductor
UML1 ASI-UML1 Datasheet
16Kb / 1P
   NPN SILICON RF POWER TRANSISTOR
UML1 ASI-UML1 Datasheet
17Kb / 1P
   NPN SILICON RF POWER TRANSISTOR
UML10 ASI-UML10 Datasheet
16Kb / 1P
   NPN SILICON RF POWER TRANSISTOR
UML10 ASI-UML10 Datasheet
17Kb / 1P
   NPN SILICON RF POWER TRANSISTOR
UML100 ASI-UML100 Datasheet
22Kb / 2P
   NPN SILICON RF POWER TRANSISTOR
More results

Description similaire - UML11N

FabricantNo de pièceFiches techniqueDescription
logo
Rohm
UML6N ROHM-UML6N Datasheet
81Kb / 4P
   General purpose transistor (isolated transistor and diode)
US5L11 ROHM-US5L11 Datasheet
80Kb / 5P
   General purpose transistor (isolated transistor and diode)
FML10 ROHM-FML10 Datasheet
78Kb / 5P
   General purpose transistor (isolated transistor and diode)
QSL9 ROHM-QSL9 Datasheet
83Kb / 5P
   General purpose transistor (isolated transistor and diode)
QSZ3 ROHM-QSZ3 Datasheet
87Kb / 5P
   General purpose transistor (isolated transistor and diode)
US5L12 ROHM-US5L12 Datasheet
80Kb / 5P
   General purpose transistor (isolated transistor and diode)
US5L10 ROHM-US5L10 Datasheet
80Kb / 5P
   General purpose transistor (isolated transistor and diode)
QSZ4 ROHM-QSZ4 Datasheet
89Kb / 5P
   General purpose transistor (isolated transistor and diode)
UML6N ROHM-UML6N_1 Datasheet
93Kb / 5P
   General purpose transistor (isolated transistor and diode)
US5L9 ROHM-US5L9_1 Datasheet
81Kb / 5P
   General purpose transistor (isolated transistor and diode)
EML20 ROHM-EML20_08 Datasheet
81Kb / 4P
   General purpose transistor (isolated transistor and diode)
More results


Html Pages

1 2 3 4 5


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com