Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SLI-580 Fiches technique(PDF) 1 Page - Rohm

No de pièce SLI-580
Description  High Brightness Type 5.0 Circular Type LED Lamps Type 2 1/2:12>
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ROHM [Rohm]
Site Internet  http://www.rohm.com
Logo ROHM - Rohm

SLI-580 Fiches technique(HTML) 1 Page - Rohm

  SLI-580 Datasheet HTML 1Page - Rohm SLI-580 Datasheet HTML 2Page - Rohm SLI-580 Datasheet HTML 3Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Circular Type
Shape
Emitting Surface
Dimension (mm)
Yellow
Orange
Red
φ5.0
591nm
611nm
630nm
AIGaInP on GaAs
SLI-580YT
SLI-580DT
SLI-580UT
(Typ.)
Directivity
Tolerance:
±0.2
Tolerance:
±0.2
□0.5
(2.5)
CATHODE
φ5.0
4−0.6
SLI-580 Series
*IFP measured under duty ≦1/ 10,1kHz
0
50
100
50
100
0
°
30
°
60
°
90
°
30
°
60
°
90
°
Relative Luminous Intensity (
%)
High Brightness Type φ5.0 Circular Type LED Lamps〈Focus Type 2θ 1/2:12°〉
CONVENTIONAL LED LAMPS
External Dimensions(Unit:mm)
Tolerance:
±0.2
Tolerance:
±0.2
□0.5
(2.5)
CATHODE
φ5.0
4−0.6
Packaging Spacifications(Unit:mm)
Recommemded Pad Layout
Packaging
(Unit:mm)
Bulk
(3F)
:1000pcs/Box
1.0
2.0
2.5
±0.1
70
100
170
Absolute Maximum Ratings(Ta=25℃)
Electrical Optical Characteristics(Ta=25℃)
SLI-580YT
SLI-580DT
SLI-580UT
Yellow
125
50
200
9
-40 to +100
-30 to +85
Red
Orange
IF
(mA)
Typ.
(V)
Typ.
(mcd)
Typ.
(nm)
λp
Typ.
(nm)
Min.
(
mcd)
IF
(mA)
IF
(mA)
Max.
(
µA)
VR
(V)
∆λ
Transparent
Clear
630
SLI-580YT
SLI-580DT
SLI-580UT
20
100
9
611
5000
20
20
1.9
591
15
17
20
1350
2000
Peak
forward
current
IFP
(mA)
Part No.
Power
dissipation
PD
(mW)
Forward
current
IF
(mA)
Reverse
voltage
VR
(V)
Operating
temperature
Topr
°C)
Stotage
temperature
Tstg
°C)
Emitting
color
Part No.
Forward
voltage
VF
Light wavelength
Reverse
current
IR
Brightness
IV
Resin Color
Peak Half-wave


Numéro de pièce similaire - SLI-580

FabricantNo de pièceFiches techniqueDescription
logo
Rohm
SLI-580DT ROHM-SLI-580DT Datasheet
764Kb / 12P
   SLI-580x/SLA-580x/SLA580x Series
2022.2 - Rev.007
SLI-580DT3F ROHM-SLI-580DT3F Datasheet
105Kb / 4P
   Ultra high bright circular LED lamps
SLI-580UT ROHM-SLI-580UT Datasheet
764Kb / 12P
   SLI-580x/SLA-580x/SLA580x Series
2022.2 - Rev.007
SLI-580UT3F ROHM-SLI-580UT3F Datasheet
105Kb / 4P
   Ultra high bright circular LED lamps
SLI-580X ROHM-SLI-580X Datasheet
764Kb / 12P
   SLI-580x/SLA-580x/SLA580x Series
2022.2 - Rev.007
More results

Description similaire - SLI-580

FabricantNo de pièceFiches techniqueDescription
logo
Rohm
SLI-570 ROHM-SLI-570 Datasheet
333Kb / 3P
   High Brightness Type 5.0 Circular Type LED Lamps
SLA-580 ROHM-SLA-580 Datasheet
280Kb / 3P
   High Brightness Type 5 Circular Type LED Lamps
SLA-570 ROHM-SLA-570 Datasheet
211Kb / 3P
   High Brightness Type 5.0 Circular Type LED Lamps
SLI-560YT ROHM-SLI-560YT Datasheet
252Kb / 3P
   High Brightness Type pi=5.0 Circular Type LED Lamps
SLR343 ROHM-SLR343 Datasheet
206Kb / 3P
   HIGH BRIGHTNESS TYPE 3.1 CIRCULAR TYPE LED LAMPS
SLA-370 ROHM-SLA-370 Datasheet
197Kb / 3P
   High Brightness Type PI 3.1 Circular Type LED Lamps
SLA580BC4T ROHM-SLA580BC4T Datasheet
161Kb / 3P
   5.0(T-1 3/4) Circular Type High Brightness Type
SLA560WBD2PT ROHM-SLA560WBD2PT Datasheet
182Kb / 2P
   5.0(T-1 3/4) Circular Type High Brightness Type
SPR-54 ROHM-SPR-54 Datasheet
107Kb / 3P
   Dual-Color Type 5.0 Circular Type LED Lamps
SLR343 ROHM-SLR343_1 Datasheet
117Kb / 3P
   ?3.1(T-1) Circular Type High Brightness Type
More results


Html Pages

1 2 3


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com