Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SI5449DC Fiches technique(PDF) 1 Page - Vishay Siliconix

No de pièce SI5449DC
Description  P-Channel 30-V (D-S) MOSFET
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  VISHAY [Vishay Siliconix]
Site Internet  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI5449DC Fiches technique(HTML) 1 Page - Vishay Siliconix

  SI5449DC Datasheet HTML 1Page - Vishay Siliconix SI5449DC Datasheet HTML 2Page - Vishay Siliconix SI5449DC Datasheet HTML 3Page - Vishay Siliconix SI5449DC Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Si5449DC
Vishay Siliconix
Document Number: 71327
S-21251—Rev. B, 05-Aug-02
www.vishay.com
1
P-Channel 30-V (D-S) MOSFET
PRODUCT SUMMARY
VDS (V)
rDS(on) (Ω)
ID (A)
--30
0.085 @ VGS =--4.5 V
--4.3
--30
0.135 @ VGS =--2.5 V
--3.4
1206-8 ChipFETt
t
t
t
D
D
D
G
D
D
D
S
1
Bottom View
S
G
D
P-Channel MOSFET
Marking Code
BH XX
Lot Traceability
and Date Code
Part #
Code
Ordering Information: Si5449DC-T1
ABSOLUTE MAXIMUM RATINGS (TA =25_C UNLESS OTHERWISE NOTED)
Parameter
Symbol
5 secs
Steady State
Unit
Drain-Source Voltage
VDS
--30
V
Gate-Source Voltage
VGS
12
V
Continuous Drain Current (TJ = 150_C)a
TA =25_C
ID
--4.3
--3.1
Continuous Drain Current (TJ = 150_C)a
TA =85_C
ID
--3.1
--2.2
A
Pulsed Drain Current
IDM
--15
A
Continuous Source Currenta
IAS
--2.1
--1.1
Maximum Power Dissipationa
TA =25_C
PD
2.5
1.3
W
Maximum Power Dissipationa
TA =85_C
PD
1.3
0.7
W
Operating Junction and Storage Temperature Range
TJ,Tstg
--55 to 150
_
C
Soldering Recommendations (Peak Temperature)b, c
260
_
C
THERMAL RESISTANCE RATINGS
Parameter
Symbol
Typical
Maximum
Unit
M i
J
ti
t A bi ta
t ≤ 5sec
R
40
50
Maximum Junction-to-Ambienta
Steady State
RthJA
80
95
_
C/W
Maximum Junction-to-Foot (Drain)
Steady State
RthJF
15
20
C/
Notes
a.
Surface Mounted on 1” x 1” FR4 Board.
b.
See Reliability Manual for profile. The ChipFET is a leadless package. The end of the lead terminal is exposed copper (not plated) as a result of the singula-
tion process in manufacturing. A solder fillet at the exposed copper tip cannot be guaranteed and is not required to ensure adequate bottom side solder inter-
connection.
c.
Rework Conditions: manual soldering with a soldering iron is not recommended for leadless components.


Numéro de pièce similaire - SI5449DC

FabricantNo de pièceFiches techniqueDescription
logo
Skyworks Solutions Inc.
SI544 SKYWORKS-SI544 Datasheet
1Mb / 37P
   Ultra Low Jitter I2C Programmable XO (150 fs), 0.2 to 1500 MHz
Revision 206612A May, 2023
logo
Vishay Siliconix
SI5440DC VISHAY-SI5440DC Datasheet
249Kb / 11P
   N-Channel 30-V (D-S) MOSFET
Rev. A, 22-Dec-08
logo
Vishay Telefunken
SI5440DC TFUNK-SI5440DC Datasheet
251Kb / 11P
   N-Channel 30 V (D-S) MOSFET
logo
Vishay Siliconix
SI5440DC-T1-GE3 VISHAY-SI5440DC-T1-GE3 Datasheet
249Kb / 11P
   N-Channel 30-V (D-S) MOSFET
Rev. A, 22-Dec-08
SI5441BDC VISHAY-SI5441BDC Datasheet
94Kb / 6P
   P-Channel 2.5-V (G-S) MOSFET
Rev. A, 13-Dec-04
More results

Description similaire - SI5449DC

FabricantNo de pièceFiches techniqueDescription
logo
Vishay Siliconix
SI2341DS VISHAY-SI2341DS Datasheet
43Kb / 5P
   P-Channel 30-V (D-S) MOSFET
Rev. B, 11-Aug-03
SI4835BDY VISHAY-SI4835BDY_05 Datasheet
90Kb / 6P
   P-Channel 30-V (D-S) MOSFET
Rev. D, 25-Oct-0
logo
Anachip Corp
AF4407 ANACHIP-AF4407 Datasheet
263Kb / 5P
   P-Channel 30-V (D-S) MOSFET
logo
Vishay Siliconix
SI7423DN VISHAY-SI7423DN Datasheet
173Kb / 3P
   P-Channel 30-V (D-S) MOSFET
24-May-04
SI2303ADS VISHAY-SI2303ADS Datasheet
39Kb / 4P
   P-Channel, 30-V (D-S) MOSFET
Rev. B, 29-Apr-02
SI3481DV VISHAY-SI3481DV Datasheet
67Kb / 5P
   P-Channel 30-V (D-S) MOSFET
Rev. B, 16-Feb-04
logo
DinTek Semiconductor Co...
DTM4415 DINTEK-DTM4415 Datasheet
286Kb / 9P
   P-Channel 30-V (D-S) MOSFET
logo
Vishay Siliconix
SI4435DDY-T1-GE3 VISHAY-SI4435DDY-T1-GE3 Datasheet
279Kb / 10P
   P-Channel 30-V (D-S) MOSFET
Rev. C, 18-May-09
SI7121DN VISHAY-SI7121DN Datasheet
552Kb / 13P
   P-Channel 30-V (D-S) MOSFET
Rev. C, 23-Jun-08
SI4825DDY-T1 VISHAY-SI4825DDY-T1 Datasheet
242Kb / 10P
   P-Channel 30-V (D-S) MOSFET
Rev. A, 13-Oct-08
SI7129DN VISHAY-SI7129DN Datasheet
566Kb / 13P
   P-Channel 30 V (D-S) MOSFET
Rev. B, 06-Sep-10
More results


Html Pages

1 2 3 4


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com