Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LM4041CIDBZR Fiches technique(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
No de pièce LM4041CIDBZR
Description  PRECISION MICROPOWER SHUNT VOLTAGE REFERENCE
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

LM4041CIDBZR Fiches technique(HTML) 10 Page - Texas Instruments

Back Button LM4041CIDBZR Datasheet HTML 6Page - Texas Instruments LM4041CIDBZR Datasheet HTML 7Page - Texas Instruments LM4041CIDBZR Datasheet HTML 8Page - Texas Instruments LM4041CIDBZR Datasheet HTML 9Page - Texas Instruments LM4041CIDBZR Datasheet HTML 10Page - Texas Instruments LM4041CIDBZR Datasheet HTML 11Page - Texas Instruments LM4041CIDBZR Datasheet HTML 12Page - Texas Instruments LM4041CIDBZR Datasheet HTML 13Page - Texas Instruments LM4041CIDBZR Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 24 page
background image
www.ti.com
LM4041xQ (Adjustable Version) Electrical Characteristics
LM4041
PRECISION MICROPOWER SHUNT VOLTAGE REFERENCE
SLCS146D – FEBRUARY 2005 – REVISED DECEMBER 2005
full-range T
A = –40°C to 125°C (unless otherwise noted)
LM4041CQ
LM4041DQ
PARAMETER
TEST CONDITIONS
TA
UNIT
MIN
TYP
MAX
MIN
TYP
MAX
VREF
Reference voltage
IZ = 100 µA, VZ = 5 V
25
°C
1.233
1.233
V
25
°C
–6.2
6.2
–12
12
Reference voltage
IZ = 100 µA, VZ = 5 V
mV
tolerance(1)
Full range
–18
18
–30
30
25
°C
45
75
45
75
Minimum cathode
IZ,min
µA
current
Full range
80
80
25
°C
0.7
1.5
0.7
2
IZ,min < IZ < 1 mA
Reference voltage
Full range
2
2.5
∆V
REF/∆IZ
change with cathode
mV
25
°C
2
4
2
6
current change
1 mA < IZ < 12 mA
Full range
8
10
Reference voltage
25
°C
–1.55
–2
–1.55
–2.5
∆V
REF/∆VKA
change with output
IZ = 1 mA
mV/V
Full range
–3
–4
voltage change
25
°C
60
100
60
150
IFB
Feedback current
nA
Full range
120
200
IZ = 10 mA, VZ = 5 V
25
°C
±20
±20
Average temperature
25
°C
±15
±15
αV
REF
coefficient of
IZ = 1 mA, VZ = 5 V
ppm/
°C
Full range
±100
±150
reference voltage(1)
IZ = 100 µA, VZ = 5 V
25
°C
±15
±15
IZ = 1 mA, f = 120 Hz,
25
°C
0.3
0.3
IAC = 0.1 IZ, VZ = VREF
Reverse dynamic
ZZ
impedance
IZ = 1 mA, f = 120 Hz,
25
°C
2
2
IAC = 0.1 IZ, VZ = 10 V
IZ = 100 µA, VZ = VREF,
eN
Wideband noise
25
°C
20
20
µV
RMS
10 Hz
≤ f ≤ 10 kHz
Long-term stability of
t = 1000 h,
reverse breakdown
TA = 25°C ± 0.1°C,
25
°C
120
120
ppm
voltage
IZ = 100 µA
(1)
Reference voltage tolerance and average temperature coefficient change with output voltage (VZ). See Typical Characteristics.
10


Numéro de pièce similaire - LM4041CIDBZR

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
LM4041CIDBZR TI-LM4041CIDBZR Datasheet
509Kb / 24P
[Old version datasheet]   PRECISION MICROPOWER SHUNT VOLTAGE REFERENCE
LM4041CIDBZR TI-LM4041CIDBZR Datasheet
664Kb / 28P
[Old version datasheet]   PRECISION MICROPOWER SHUNT VOLTAGE REFERENCE
LM4041CIDBZR TI-LM4041CIDBZR Datasheet
694Kb / 28P
[Old version datasheet]   PRECISION MICROPOWER SHUNT VOLTAGE REFERENCE
LM4041CIDBZR TI-LM4041CIDBZR Datasheet
681Kb / 28P
[Old version datasheet]   PRECISION MICROPOWER SHUNT VOLTAGE REFERENCE
LM4041CIDBZR TI1-LM4041CIDBZR Datasheet
782Kb / 30P
[Old version datasheet]   PRECISION MICROPOWER SHUNT VOLTAGE REFERENCE
More results

Description similaire - LM4041CIDBZR

FabricantNo de pièceFiches techniqueDescription
logo
National Semiconductor ...
LM4051 NSC-LM4051 Datasheet
301Kb / 14P
   Precision Micropower Shunt Voltage Reference
logo
Texas Instruments
LM4041C TI-LM4041C Datasheet
509Kb / 24P
[Old version datasheet]   PRECISION MICROPOWER SHUNT VOLTAGE REFERENCE
logo
National Semiconductor ...
LM4050 NSC-LM4050 Datasheet
287Kb / 15P
   Precision Micropower Shunt Voltage Reference
logo
Texas Instruments
LM4040-N TI1-LM4040-N Datasheet
1Mb / 33P
[Old version datasheet]   Precision Micropower Shunt Voltage Reference
LM4040A10 TI1-LM4040A10_15 Datasheet
1Mb / 53P
[Old version datasheet]   Precision Micropower Shunt Voltage Reference
LM4040-N TI1-LM4040-N_15 Datasheet
1Mb / 67P
[Old version datasheet]   Precision Micropower Shunt Voltage Reference
LM4041 TI-LM4041_15 Datasheet
1Mb / 30P
[Old version datasheet]   PRECISION MICROPOWER SHUNT VOLTAGE REFERENCE
LM4040 TI-LM4040_10 Datasheet
709Kb / 51P
[Old version datasheet]   PRECISION MICROPOWER SHUNT VOLTAGE REFERENCE
LM4040 TI-LM4040_08 Datasheet
717Kb / 51P
[Old version datasheet]   PRECISION MICROPOWER SHUNT VOLTAGE REFERENCE
LM4040C25-EP TI1-LM4040C25-EP Datasheet
569Kb / 12P
[Old version datasheet]   PRECISION MICROPOWER SHUNT VOLTAGE REFERENCE
TL4050A10 TI1-TL4050A10 Datasheet
719Kb / 37P
[Old version datasheet]   PRECISION MICROPOWER SHUNT VOLTAGE REFERENCE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com