Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

2SC1645S Fiches technique(PDF) 1 Page - Rohm

No de pièce 2SC1645S
Description  High-gain Amplifier Transistor (32V, 0.3A)
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ROHM [Rohm]
Site Internet  http://www.rohm.com
Logo ROHM - Rohm

2SC1645S Fiches technique(HTML) 1 Page - Rohm

  2SC1645S Datasheet HTML 1Page - Rohm 2SC1645S Datasheet HTML 2Page - Rohm 2SC1645S Datasheet HTML 3Page - Rohm 2SC1645S Datasheet HTML 4Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
1/2
www.rohm.com
c
2011 ROHM Co., Ltd. All rights reserved.
2011.10 - Rev.D
High-gain Amplifier Transistor (32V , 0.3A)
2SD1383K
Features
Dimensions (Unit : mm)
1) Darlington connection for high DC current gain.
2) Built-in 4k
 resistor between base and emitter.
3) Complements the 2SB852K.
Packaging specifications
Type
Package
hFE
Marking
Code
Basic ordering unit (pieces)
2SD1383K
SMT3
B
W
T146
3000
Denotes hFE
Circuit diagram
RBE
4k
Ω
E : Emitter
B : Base
C : Collector
C
B
E
Absolute maximum ratings (Ta=25
C)
Parameter
Symbol
VCBO
VCES
VEBO
IC
PC
Tj
Tstg
Limits
40
32
6
0.3
0.2
150
−55 to +150
∗1
∗2
Unit
V
V
V
A (DC)
1.5
A (Pulse)
W
°C
°C
Collector-base voltage
Collector-emitter voltage
Emitter-base voltage
Collector current
Collector power dissipation
Junction temperature
Storage temperature
∗1 RBE=0Ω
∗2 Single pulse Pw=10ms
Electrical characteristics (Ta=25
C)
Parameter
Symbol
Min.
Typ.
Max.
Unit
Conditions
VCB
=10V, IE=0A, f=1MHz
fT
250
MHz
VCE
=5V, IE= −10mA, f=100MHz
BVCBO
40
−−
V
IC
=100μA
BVCES
32
−−
V
IC
= −1mA , RBE=0Ω
BVEBO
6
−−
V
IE
=100μA
ICBO
−−
1
μAVCB=24V
IEBO
−−
1
μAVEB=4.5V
VCE(sat)
5000
−−
IC
=200mA, IB=0.4mA
hFE
−−
1.5
V
VCE
=5V, IC=0.1A
Cob
3
pF
2
1
Collector-base breakdown voltage
Collector-emitter breakdown voltage
Emitter-base breakdown voltage
Collector cutoff current
Emitter cutoff current
Collector-emitter saturation voltage
DC current transfer ratio
Transition frequency
Output capacitance
1 Measured using pulse current.
2 Transition frequency of the device.
Each lead has same dimensions
2SD1383K
(1)Emitter
(2)Base
(3)Collector


Numéro de pièce similaire - 2SC1645S

FabricantNo de pièceFiches techniqueDescription
logo
Rohm
2SC1645 ROHM-2SC1645 Datasheet
99Kb / 1P
   2SC1545M
logo
List of Unclassifed Man...
2SC1645 ETC1-2SC1645 Datasheet
87Kb / 1P
   Japanese 2S Transistor Cross Reference
More results

Description similaire - 2SC1645S

FabricantNo de pièceFiches techniqueDescription
logo
Rohm
2SB852K ROHM-2SB852K Datasheet
73Kb / 4P
   High-gain Amplifier Transistor (-32V, -0.3A)
2SD2470 ROHM-2SD2470 Datasheet
48Kb / 2P
   High-gain Amplifier Transistor (32V, 0.3A)
2SD1383K-2 ROHM-2SD1383K-2 Datasheet
86Kb / 3P
   High-gain Amplifier Transistor (32V , 0.3A)
2SD1383K ROHM-2SD1383K_1 Datasheet
75Kb / 3P
   High-gain Amplifier Transistor (32V , 0.3A)
2SC2062S ROHM-2SC2062S Datasheet
70Kb / 3P
   High-gain Amplifier Transistor ( 32V, 0.3A)
2SD2142KT146 ROHM-2SD2142KT146 Datasheet
61Kb / 3P
   High-gain Amplifier Transistor (30V, 0.3A)
2SD2142K ROHM-2SD2142K_1 Datasheet
82Kb / 3P
   High-gain Amplifier Transistor (30V, 0.3A)
2SD2142K ROHM-2SD2142K Datasheet
70Kb / 3P
   High-gain Amplifier Transistor (30V, 0.3A)
logo
Guangdong Kexin Industr...
2SB852 KEXIN-2SB852 Datasheet
104Kb / 2P
   High-gain Amplifier Transistor
logo
Rohm
2SD1383K ROHM-2SD1383K_11 Datasheet
147Kb / 3P
   High-gain Amplifier Transistor
More results


Html Pages

1 2 3 4


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com