Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AM50-0011SMB Fiches technique(PDF) 1 Page - Tyco Electronics

No de pièce AM50-0011SMB
Description  High Dynamic Range LNA
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MACOM [Tyco Electronics]
Site Internet  http://www.macom.com
Logo MACOM - Tyco Electronics

AM50-0011SMB Fiches technique(HTML) 1 Page - Tyco Electronics

  AM50-0011SMB Datasheet HTML 1Page - Tyco Electronics AM50-0011SMB Datasheet HTML 2Page - Tyco Electronics AM50-0011SMB Datasheet HTML 3Page - Tyco Electronics AM50-0011SMB Datasheet HTML 4Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
High Dynamic Range LNA,
800 - 1000 MHz
AM50-0011
M/A-COM Inc. and its affiliates reserve the right to make changes to the
product(s) or information contained herein without notice. M/A-COM makes
no warranty, representation or guarantee regarding the suitability of its
products for any particular purpose, nor does M/A-COM assume any liability
whatsoever arising out of the use or application of any product(s) or
information.
• North America Tel: 800.366.2266 / Fax: 978.366.2266
• Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300
• Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298
Visit www.macom.com for additional data sheets and product information.
V6
1
Features
• Ideal for Base Station Applications
• High Gain: 17 dB @ 900 MHz
• Low Noise Figure: <1.0 dB @ 900 MHz
• Single Supply +5 VDC
Description
M/A-COM’s AM50-0011 is a high dynamic range,
GaAs MMIC, low noise amplifier in a low-cost
SOT-26 package. It employs external matching to
obtain
optimum
noise
figure
and
intercept
performance. The AM50-0011 may be operated with
supply voltages of +5 V.
The AM50-0011 is ideally suited for use where low
noise figure, high gain, and high dynamic range are
required. Typical applications included receiver front
ends in AMPS, GSM and ETACS base stations. It
may also be used as an IF amplifier in certain other
communication systems.
The AM50-0011 is fabricated using a low-cost
0.5-micron gate E-D SAGFET GaAs process. This
process features full passivation for increased
reliability. The AM50-0011 is 100% RF tested to
ensure performance specification compliance.
Pin Configuration
Pin No.
Function
Pin No.
Function
1
VB
4
GND
2
GND
5
GND
3
RF IN
6
RF OUT
Functional Block Diagram
Absolute Maximum Ratings 1
Parameter
Absolute Maximum
Supply Voltage
6 V
RF input Power
8 dBm
Operating Temperature
-40°C to +85°C
Storage Temperature
-65°C to +150°C
1. Exceeding any one or combination of these limits may cause
permanent damage to this device.
Ordering Information
Part Number
Package
AM50-0011
Bulk Packaging
AM50-0011TR
1000 piece reel
AM50-0011TR-3000
3000 piece reel
AM50-0011SMB
Sample Test Board
Note: Reference Application Note M513 for reel size
information.
2
1
3
5
4
6


Numéro de pièce similaire - AM50-0011SMB

FabricantNo de pièceFiches techniqueDescription
logo
Tyco Electronics
AM50-0011SMB MACOM-AM50-0011SMB Datasheet
112Kb / 4P
   High Dynamic Range LNA 800 - 1000 MHz
AM50-0011SMB MACOM-AM50-0011SMB Datasheet
101Kb / 4P
   High Dynamic Range LNA, 800-1000 MHz
More results

Description similaire - AM50-0011SMB

FabricantNo de pièceFiches techniqueDescription
logo
Tyco Electronics
AM50-0012 MACOM-AM50-0012 Datasheet
347Kb / 4P
   High Dynamic Range LNA
logo
NXP Semiconductors
CGY2106TS PHILIPS-CGY2106TS Datasheet
94Kb / 16P
   High dynamic range dual LNA MMIC
2000 Aug 28
CGY2105ATS PHILIPS-CGY2105ATS Datasheet
83Kb / 16P
   High dynamic range dual LNA MMIC
1999 Dec 23
logo
Tyco Electronics
MAALSS0045 MACOM-MAALSS0045 Datasheet
144Kb / 4P
   High Dynamic Range LNA 1700 - 2400 MHz
AM50-0011 MACOM-AM50-0011 Datasheet
112Kb / 4P
   High Dynamic Range LNA 800 - 1000 MHz
AM50-0011 MACOM-AM50-0011_1 Datasheet
101Kb / 4P
   High Dynamic Range LNA, 800-1000 MHz
AM50-0012 MACOM-AM50-0012_1 Datasheet
145Kb / 4P
   High Dynamic Range LNA 1700-2400 MHz
MAALSS0040 MACOM-MAALSS0040 Datasheet
184Kb / 3P
   High Dynamic Range LNA 800 - 1000 MHz
logo
OmniVision Technologies...
OV10642 OMNIVISION-OV10642 Datasheet
4Mb / 2P
   high dynamic range
logo
WJ Communication. Inc.
FH101 WJCI-FH101 Datasheet
177Kb / 4P
   High Dynamic Range FET
More results


Html Pages

1 2 3 4


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com