Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AM50-0004TR Fiches technique(PDF) 1 Page - Tyco Electronics

No de pièce AM50-0004TR
Description  High Dynamic Range Low Noise Amplifier
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MACOM [Tyco Electronics]
Site Internet  http://www.macom.com
Logo MACOM - Tyco Electronics

AM50-0004TR Fiches technique(HTML) 1 Page - Tyco Electronics

  AM50-0004TR Datasheet HTML 1Page - Tyco Electronics AM50-0004TR Datasheet HTML 2Page - Tyco Electronics AM50-0004TR Datasheet HTML 3Page - Tyco Electronics AM50-0004TR Datasheet HTML 4Page - Tyco Electronics AM50-0004TR Datasheet HTML 5Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
High Dynamic Range Low Noise Amplifier
1400 - 2000 MHz
AM50-0004
M/A-COM Inc. and its affiliates reserve the right to make changes to the
product(s) or information contained herein without notice. M/A-COM makes
no warranty, representation or guarantee regarding the suitability of its
products for any particular purpose, nor does M/A-COM assume any liability
whatsoever arising out of the use or application of any product(s) or
information.
• North America Tel: 800.366.2266 / Fax: 978.366.2266
• Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300
• Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298
Visit www.macom.com for additional data sheets and product information.
V6
1
Features
• Low Noise Figure: 1.4 dB
• High Input IP3: +18 dBm at 8 V, 45 mA bias
+8 dBm at 3 V, 20 mA bias
• High Gain: 14 dB
• Single Supply: +3 to +8 VDC
• Low Cost SOIC-8 Plastic Package
• Adjustable current: 20 to 60 mA with external
resistor
Description
M/A-COM’s AM50-0004 is a high dynamic range,
GaAs MMIC, low noise amplifier in a low cost, SOIC
8-lead, surface mount, plastic package. It employs
external input matching to obtain optimum noise
figure
performance
and
operating
frequency
flexibility.
The AM50-0004 also features flexible
biasing to control the current consumption vs.
dynamic range trade-off.
The AM50-0004 can
operate from any positive supply voltage in the 3 V
to 8 V range. Its current can be controlled over a
range of 20 mA to 60 mA with an external resistor.
The AM50-0004 is ideally suited for use where low
noise figure, high gain, high dynamic range, and low
power
consumption
are
required.
Typical
applications included receiver front ends in PDC,
DCS-1800, DCS-1900 and other PCN/PCS base
stations. It is also useful as a gain block, buffer,
driver, and IF amplifier in both fixed or portable PDC
and PCN/PCS systems.
The AM50-0004 is fabricated using a low-cost 0.5-
micron gate length GaAs process.
The process
features full passivation for increased performance
and reliability. The AM50-0004 is 100% RF tested
to ensure performance specification compliance.
Pin Configuration
Pin No.
Pin Name
Description
1
GND
RF and DC Ground
2
REXT
External Current Control
(optional)
3
RF IN
RF Input of the amplifier
4
GND
RF and DC Ground
5
GND
RF and DC Ground
6
RF OUT
RF Output of the amplifier
7
VDD
Positive supply voltage
8
GND
RF and DC Ground
Absolute Maximum Ratings 1,2
Parameter
Absolute Maximum
VDD
+10 VDC
Input Power
+17 dBm
Current3
80 mA
Channel Temperature4
+150°C
Operating Temperature
-40°C to +85°C
Storage Temperature
-65°C to +150°C
1. Exceeding any one or combination of these limits may cause
permanent damage.
2. M/A-COM does not recommend sustained operation near
these survivability limits.
3. When pin #2 is used to increase current. (See note 7.)
4. Thermal resistance (
θjc) = +99°C/W.
Ordering Information
Part Number
Package
AM50-0004
Bulk Packaging
AM50-0004TR
1000 piece reel
AM50-0004SMB
Designer’s Kit
Note: Reference Application Note M513 for reel size
information.
Functional Block Diagram
GND
R
EXT
RF IN
GND
GND
RF OUT
V
DD
GND


Numéro de pièce similaire - AM50-0004TR

FabricantNo de pièceFiches techniqueDescription
logo
Tyco Electronics
AM50-0004TR MACOM-AM50-0004TR Datasheet
334Kb / 4P
   High Dynamic Range Low Noise Amplifier 1400-2000 MHz
logo
M/A-COM Technology Solu...
AM50-0004TR MA-COM-AM50-0004TR Datasheet
147Kb / 6P
   High Dynamic Range Low Noise Amplifier 1400 - 2000 MHz
More results

Description similaire - AM50-0004TR

FabricantNo de pièceFiches techniqueDescription
logo
Tyco Electronics
AM50-0003V4 MACOM-AM50-0003V4 Datasheet
239Kb / 5P
   High Dynamic Range Low Noise Amplifier
logo
M/A-COM Technology Solu...
MAAMSS0045 MA-COM-MAAMSS0045 Datasheet
218Kb / 6P
   High Dynamic Range Low Noise Amplifier
MAAL-008091 MA-COM-MAAL-008091_15 Datasheet
775Kb / 6P
   High Dynamic Range Low Noise Amplifier
MAAL-008091 MA-COM-MAAL-008091 Datasheet
169Kb / 5P
   High Dynamic Range Low Noise Amplifier
MAAL-008624 MA-COM-MAAL-008624 Datasheet
166Kb / 4P
   High Dynamic Range Low Noise Amplifier
MAAL-008624 MA-COM-MAAL-008624_15 Datasheet
769Kb / 5P
   High Dynamic Range Low Noise Amplifier
MAAMSS0045 MA-COM-MAAMSS0045_15 Datasheet
876Kb / 7P
   High Dynamic Range Low Noise Amplifier
logo
ATMEL Corporation
ATR4251 ATMEL-ATR4251_09 Datasheet
433Kb / 21P
   Low-noise, High-dynamic-range Antenna Amplifier IC
logo
M/A-COM Technology Solu...
AM50-0004 MA-COM-AM50-0004 Datasheet
147Kb / 6P
   High Dynamic Range Low Noise Amplifier 1400 - 2000 MHz
MAAMSS0045 MA-COM-MAAMSS0045 Datasheet
218Kb / 6P
   High Dynamic Range Low Noise Amplifier 1400 - 2000 MHz
More results


Html Pages

1 2 3 4 5


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com