Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ES5108 Fiches technique(PDF) 11 Page - List of Unclassifed Manufacturers

No de pièce ES5108
Description  ADC with serial output
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ETC1 [List of Unclassifed Manufacturers]
Site Internet  
Logo ETC1 - List of Unclassifed Manufacturers

ES5108 Fiches technique(HTML) 11 Page - List of Unclassifed Manufacturers

Back Button ES5108 Datasheet HTML 7Page - List of Unclassifed Manufacturers ES5108 Datasheet HTML 8Page - List of Unclassifed Manufacturers ES5108 Datasheet HTML 9Page - List of Unclassifed Manufacturers ES5108 Datasheet HTML 10Page - List of Unclassifed Manufacturers ES5108 Datasheet HTML 11Page - List of Unclassifed Manufacturers ES5108 Datasheet HTML 12Page - List of Unclassifed Manufacturers ES5108 Datasheet HTML 13Page - List of Unclassifed Manufacturers ES5108 Datasheet HTML 14Page - List of Unclassifed Manufacturers ES5108 Datasheet HTML 15Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 11 / 15 page
background image
CYRUSTEK CO.
ES5108 3 1/2 Digit
ADC with serial output
2. Frequency Mode
(a) D0(KHz/MHz) : ’1’ for MHz and ’0’ for KHz.
Special data format
Items
D15...D6
D5
D4
D3
D2
D1
D0
Initial state(0000)
Random and don’t care
1
1
1
1
1
1
Positive Overflow(OL)
Random and don’t care
0
0
1
1
1
1
Negative Overflow(-OL)
Random and don’t care
0
0
1
1
1
0
12
LCD Segment Drivers
The ES5108 drives a triplex LCD with three commons. This LCD includes 3 1/2-digits, three decimal, points polarity
sign and annunciators for peakhold, data-hold, continuity, frequency and low battery. The following figure indicates the
assignments of the display segments to the commons and segment drive lines.
12.1
ES5108F
Pin No.
COM1
COM2
COM3
10
CONT
MHz
11
B4
C4
DP3
12
KHz
F3
E3
13
A3
G3
D3
14
B3
C3
DP2
15
HOLD
F2
E2
16
A2
G2
D2
17
B2
C2
DP1
18
MAX
F1
E1
19
A1
G1
D1
20
B1
C1
BAT
21
COM1
22
COM2
23
COM3
12.2
ES5108S
Pin No.
COM1
COM2
COM3
3
CONT
MHz
4
MIN
B4/C4
DP3
5
KHz
F3
E3
6
A3
G3
D3
7
B3
C3
DP2
8
HOLD
F2
E2
9
A2
G2
D2
10
B2
C2
DP1
11
MAX
F1
E1
12
A1
G1
D1
13
B1
C1
BAT
14
COM1
15
COM2
16
COM3
11
July 4, 2002


Numéro de pièce similaire - ES5108

FabricantNo de pièceFiches techniqueDescription
logo
Cyrustek corporation
ES5108 CYRUSTEK-ES5108 Datasheet
521Kb / 18P
   ADC with serial output
ES5108CE CYRUSTEK-ES5108CE Datasheet
521Kb / 18P
   ADC with serial output
ES5108D CYRUSTEK-ES5108D Datasheet
521Kb / 18P
   ADC with serial output
ES5108L CYRUSTEK-ES5108L Datasheet
521Kb / 18P
   ADC with serial output
ES5108 CYRUSTEK-ES5108_06 Datasheet
521Kb / 18P
   ADC with serial output
More results

Description similaire - ES5108

FabricantNo de pièceFiches techniqueDescription
logo
Cyrustek corporation
ES5108 CYRUSTEK-ES5108_06 Datasheet
521Kb / 18P
   ADC with serial output
logo
Analog Devices
AD9239 AD-AD9239_17 Datasheet
1Mb / 41P
   Serial Output 1.8 V ADC
logo
Linear Technology
LTC2274 LINER-LTC2274 Datasheet
896Kb / 40P
   16-Bit, 105Msps Serial Output ADC
LTC2274 LINER-LTC2274_15 Datasheet
908Kb / 40P
   16-Bit, 105Msps Serial Output ADC
logo
Maxim Integrated Produc...
MAX1298 MAXIM-MAX1298_12 Datasheet
305Kb / 20P
   12-Bit Serial-Output Temperature Sensors with 5-Channel ADC
Rev 1; 3/12
MAX1298 MAXIM-MAX1298 Datasheet
259Kb / 20P
   12-Bit Serial-Output Temperature Sensors with 5-Channel ADC
Rev 0; 5/00
MAX1098-MAX1099 MAXIM-MAX1098-MAX1099 Datasheet
240Kb / 20P
   10-Bit Serial-Output Temperature Sensors with 5-Channel ADC
Rev 0; 7/00
MAX1098 MAXIM-MAX1098_V01 Datasheet
2Mb / 20P
   10-Bit Serial-Output Temperature Sensors with 5-Channel ADC
2012
logo
Linear Technology
LTC2273 LINER-LTC2273 Datasheet
765Kb / 44P
   16-Bit, 80Msps/65Msps Serial Output ADC
LTC2272 LINER-LTC2272_15 Datasheet
777Kb / 44P
   16-Bit, 80Msps/65Msps Serial Output ADC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com