Moteur de recherche de fiches techniques de composants électroniques |
|
TPS2340APFPRG4 Fiches technique(PDF) 7 Page - Texas Instruments |
|
TPS2340APFPRG4 Fiches technique(HTML) 7 Page - Texas Instruments |
7 / 27 page TPS2340A SLUS528A – MARCH 2002 – REVISED AUGUST 2002 7 www.ti.com Terminal Functions TERMINAL I/O DESCRIPTION NAME NO. I/O DESCRIPTION 3VAUXI 66 I 3.3Vaux voltage supply input. A 0.1- µF bypass capacitor to PWRGND is recommended. 3VAUXA 65 O 3 3Vaux voltage supply outputs A 0 01 F bypass capacitor to PWRGND is recommended 3VAUXB 64 O 3.3Vaux voltage supply outputs. A 0.01- µF bypass capacitor to PWRGND is recommended. 3VISA 57 I Connect to the load side of the sense resistor. See definition for 3VS. This pin has a switched FET to ground to discharge any output load capacitance when the output is turned off A 0 01 µF bypass ca 3VISB 4 I ground to discharge any output load capacitance when the output is turned off. A 0.01- µF bypass ca- pacitor to ANAGND is recommended. 3VSA 58 I Connect to the source side of the 3.3-V FET switch. This pin in conjunction with the 3VIS pin sense the current to the 3 3 V load by sensing the voltage drop across a sense resistor A 0 01 µFbypass 3VSB 3 I the current to the 3.3-V load by sensing the voltage drop across a sense resistor. A 0.01- µF bypass capacitor to ANAGND is recommended. 5V3VGA 59 O Gate drive for the 5-V and 3.3-V FET switches. Ramp rate is programmed by external capacitance connected from this pin to PWRGND. The capacitor is charged with a 20- µA current source and dis- 5V3VGB 2 O connected from this in to PWRGND. The ca acitor is charged with a 20- µA current source and dis- charged with a switch. The output UV circuitry is disabled until the voltage on this pin is greater than 11 V and the voltage on P12VGx is greater than 20 V. 5VISA 56 I Connect to the load side of the sense resistor. See definition for 5VS. 5VIS is also used to sense the output voltage for the 5-V UV circuit. This pin has a switched FET to ground to discharge any output 5VISB 5 I out ut voltage for the 5-V UV circuit. This in has a switched FET to ground to discharge any out ut load capacitance when the output is turned off. A 0.01- µF bypass capacitor to ANAGND is recom- mended. 5VSA 55 I Connect to the source of the 5-V FET switch. This pin in conjunction with the 5VIS pin senses the current to the 5V load by sensing the voltage drop across the sense resistor A 0 01 µFbypass capaci 5VSB 6 I current to the 5V load by sensing the voltage drop across the sense resistor. A 0.01- µF bypass capaci- tor to ANAGND is recommended. ANAGND 54 – Ground pin for the low level analog section ATTLEDA 47 O ATTLEDx is a high current low true open drain output with a 100 k Ω pull up resistor to V5IN ATTLEDB 13 O ATTLEDx is a high-current, low-true, open-drain output with a 100-k Ω pull-up resistor to V5IN. BUSENA 32 O Output to bus enable FET switches These outputs typically enable PCI clocks to the PCI connector BUSENB 29 O Output-to-bus enable FET switches. These outputs typically enable PCI clocks to the PCI connector. BUTTONA 45 I PCI hot-plut attention notification (momentary) button inputs. Low indicates attention. These input have hysteresis and a 100 k Ω pull up to DIGVCC requiring only a capacitor to ground for debouncing me BUTTONB 15 I hysteresis and a 100-k Ω pull-up to DIGVCC, requiring only a capacitor to ground for debouncing me- chanical noise. CLKENA 33 O O tp t to clock enable FET s itches These o tp ts t picall enable PCI clocks to the PCI connector CLKENB 28 O Output-to-clock enable FET switches. These outputs typically enable PCI clocks to the PCI connector. DIGVCC 30 I Power pin for the digital section, connect to 3.3 V. A 0.1- µF bypass capacitor from DIGVCC to DIGGND is recommended. DIGGND1 31 – DIGGND2 18 – Ground pins for the digital section. DIGGND3 43 – Ground ins for the digital section. M12VGA 69 O A capacitor connected from this pin to M12VO programs the ramp rate of the 12-V switched output. M12VGB 78 O A ca acitor connected from this in to M12VO rograms the ram rate of the 12-V switched out ut. The capacitor is charged with a 20- µA current source and discharged with a switch. M12VINA 68 I –12-V input voltage to the device and the –12-V power FET. M12VINA and M12VINB must be tied together and are internally connected by a high resistance path The tab on the back of the package is M12VINB 79 I together and are internally connected by a high-resistance path. The tab on the back of the package is also connected to M12VIN. A 0.1- µF bypass capacitor from M12VIN to PWRGND is recommended. M12VOA 67 O –12-V Switched output. This pin has a switched FET to ground to discharge any output load capaci- M12VOB 80 O –12-V Switched out ut. This in has a switched FET to ground to discharge any out ut load ca aci- tance when the output is turned off. A 0.01- µF bypass capacitor to PWRGND is recommended. M66ENA 34 I PCI 66MHz–capable bit for slot A. This pin has a 100-k Ω pull-up to 3VISA. This pin is typically tied to the PCI connector. M66ENB 27 I PCI 66MHz–capable bit for slot B. This pin has a 100-k Ω pull-up to 3VISB. This pin is typically tied to the PCI connector. OCSET 7 I A resistor connected between this pin and ANAGND sets the overcurrent threshold of the 4 FET switches. The +12-V and –12-V switches are set for the maximum permissible currents per the PCI specification when a 1%, 6.04-k Ω resistor is used. A 0.1-µF bypass capacitor from OCSET to ANAGND is recommended. |
Numéro de pièce similaire - TPS2340APFPRG4 |
|
Description similaire - TPS2340APFPRG4 |