Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LC72720N Fiches technique(PDF) 10 Page - Sanyo Semicon Device

No de pièce LC72720N
Description  Single-Chip RDS Signal-Processing System LSI
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SANYO [Sanyo Semicon Device]
Site Internet  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC72720N Fiches technique(HTML) 10 Page - Sanyo Semicon Device

Back Button LC72720N Datasheet HTML 6Page - Sanyo Semicon Device LC72720N Datasheet HTML 7Page - Sanyo Semicon Device LC72720N Datasheet HTML 8Page - Sanyo Semicon Device LC72720N Datasheet HTML 9Page - Sanyo Semicon Device LC72720N Datasheet HTML 10Page - Sanyo Semicon Device LC72720N Datasheet HTML 11Page - Sanyo Semicon Device LC72720N Datasheet HTML 12Page - Sanyo Semicon Device LC72720N Datasheet HTML 13Page - Sanyo Semicon Device LC72720N Datasheet HTML 14Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
No. 5877-10/14
LC72720N, 72720NM
Note: The output indicates the synchronization state for the previous block.
Mode (PT2 = 0)
The SYNC pin
0 to 2
When synchronized: Low (0). When unsynchronized: High (1)
When synchronized: Goes high for a fixed period (421 µs) at
3
the start of a block and then goes low.
When unsynchronized: High (1)
When PT2 = 0
The RDS-ID pin
No RDS
High (1)
RDS present
Low (0)
10. Test mode settings (4 bits): TS0 to TS3
Initial values: TS0 = 0, TS1 = 0, TS2 = 0, TS3 = 0
(Applications must set these bits to the above values.)
Note: T1 and T2 pins (pins 7 and 8) are related to test mode as follows:
T1 pin must be tied to VSS (0 V).
Initial values: CT0 = 0, CT1 = 0
Pin T1
Pin T2
IC operation
Notes
0
0
Normal operating mode
These states are user settable
0
1
Standby mode (crystal oscillator stopped)
1
0/1
IC test mode
Users cannot use this state
11. Circuit control (2 bits): CT0 and CT1
RDCL/RDDA/RSFT and ERROR/CORREC/SYNC Output Timing
Timing 1 (modes 1 to 3, PT2 = 0)
Timing 2 (mode 3, PT2 = 0)
Item
Control
CT0
RSFT control
When set to 1, soft-decision control data (RSFT) is easier to generate.
CT1
RDS-ID detection condition
When set to 1, the RDS-ID detection conditions are made more restrictive.
RDCL output
RDDA output
RSFT output
Input data
Error crrection
SYNC output
ERROR output
CORREC output
Sync NG
Sync NG
Sync NG
Sync OK
Sync OK
Sync OK
Sync OK
Sync OK
Data
corrected
Data
corrected
No
errors
No
errors
Note: When PT2 = 0, RDDA and RSFT must be
aquired on the falling edge of RDCL.


Numéro de pièce similaire - LC72720N

FabricantNo de pièceFiches techniqueDescription
logo
Sanyo Semicon Device
LC72720 SANYO-LC72720 Datasheet
235Kb / 14P
   Single-Chip RDS Signal-Processing System LSI
LC72720M SANYO-LC72720M Datasheet
235Kb / 14P
   Single-Chip RDS Signal-Processing System LSI
LC72720YV SANYO-LC72720YV Datasheet
173Kb / 18P
   Single-Chip RDS Signal-Processing System IC
logo
ON Semiconductor
LC72720YV ONSEMI-LC72720YV Datasheet
176Kb / 18P
   Signal-Processing System IC
June, 2013
logo
Sanyo Semicon Device
LC72720YVS SANYO-LC72720YVS Datasheet
166Kb / 18P
   Single-Chip RDS Signal-Processing System IC
More results

Description similaire - LC72720N

FabricantNo de pièceFiches techniqueDescription
logo
Sanyo Semicon Device
LC72722 SANYO-LC72722 Datasheet
114Kb / 15P
   Single-Chip RDS Signal-Processing System LSI
72722PM SANYO-72722PM_11 Datasheet
283Kb / 15P
   Single-Chip RDS Signal-Processing System LSI
LC72720 SANYO-LC72720 Datasheet
235Kb / 14P
   Single-Chip RDS Signal-Processing System LSI
LC72722PM SANYO-LC72722PM_12 Datasheet
174Kb / 18P
   Single-Chip RDS Signal-Processing System IC
LC72720YV SANYO-LC72720YV Datasheet
173Kb / 18P
   Single-Chip RDS Signal-Processing System IC
LC72722PMS SANYO-LC72722PMS Datasheet
167Kb / 18P
   Single-Chip RDS Signal-Processing System IC
72720YV SANYO-72720YV Datasheet
222Kb / 14P
   Single-Chip RDS Signal-Processing System IC
LC72720YVS SANYO-LC72720YVS Datasheet
166Kb / 18P
   Single-Chip RDS Signal-Processing System IC
logo
ON Semiconductor
ENA2171A ONSEMI-ENA2171A Datasheet
199Kb / 20P
   Audio Processing System LSI
January, 2014
LC823433TA ONSEMI-LC823433TA Datasheet
224Kb / 20P
   Audio Processing System LSI
May 2015 - Rev. 1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com