Moteur de recherche de fiches techniques de composants électroniques |
|
BUF602ID Fiches technique(PDF) 11 Page - Texas Instruments |
|
|
BUF602ID Fiches technique(HTML) 11 Page - Texas Instruments |
11 / 22 page www.ti.com 4.10 4.05 4.00 3.95 3.90 Ambient Temperature ( _C) −40 −20 0 20 40 60 80 100 120 +V O −V O 50 45 40 35 30 25 20 15 10 5 0 Frequency (Hz) 10k 100k 1M 10M 100M −PSRR +PSRR 30 25 20 15 10 5 0 Ambient Temperature ( _C) 6 5 4 3 2 1 0 −40 −20 0 20 40 60 80 100 120 Buffer Input Offset Voltage (V OS) Buffer Input Bias Current (I B) 5 4 3 2 1 0 −1 −2 −3 −4 −5 Output Current (mA) 1W Internal Power Limit 1W Internal Power Limit 25 ΩLoad Line 50 ΩLoad Line 100 Ω Load Line BUF602 SBOS339 – OCTOBER 2005 TYPICAL CHARACTERISTICS: V S = ±5V (continued) At T A = +25°C and RL = 100Ω, unless otherwise noted. POWER-SUPPLY REJECTION RATIO vs FREQUENCY OUTPUT SWING VOLTAGE vs TEMPERATURE Figure 13. Figure 14. DC DRIFT vs TEMPERATURE BUFFER OUTPUT VOLTAGE AND CURRENT LIMITATIONS Figure 15. Figure 16. 11 |
Numéro de pièce similaire - BUF602ID |
|
Description similaire - BUF602ID |