Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

M68HC11ERG Fiches technique(PDF) 15 Page - Motorola, Inc

No de pièce M68HC11ERG
Description  M68HC11E Series Programming Reference Guide
Download  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MOTOROLA [Motorola, Inc]
Site Internet  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

M68HC11ERG Fiches technique(HTML) 15 Page - Motorola, Inc

Back Button M68HC11ERG Datasheet HTML 11Page - Motorola, Inc M68HC11ERG Datasheet HTML 12Page - Motorola, Inc M68HC11ERG Datasheet HTML 13Page - Motorola, Inc M68HC11ERG Datasheet HTML 14Page - Motorola, Inc M68HC11ERG Datasheet HTML 15Page - Motorola, Inc M68HC11ERG Datasheet HTML 16Page - Motorola, Inc M68HC11ERG Datasheet HTML 17Page - Motorola, Inc M68HC11ERG Datasheet HTML 18Page - Motorola, Inc M68HC11ERG Datasheet HTML 19Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 60 page
background image
M68HC11ERG/AD
Instruction Set
MOTOROLA
M68HC11E Series Programming Reference Guide
15
BVS (rel)
Branch if
Overflow Set
? V = 1
REL
29
rr
3
——
———
——
CBA
Compare A to B
A – B
INH
11
2
∆∆∆
CLC
Clear Carry Bit
0
⇒ C
INH
0C
2
——
——
0
CLI
Clear Interrupt
Mask
0
⇒ I
INH
0E
2
0
——
——
CLR (opr)
Clear Memory
Byte
0
⇒ MEXT
IND,X
IND,Y
7F
6F
18
6F
hh ll
ff
ff
6
6
7
——
——
0
1
0
0
CLRA
Clear
Accumulator A
0
⇒ A
A
INH
4F
2
0
1
0
0
CLRB
Clear
Accumulator B
0
⇒ B
B
INH
5F
2
0
1
0
0
CLV
Clear Overflow
Flag
0
⇒ V
INH
0A
2
——
——
0
CMPA (opr)
Compare A to
Memory
A – M
A
IMM
ADIR
AEXT
AIND,X
AIND,Y
81
91
B1
A1
18
A1
ii
dd
hh ll
ff
ff
2
3
4
4
5
——
——
∆∆∆
CMPB (opr)
Compare B to
Memory
B – M
B
IMM
BDIR
BEXT
BIND,X
BIND,Y
C1
D1
F1
E1
18
E1
ii
dd
hh ll
ff
ff
2
3
4
4
5
——
——
∆∆∆
COM (opr)
Ones
Complement
Memory Byte
$FF – M
⇒ MEXT
IND,X
IND,Y
73
63
18
63
hh ll
ff
ff
6
6
7
——
——
∆∆
01
COMA
Ones
Complement
A
$FF – A
⇒ AA
INH
43
2
∆∆
01
COMB
Ones
Complement
B
$FF – B
⇒ BB
INH
53
2
∆∆
01
CPD (opr)
Compare D to
Memory 16-Bit
D – M : M + 1
IMM
DIR
EXT
IND,X
IND,Y
1A
83
1A
93
1A
B3
1A
A3
CD
A3
jj kk
dd
hh ll
ff
ff
5
6
7
7
7
——
——
∆∆∆
CPX (opr)
Compare X to
Memory 16-Bit
IX – M : M + 1
IMM
DIR
EXT
IND,X
IND,Y
8C
9C
BC
AC
CD
AC
jj kk
dd
hh ll
ff
ff
4
5
6
6
7
——
——
∆∆∆
CPY (opr)
Compare Y to
Memory 16-Bit
IY – M : M + 1
IMM
DIR
EXT
IND,X
IND,Y
18
8C
18
9C
18
BC
1A
AC
18
AC
jj kk
dd
hh ll
ff
ff
5
6
7
7
7
——
——
∆∆∆
DAA
Decimal Adjust
A
Adjust Sum to BCD
INH
19
2
∆∆∆
DEC (opr)
Decrement
Memory Byte
M – 1
⇒ MEXT
IND,X
IND,Y
7A
6A
18
6A
hh ll
ff
ff
6
6
7
——
——
∆∆∆
DECA
Decrement
Accumulator
A
A – 1
⇒ AA
INH
4A
2
∆∆∆
DECB
Decrement
Accumulator
B
B – 1
⇒ BB
INH
5A
2
∆∆∆
Table 1. Instruction Set (Sheet 3 of 8)
Mnemonic
Operation
Description
Addressing
Mode
Instruction
Condition Codes
Opcode
Operand
Cycles
S
X
H
I
N
Z
V
C


Numéro de pièce similaire - M68HC11ERG

FabricantNo de pièceFiches techniqueDescription
logo
Motorola, Inc
M68HC11E MOTOROLA-M68HC11E Datasheet
3Mb / 268P
   Microcontrollers
logo
Freescale Semiconductor...
M68HC11E FREESCALE-M68HC11E Datasheet
1Mb / 242P
   HC11 Microcontrollers
logo
Motorola, Inc
M68HC11E MOTOROLA-M68HC11E Datasheet
3Mb / 268P
   8-channel, 8-bit analog-to-digital (A/D) converter
logo
Freescale Semiconductor...
M68HC11E FREESCALE-M68HC11E Datasheet
1Mb / 242P
   Microcontrollers
logo
Motorola, Inc
M68HC11E0 MOTOROLA-M68HC11E0 Datasheet
678Kb / 4P
   CONFIG Register Programming for EEPROM-based M68HC11 Microcontrollers
More results

Description similaire - M68HC11ERG

FabricantNo de pièceFiches techniqueDescription
logo
Motorola, Inc
MC68HC05C4 MOTOROLA-MC68HC05C4 Datasheet
3Mb / 64P
   PROGRAMMING REFRERENCE GUIDE
logo
Silicon Laboratories
AN645 SILABS-AN645 Datasheet
2Mb / 202P
   Si477X PROGRAMMING GUIDE
AN332 SILABS-AN332 Datasheet
3Mb / 302P
   Si47XX PROGRAMMING GUIDE
logo
List of Unclassifed Man...
SPL11A ETC-SPL11A Datasheet
1Mb / 42P
   SPL11A PROGRAMMING GUIDE
logo
ATMEL Corporation
ATWILC1000 ATMEL-ATWILC1000 Datasheet
2Mb / 45P
   ATWILC1000 Programming Guide
logo
Silicon Laboratories
AN610 SILABS-AN610 Datasheet
1Mb / 71P
   Si48XX ATDD PROGRAMMING GUIDE
AN349 SILABS-AN349 Datasheet
1Mb / 14P
   Si4708/09 PROGRAMMING GUIDE
logo
Freescale Semiconductor...
MC68HC11E0CFNE3 FREESCALE-MC68HC11E0CFNE3 Datasheet
1Mb / 242P
   M68HC11E Family
logo
Panasonic Semiconductor
KX-T7730 PANASONIC-KX-T7730 Datasheet
3Mb / 16P
   Quick Reference Guide
logo
List of Unclassifed Man...
1827682-1 ETC2-1827682-1 Datasheet
2Mb / 4P
   QUICK REFERENCE GUIDE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com