Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

2SD2374A Fiches technique(PDF) 1 Page - Panasonic Semiconductor

No de pièce 2SD2374A
Description  Silicon PNP epitaxial planar type(For power amplification)
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PANASONIC [Panasonic Semiconductor]
Site Internet  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

2SD2374A Fiches technique(HTML) 1 Page - Panasonic Semiconductor

  2SD2374A Datasheet HTML 1Page - Panasonic Semiconductor 2SD2374A Datasheet HTML 2Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1
Power Transistors
2SB1548, 2SB1548A
Silicon PNP epitaxial planar type
For power amplification
Complementary to 2SD2374 and 2SD2374A
s Features
q
High forward current transfer ratio hFE which has satisfactory linearity
q
Low collector to emitter saturation voltage VCE(sat)
q
Full-pack package which can be installed to the heat sink with
one screw
s Absolute Maximum Ratings (T
C=25˚C)
Note: Ordering can be made by the common rank (PQ rank hFE1 = 70 to 250) in the rank classification.
Unit: mm
1:Base
2:Collector
3:Emitter
TO–220D Full Pack Package
1
9.9
±0.3
4.6
±0.2
2.9
±0.2
0.8
±0.1
1.4
±0.2
23
φ3.2±0.1
2.6
±0.1
0.55
±0.15
2.54
±0.3
5.08
±0.5
1.6
±0.2
*h
FE1 Rank classification
Rank
Q
P
hFE1
70 to 150
120 to 250
Parameter
Collector to
base voltage
Collector to
emitter voltage
Emitter to base voltage
Peak collector current
Collector current
Collector power
dissipation
Junction temperature
Storage temperature
Symbol
VCBO
VCEO
VEBO
ICP
IC
PC
Tj
Tstg
Ratings
–60
–80
–60
–80
–5
–5
–3
25
2
150
–55 to +150
Unit
V
V
V
A
A
W
˚C
˚C
2SB1548
2SB1548A
2SB1548
2SB1548A
TC=25°C
Ta=25
°C
s Electrical Characteristics (T
C=25˚C)
Parameter
Collector cutoff
current
Collector cutoff
current
Emitter cutoff current
Collector to emitter
voltage
Forward current transfer ratio
Base to emitter voltage
Collector to emitter saturation voltage
Transition frequency
Turn-on time
Storage time
Fall time
Symbol
ICES
ICEO
IEBO
VCEO
hFE1
*
hFE2
VBE
VCE(sat)
fT
ton
tstg
tf
Conditions
VCE = –60V, VBE = 0
VCE = –80V, VBE = 0
VCE = –30V, IB = 0
VCE = –60V, IB = 0
VEB = –5V, IC = 0
IC = –30mA, IB = 0
VCE = –4V, IC = –1A
VCE = –4V, IC = –3A
VCE = –4V, IC = –3A
IC = –3A, IB = – 0.375A
VCE = –10V, IC = – 0.5A, f = 10MHz
IC = –1A, IB1 = – 0.1A, IB2 = 0.1A
min
–60
–80
70
10
typ
30
0.5
1.2
0.3
max
–200
–200
–300
–300
–1
250
–1.8
–1.2
Unit
µA
µA
mA
V
V
V
MHz
µs
µs
µs
2SB1548
2SB1548A
2SB1548
2SB1548A
2SB1548
2SB1548A


Numéro de pièce similaire - 2SD2374A

FabricantNo de pièceFiches techniqueDescription
logo
Panasonic Semiconductor
2SD2374A PANASONIC-2SD2374A Datasheet
45Kb / 2P
   Silicon NPN triple diffusion planar type(For power amplification)
logo
Inchange Semiconductor ...
2SD2374A ISC-2SD2374A Datasheet
115Kb / 4P
   Silicon NPN Power Transistors
logo
Savantic, Inc.
2SD2374A SAVANTIC-2SD2374A Datasheet
234Kb / 4P
   Silicon NPN Power Transistors
2SD2374A SAVANTIC-2SD2374A Datasheet
236Kb / 4P
   Silicon NPN Power Transistors
logo
Panasonic Semiconductor
2SD2374AP PANASONIC-2SD2374AP Datasheet
239Kb / 3P
   Silicon NPN triple diffusion planar type
More results

Description similaire - 2SD2374A

FabricantNo de pièceFiches techniqueDescription
logo
Panasonic Semiconductor
2SB1643 PANASONIC-2SB1643 Datasheet
56Kb / 3P
   Silicon PNP epitaxial planar type(For power amplification)
2SB954 PANASONIC-2SB954 Datasheet
47Kb / 2P
   Silicon PNP epitaxial planar type(For power amplification)
2SB1417 PANASONIC-2SB1417 Datasheet
55Kb / 3P
   Silicon PNP epitaxial planar type(For power amplification)
2SB930 PANASONIC-2SB930 Datasheet
49Kb / 2P
   Silicon PNP epitaxial planar type(For power amplification)
2SB1299 PANASONIC-2SB1299 Datasheet
53Kb / 3P
   Silicon PNP epitaxial planar type(For power amplification)
2SB1393 PANASONIC-2SB1393 Datasheet
46Kb / 2P
   Silicon PNP epitaxial planar type(For power amplification)
2SB1553 PANASONIC-2SB1553 Datasheet
52Kb / 3P
   Silicon PNP epitaxial planar type(For power amplification)
2SB1554 PANASONIC-2SB1554 Datasheet
54Kb / 3P
   Silicon PNP epitaxial planar type(For power amplification)
2SB928 PANASONIC-2SB928 Datasheet
49Kb / 2P
   Silicon PNP epitaxial planar type(For power amplification)
2SB929 PANASONIC-2SB929 Datasheet
50Kb / 2P
   Silicon PNP epitaxial planar type(For power amplification)
More results


Html Pages

1 2


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com