Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

HD6413002 Fiches technique(PDF) 37 Page - Renesas Technology Corp

No de pièce HD6413002
Description  High-performance single-chip microcontroller
Download  700 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  RENESAS [Renesas Technology Corp]
Site Internet  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD6413002 Fiches technique(HTML) 37 Page - Renesas Technology Corp

Back Button HD6413002 Datasheet HTML 33Page - Renesas Technology Corp HD6413002 Datasheet HTML 34Page - Renesas Technology Corp HD6413002 Datasheet HTML 35Page - Renesas Technology Corp HD6413002 Datasheet HTML 36Page - Renesas Technology Corp HD6413002 Datasheet HTML 37Page - Renesas Technology Corp HD6413002 Datasheet HTML 38Page - Renesas Technology Corp HD6413002 Datasheet HTML 39Page - Renesas Technology Corp HD6413002 Datasheet HTML 40Page - Renesas Technology Corp HD6413002 Datasheet HTML 41Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 700 page
background image
2.4.2 General Registers
The H8/300H CPU has eight 32-bit general registers. These general registers are all functionally
alike and can be used without distinction between data registers and address registers. When a
general register is used as a data register, it can be accessed as a 32-bit, 16-bit, or 8-bit register.
When the general registers are used as 32-bit registers or as address registers, they are designated
by the letters ER (ER0 to ER7).
The ER registers divide into 16-bit general registers designated by the letters E (E0 to E7) and R
(R0 to R7). These registers are functionally equivalent, providing a maximum sixteen 16-bit
registers. The E registers (E0 to E7) are also referred to as extended registers.
The R registers divide into 8-bit general registers designated by the letters RH (R0H to R7H) and
RL (R0L to R7L). These registers are functionally equivalent, providing a maximum sixteen 8-bit
registers.
Figure 2-4 illustrates the usage of the general registers. The usage of each register can be selected
independently.
Figure 2-4 Usage of General Registers
• Address registers
• 32-bit registers
• 16-bit registers
• 8-bit registers
ER registers
ER0 to ER7
E registers
(extended registers)
E0 to E7
R registers
R0 to R7
RH registers
R0H to R7H
RL registers
R0L to R7L
22


Numéro de pièce similaire - HD6413002

FabricantNo de pièceFiches techniqueDescription
logo
Renesas Technology Corp
HD6413002 RENESAS-HD6413002 Datasheet
1Mb / 700P
   Microcomputer
More results

Description similaire - HD6413002

FabricantNo de pièceFiches techniqueDescription
logo
Siemens Semiconductor G...
SAB80535 SIEMENS-SAB80535 Datasheet
1Mb / 38P
   High-Performance 8-Bit Single Chip Microcontroller
SAB80C52 SIEMENS-SAB80C52 Datasheet
905Kb / 31P
   High-Performance 8-Bit Single Chip Microcontroller
logo
OKI electronic componet...
MSM67P620 OKI-MSM67P620 Datasheet
538Kb / 14P
   HIGH PERFORMANCE CMOS 16-BIT SINGLE CHIP MICROCONTROLLER
ML670100 OKI-ML670100 Datasheet
109Kb / 27P
   OKIs High-Performance CMOS 32-Bit Single Chip Microcontroller
logo
SHANGHAI BELLING CO., L...
BL22P14 BELLING-BL22P14 Datasheet
334Kb / 33P
   BL22P14 is an 8-bit high performance single chip microcontroller
logo
Samsung semiconductor
S3C72P9 SAMSUNG-S3C72P9 Datasheet
1Mb / 225P
   SINGLE-CHIP MICROCONTROLLER HAS BEEN DESIGNED FOR HIGH PERFORMANCE USING
logo
National Semiconductor ...
HPC16064 NSC-HPC16064 Datasheet
407Kb / 36P
   High-Performance microController
logo
OKI electronic componet...
MSM66207 OKI-MSM66207 Datasheet
621Kb / 33P
   OKI ORIGINAL HIGH PERFORMANCE CMOS SINGLE CHIP 8/16-BIT MICROCONTROLLER
logo
STCmicro Technology Co,...
STC12C5A60S2 STC-STC12C5A60S2 Datasheet
1Mb / 439P
   single-chip microcontroller based on a high performance 1T architecture 80C51 CPU
logo
Intel Corporation
8XC151SA INTEL-8XC151SA Datasheet
595Kb / 33P
   HIGH-PERFORMANCE CHMOS MICROCONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com