Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

UC62LS2008 Fiches technique(PDF) 11 Page - List of Unclassifed Manufacturers

No de pièce UC62LS2008
Description  Low Power CMOS SRAM 256K X 8 Bits
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ETC1 [List of Unclassifed Manufacturers]
Site Internet  
Logo ETC1 - List of Unclassifed Manufacturers

UC62LS2008 Fiches technique(HTML) 11 Page - List of Unclassifed Manufacturers

Back Button UC62LS2008 Datasheet HTML 3Page - List of Unclassifed Manufacturers UC62LS2008 Datasheet HTML 4Page - List of Unclassifed Manufacturers UC62LS2008 Datasheet HTML 5Page - List of Unclassifed Manufacturers UC62LS2008 Datasheet HTML 6Page - List of Unclassifed Manufacturers UC62LS2008 Datasheet HTML 7Page - List of Unclassifed Manufacturers UC62LS2008 Datasheet HTML 8Page - List of Unclassifed Manufacturers UC62LS2008 Datasheet HTML 9Page - List of Unclassifed Manufacturers UC62LS2008 Datasheet HTML 10Page - List of Unclassifed Manufacturers UC62LS2008 Datasheet HTML 11Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 11 / 11 page
background image
Low Power CMOS SRAM
256K X 8 Bits
UC62LS2008
-20/-25
Unit
Symbol
Inch
mm
A
0.111±0.007
2.821±0.176
A1
0.009±0.005
0.229±0.127
A2
0.1055±0.0055
2.680±0.140
b
0.014 ~ 0.020
0.35 ~ 0.50
b1
0.014 ~ 0.018
0.35 ~ 0.46
c
0.006 ~ 0.012
0.15 ~ 0.32
c1
0.006 ~ 0.011
0.15 ~ 0.28
D
0.805±0.005
20.447±0.127
E
0.445±0.005
11.303±0.127
E1
0.555±0.012
14.097±0.305
e
0.050±0.006
1.270±0.152
L
0.033±0.010
0.834±0.25
L1
0.055±0.008
1.397±0.203
y
0.004 Max
0.1 Max
θ
0” ~ 10”
0” ~ 10”
SOP - 32
32
17
16
1
D
e
b
Seating Plane "y"
"A"
A
A
L
L1
10°(4X)
θ
DETAIL "A" (2:1)
b
WITH PLATING
c1
c
b1
SECTION A-A
BASE METAL
U-Chip Technology Corp. LTD.
Preliminary
Rev.1.0
Reserves the right to modify document contents without notice.
PAGE
11


Numéro de pièce similaire - UC62LS2008

FabricantNo de pièceFiches techniqueDescription
logo
List of Unclassifed Man...
UC62LS2048 ETC1-UC62LS2048 Datasheet
460Kb / 9P
   Low Power CMOS SRAM
UC62LS2048AC-20 ETC1-UC62LS2048AC-20 Datasheet
460Kb / 9P
   Low Power CMOS SRAM
UC62LS2048AC-25 ETC1-UC62LS2048AC-25 Datasheet
460Kb / 9P
   Low Power CMOS SRAM
UC62LS2048AI-20 ETC1-UC62LS2048AI-20 Datasheet
460Kb / 9P
   Low Power CMOS SRAM
UC62LS2048AI-25 ETC1-UC62LS2048AI-25 Datasheet
460Kb / 9P
   Low Power CMOS SRAM
More results

Description similaire - UC62LS2008

FabricantNo de pièceFiches techniqueDescription
logo
List of Unclassifed Man...
UC62LS1008 ETC1-UC62LS1008 Datasheet
487Kb / 11P
   Low Power CMOS SRAM 128K x 8 Bits
UC62LS4008 ETC1-UC62LS4008 Datasheet
532Kb / 11P
   Low Power CMOS SRAM 512K X 8 Bits
logo
Mosel Vitelic, Corp
V62C2802048L MOSEL-V62C2802048L Datasheet
94Kb / 10P
   Ultra Low Power 256K x 8 CMOS SRAM
logo
Lyontek Inc.
LY622568_1008 LYONTEK-LY622568_1008 Datasheet
293Kb / 14P
   256K X 8 BIT LOW POWER CMOS SRAM
logo
Mosel Vitelic, Corp
V62C1802048L MOSEL-V62C1802048L Datasheet
84Kb / 9P
   Ultra Low Power 256K x 8 CMOS SRAM
V62C3802048L MOSEL-V62C3802048L Datasheet
102Kb / 12P
   Ultra Low Power 256K x 8 CMOS SRAM
logo
Lyontek Inc.
LY622568 LYONTEK-LY622568_16 Datasheet
825Kb / 17P
   256K X 8 BIT LOW POWER CMOS SRAM
LY62L2568 LYONTEK-LY62L2568_17 Datasheet
1Mb / 20P
   256K X 8 BIT LOW POWER CMOS SRAM
LY62L2568_1008 LYONTEK-LY62L2568_1008 Datasheet
342Kb / 16P
   256K X 8 BIT LOW POWER CMOS SRAM
LY62W2568 LYONTEK-LY62W2568_11 Datasheet
483Kb / 16P
   256K X 8 BIT LOW POWER CMOS SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com