Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CS5204-2 Fiches technique(PDF) 3 Page - ON Semiconductor

No de pièce CS5204-2
Description  4.0 A, 1.5 V Fixed Linear Regulator
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ONSEMI [ON Semiconductor]
Site Internet  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CS5204-2 Fiches technique(HTML) 3 Page - ON Semiconductor

  CS5204-2 Datasheet HTML 1Page - ON Semiconductor CS5204-2 Datasheet HTML 2Page - ON Semiconductor CS5204-2 Datasheet HTML 3Page - ON Semiconductor CS5204-2 Datasheet HTML 4Page - ON Semiconductor CS5204-2 Datasheet HTML 5Page - ON Semiconductor CS5204-2 Datasheet HTML 6Page - ON Semiconductor CS5204-2 Datasheet HTML 7Page - ON Semiconductor CS5204-2 Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
CS5204−2
http://onsemi.com
3
TYPICAL PERFORMANCE CHARACTERISTICS
Figure 2. Dropout Voltage vs. Output
Current
Figure 3. Reference Voltage vs.
Temperature
Figure 4. Load Regulation vs.
Output Current
Figure 5. Minimum Load Current
Figure 6. Ripple Rejection vs. Frequency
TJ (°C)
0.10
10
0.08
0.06
0.04
0.02
0.00
−0.02
−0.04
−0.06
−0.08
−0.10
−0.12
0
20 30
40 50
60 70
80 90 100 110 120 130
VIN − VOUT (V)
2.500
1
2.175
1.850
1.525
1.200
0.875
0.550
2
345
67
8
9
TCASE = 125°C
TCASE = 25°C
TCASE = 0°C
Frequency (Hz)
101
100
90
80
70
60
50
40
30
20
10
0
102
103
104
105
TCASE = 25°C
IOUT = 4.0 A
(VIN − VOUT) = 3.0 V
VRIPPLE = 1.6 VPP
0
12
3
4
TCASE = 0°C
TCASE = 125°C
TCASE = 25°C
1.20
1.15
1.10
1.05
1.00
0.95
0.90
0.85
0.80
0.75
0.70
Output Current (A)
Output Current (A)
0.200
0
0.175
0.150
0.125
0.100
0.075
0.050
0.025
0.000
12
3
4
TCASE = 25°C
TCASE = 125°C
TCASE = 0°C


Numéro de pièce similaire - CS5204-2

FabricantNo de pièceFiches techniqueDescription
logo
ON Semiconductor
CS5204-2 ONSEMI-CS5204-2 Datasheet
196Kb / 7P
   4.0 A, 1.5 V Fixed Linear Regulator
September, 2006 ??Rev. 10
CS5204-2GDP3 ONSEMI-CS5204-2GDP3 Datasheet
196Kb / 7P
   4.0 A, 1.5 V Fixed Linear Regulator
September, 2006 ??Rev. 10
CS5204-2GDPR3 ONSEMI-CS5204-2GDPR3 Datasheet
196Kb / 7P
   4.0 A, 1.5 V Fixed Linear Regulator
September, 2006 ??Rev. 10
CS5204-2GT3 ONSEMI-CS5204-2GT3 Datasheet
196Kb / 7P
   4.0 A, 1.5 V Fixed Linear Regulator
September, 2006 ??Rev. 10
CS5204-2 ONSEMI-CS5204-2_06 Datasheet
196Kb / 7P
   4.0 A, 1.5 V Fixed Linear Regulator
September, 2006 ??Rev. 10
More results

Description similaire - CS5204-2

FabricantNo de pièceFiches techniqueDescription
logo
ON Semiconductor
CS5204-2 ONSEMI-CS5204-2_06 Datasheet
196Kb / 7P
   4.0 A, 1.5 V Fixed Linear Regulator
September, 2006 ??Rev. 10
CS5205-2 ONSEMI-CS5205-2 Datasheet
56Kb / 8P
   5.0 A, 1.5 V Fixed Linear Regulator
January, 2004 ??Rev. 8
CS52015-3 ONSEMI-CS52015-3 Datasheet
217Kb / 8P
   1.5 A, 3.3 V Fixed Linear Regulator
September, 2006 ??Rev. 8
CS5207-2 ONSEMI-CS5207-2 Datasheet
179Kb / 6P
   7.0 A, 1.5 V Fixed Linear Regulator
September, 2006 ??Rev. 8
NCP1086 ONSEMI-NCP1086 Datasheet
102Kb / 14P
   1.5 A Adjustable and 3.3 V Fixed Output Linear Regulator
July, 2004 ??Rev. 4
NCP1086 ONSEMI-NCP1086_05 Datasheet
121Kb / 14P
   1.5 A Adjustable and 3.3 V Fixed Output Linear Regulator
May, 2005 ??Rev. 6
CS5203-3 ONSEMI-CS5203-3 Datasheet
172Kb / 6P
   3.0 A, 3.3 V Fixed Linear Regulator
September, 2006 ??Rev. 7
CS5201-3 ONSEMI-CS5201-3 Datasheet
191Kb / 8P
   1.0 A, 3.3 V Fixed Linear Regulator
September, 2006 ??Rev. 8
CS52015-1 ONSEMI-CS52015-1 Datasheet
242Kb / 9P
   1.5 A Adjustable Linear Regulator
September, 2006 ??Rev. 7
CS5204-1 ONSEMI-CS5204-1_06 Datasheet
239Kb / 9P
   4.0 A Adjustable, and 3.3 V and 5.0 V Fixed Linear Regulators
September, 2006 ??Rev. 9
More results


Html Pages

1 2 3 4 5 6 7 8


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com