Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

1N4121UR-1 Fiches technique(PDF) 3 Page - Microsemi Corporation

No de pièce 1N4121UR-1
Description  GLASS SURFACE MOUNT 0.5 WATT ZENERS
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROSEMI [Microsemi Corporation]
Site Internet  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

1N4121UR-1 Fiches technique(HTML) 3 Page - Microsemi Corporation

  1N4121UR-1 Datasheet HTML 1Page - Microsemi Corporation 1N4121UR-1 Datasheet HTML 2Page - Microsemi Corporation 1N4121UR-1 Datasheet HTML 3Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Microsemi
Scottsdale Division
8700 E. Thomas Rd. PO Box 1390, Scottsdale, AZ 85252 USA, (480) 941-6300, Fax: (480) 947-1503
Page 3
Copyright
 2002
11-05-03 REV C
SCOTTSD A L E DIVISION
1N4099UR thru 1N4135UR
(or MLL4099 thru MLL4135)
and
1N4614UR thru 1N4627UR
(or MLL4614 thru MLL4627)
GRAPHS and CIRCUIT
TEC
TA
TEC, End Cap Temperature (
oC) or TA
Ambient temperature on FR4 PC board
FIGURE 2 Power Derating Curve
Capacitance vs. VZ Curve
FIGURE 1 Noise Density Measurement Circuit
FIGURE 3 Capacitance vs. Zener Voltage (Typical)
Zener Voltage VZ
Noise density, (ND) is specified in microvolt-rms per squre-
root-hertz. Actual measurement is performed using a 1 KHz
to 3 KHz frequency bandpass filter at a constant Zener test
current (IZT) AT 25
oC ambient temperature. ND is calculated
from the formula.
PACKAGE DIMENSIONS
INCHES
MILLIMETERS
DIM
MIN
MAX
MIN
MAX
A
0.063
0.067
1.60
1.70
B
0.130
0.146
3.30
3.70
C
0.016
0.022
0.41
0.55
PAD LAYOUT
INCHES
mm
A
.200
5.08
B
.055
1.40
C
.080
2.03


Numéro de pièce similaire - 1N4121UR-1

FabricantNo de pièceFiches techniqueDescription
logo
Microsemi Corporation
1N4121UR-1 MICROSEMI-1N4121UR-1 Datasheet
109Kb / 2P
   SILICON 400mA LOW NOISE ZENER DIODES
1N4121UR-1 MICROSEMI-1N4121UR-1 Datasheet
467Kb / 6P
   500 mW Metallurgically Bonded Glass Surface Mount Zener Diodes
Rev. 2
More results

Description similaire - 1N4121UR-1

FabricantNo de pièceFiches techniqueDescription
logo
Microsemi Corporation
1N5913BUR-1 MICROSEMI-1N5913BUR-1 Datasheet
191Kb / 3P
   METALLURGICALLY BONDED GLASS SURFACE MOUNT 1.5 WATT ZENERS
logo
Vaishali Semiconductor
ZGL41-100 VAISH-ZGL41-100 Datasheet
25Kb / 2P
   Surface Mount Glass Passivated Zeners
logo
Microsemi Corporation
1N4728UR-1 MICROSEMI-1N4728UR-1 Datasheet
132Kb / 5P
   METALLURGICALLY BONDED GLASS SURFACE MOUNT 1.0 W ZENERS
REV A
1N5221BUR-1 MICROSEMI-1N5221BUR-1 Datasheet
405Kb / 6P
   METALLURGICALLY BONDED GLASS SURFACE MOUNT 500 mW ZENERS
Rev. 1
logo
National Semiconductor ...
1N759A NSC-1N759A Datasheet
21Kb / 1P
   Half Watt Zeners
logo
Fairchild Semiconductor
1N4752A FAIRCHILD-1N4752A Datasheet
22Kb / 2P
   One Watt Zeners
IN746A FAIRCHILD-IN746A Datasheet
21Kb / 2P
   Half Watt Zeners
BZX55C FAIRCHILD-BZX55C Datasheet
23Kb / 1P
   Series Half Watt Zeners
logo
Digitron Semiconductors
UZ5706 DIGITRON-UZ5706 Datasheet
265Kb / 3P
   POWER ZENERS 5 WATT
logo
DIYI Electronic Technol...
G1AN DYELEC-G1AN Datasheet
1Mb / 2P
   0.5 AMP SURFACE MOUNT GLASS RECOVERY RECTIFIER
More results


Html Pages

1 2 3


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com