Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BUK218-50DC Fiches technique(PDF) 2 Page - NXP Semiconductors

No de pièce BUK218-50DC
Description  TOPFET dual high side switch
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PHILIPS [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BUK218-50DC Fiches technique(HTML) 2 Page - NXP Semiconductors

  BUK218-50DC Datasheet HTML 1Page - NXP Semiconductors BUK218-50DC Datasheet HTML 2Page - NXP Semiconductors BUK218-50DC Datasheet HTML 3Page - NXP Semiconductors BUK218-50DC Datasheet HTML 4Page - NXP Semiconductors BUK218-50DC Datasheet HTML 5Page - NXP Semiconductors BUK218-50DC Datasheet HTML 6Page - NXP Semiconductors BUK218-50DC Datasheet HTML 7Page - NXP Semiconductors BUK218-50DC Datasheet HTML 8Page - NXP Semiconductors BUK218-50DC Datasheet HTML 9Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
Philips Semiconductors
Product specification
TOPFET dual high side switch
BUK218-50DC
LIMITING VALUES
Limiting values in accordance with the Absolute Maximum System (IEC 134)
SYMBOL
PARAMETER
CONDITIONS
MIN.
MAX.
UNIT
V
BG
Continuous supply voltage
0
50
V
I
L
Continuous load current per channel
T
mb ≤ 135˚C
-
8
A
P
D
Total power dissipation
T
mb ≤ 25˚C
-
83.3
W
T
stg
Storage temperature
-55
175
˚C
T
j
Continuous junction temperature
1
-40
150
˚C
Reverse battery voltages
2
V
GB
Continuous reverse voltage
-
16
V
V
GB
Peak reverse voltage
-
32
V
Application information
R
I, RS
External resistors
3
to limit input, status currents
3.2
-
k
Input and status currents
I
I
Continuous input current
-5
5
mA
I
S
Continuous status current
-5
5
mA
I
I
Repetitive peak input current
δ ≤ 0.1, t
p = 300 µs
-50
50
mA
I
S
Repetitive peak status current
δ ≤ 0.1, t
p = 300 µs
-50
50
mA
Inductive load clamping
V
BG = 13 V, IL = 8 A
E
BL
Non-repetitive clamping energy (one
T
j = 150˚C prior to turn-off
-
150
mJ
channel)
ESD LIMITING VALUE
SYMBOL
PARAMETER
CONDITIONS
MIN.
MAX.
UNIT
V
C
Electrostatic discharge capacitor
Human body model;
-
2
kV
voltage
C = 250 pF; R = 1.5 k
1 For normal continuous operation. A higher T
j is allowed as an overload condition but at the threshold Tj(TO) the over temperature trip operates
to protect the switch.
2 Reverse battery voltage is allowed only with external resistors to ensure that the input and status currents do not exceed the limiting values.
The internal ground resistor limits the reverse battery ground current. The connected loads must limit the reverse load currents. Power
is dissipated and the T
j rating must be observed.
3 To limit currents during reverse battery and transient overvoltages (positive or negative).
October 2001
2
Rev 2.010


Numéro de pièce similaire - BUK218-50DC

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
BUK218-50DY PHILIPS-BUK218-50DY Datasheet
64Kb / 9P
   TOPFET dual high side switch
May 2001-Rev 1.400
More results

Description similaire - BUK218-50DC

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
PIP3202-DC PHILIPS-PIP3202-DC Datasheet
50Kb / 9P
   TOPFET dual high side switch
September 2001 Rev 1.000
BUK218-50DY PHILIPS-BUK218-50DY Datasheet
64Kb / 9P
   TOPFET dual high side switch
May 2001-Rev 1.400
PIP3207-DC PHILIPS-PIP3207-DC Datasheet
50Kb / 9P
   TOPFET dual high side switch
September 2001 Rev 1.100
BUK209-50Y NXP-BUK209-50Y Datasheet
58Kb / 8P
   TOPFET high side switch
September 2002 Rev 2.000
PIP3209-R PHILIPS-PIP3209-R Datasheet
45Kb / 8P
   TOPFET high side switch
July 2001 Rev 1.000
PIP3211-R PHILIPS-PIP3211-R Datasheet
192Kb / 13P
   TOPFET high side switch
September 2001-Rev 1.000
PIP3210-R PHILIPS-PIP3210-R Datasheet
190Kb / 13P
   TOPFET high side switch
September 2001-Rev 1.000
PIP3203-A PHILIPS-PIP3203-A Datasheet
48Kb / 8P
   TOPFET high side switch
October 2001-Rev 1.000
BUK224-50Y PHILIPS-BUK224-50Y Datasheet
48Kb / 8P
   TOPFET high side switch
November 2002-Rev 2.000
BUK203-50Y PHILIPS-BUK203-50Y Datasheet
120Kb / 13P
   PowerMOS transistor TOPFET high side switch
April 1995 Rev 1.100
More results


Html Pages

1 2 3 4 5 6 7 8 9


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com