Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼
Nom de la pièce
         Description


HMS81C2012A Datasheet(Fiches technique) 6 Page - List of Unclassifed Manufacturers

Numéro de pièce HMS81C2012A
Description  CMOS Single-Chip 8-Bit Microcontroller with A/D Converter & VFD Driver
Télécharger  107 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricant  ETC1 [List of Unclassifed Manufacturers]
Site Internet  
Logo 

 6 page
background image
HMS81C2012A/2020A
2
SEP. 2004 Ver 2.00
1.3 Development Tools
The HMS81C20xxA are supported by a full-featured mac-
ro assembler, an in-circuit emulator CHOICE-Dr.TM and
OTP programmers. There are third different type program-
mers such as emulator add-on board type, single type, gang
type. For mode detail, Refer to “21. OTP PROGRAM-
MING” on page 86. Macro assembler operates under the
MS-Windows 95/98TM.
Please contact sales part of MagnaChip Semiconductor.
1.4 Ordering Information
In Circuit
Emulators
CHOICE-Dr.
Socket Adapter
for OTP
OA87C20XX-64SD (64SDIP)
OA87C20XX-64QF (64MQFP)
OA87C20XX-64QT (64LQFP)
POD
CHPOD81C20D-64SD (64SDIP)
Assembler
MagnaChip Macro Assembler
Device name
ROM Size
RAM size
Package
Mask version
(After 2003 oct.
product available)
HMS81C2012A K
HMS81C2012A Q
HMS81C2012A LQ
HMS81C2020A K
HMS81C2020A Q
HMS81C2020A LQ
12K bytes
12K bytes
12K bytes
20K bytes
20K bytes
20K bytes
448 bytes
448 bytes
448 bytes
448 bytes
448 bytes
448 bytes
64SDIP
64MQFP
64LQFP
64SDIP
64MQFP
64LQFP
OTP version
(After 2003 oct.
product available)
GMS87C2020 K
GMS87C2020 Q
GMS87C2020 LQ
20K bytes OTP
20K bytes OTP
20K bytes OTP
448 bytes
448 bytes
448 bytes
64SDIP
64MQFP
64LQFP




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88  89  90  91  92  93  94  95  96  97  98  99  100   ...More


Datasheet Download



Numéro de composants électroniques

Numéro de pièceDescription des composantsHtml ViewFabricant
GMS81C2020CMOS Single-Chip 8-Bit Microcontroller with A/D Converter & VFD Driver 1 2 3 4 5 MoreHynix Semiconductor
GMS81C3004CMOS SINGLE-CHIP 8-BIT MICROCONTROLLER WITH LCD DRIVER 1 2 3 4 5 MoreHynix Semiconductor
UPD78C178-BIT SINGLE-CHIP MICROCONTROLLER WITH A/D CONVERTER 1 2 3 4 5 MoreNEC
IN87C51NCMOS SINGLE-CHIP 8-BIT MICROCONTROLLER WITH 4K BYTES OF EPROM MEMORY 1 2 Integral Corp.
PIC12CE67X8-Pin 8-Bit CMOS Microcontroller with A/D Converter and EEPROM Data Memory 1 2 3 4 5 MoreMicrochip Technology
MSM65344A8-Bit Microcontroller with A/D Converter with LCD Driver 1 2 3 4 5 MoreOKI electronic componets
MSM653528-Bit Microcontroller with 4-Bit A/D Converter with LCD Driver 1 2 3 4 5 MoreOKI electronic componets
PIC12C6718-Pin 8-Bit CMOS Microcontroller with A/D Converter 1 2 3 4 5 MoreMicrochip Technology
UPD17201A4-BIT SINGLE-CHIP MICROCONTROLLER WITH LCD CONTROLLER/DRIVER AND A/D CONVERTER FOR INFRARED REMOTE CONTROL TRANSMITTERS 1 2 3 4 5 MoreNEC
MSM653548-Bit Microcontroller with A/D Converter with LCD Driver 1 2 3 4 5 MoreOKI electronic componets

Lien URL

AllDATASHEET vous a-t-il été utile ?   [ DONATE ]  

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Favoris   |   Echange de liens   |   Fabricants
All Rights Reserved © Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl