Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

HMS81C2012A Fiches technique(PDF) 42 Page - List of Unclassifed Manufacturers

No de pièce HMS81C2012A
Description  CMOS Single-Chip 8-Bit Microcontroller with A/D Converter & VFD Driver
Download  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ETC1 [List of Unclassifed Manufacturers]
Site Internet  
Logo ETC1 - List of Unclassifed Manufacturers

HMS81C2012A Fiches technique(HTML) 42 Page - List of Unclassifed Manufacturers

Back Button HMS81C2012A Datasheet HTML 38Page - List of Unclassifed Manufacturers HMS81C2012A Datasheet HTML 39Page - List of Unclassifed Manufacturers HMS81C2012A Datasheet HTML 40Page - List of Unclassifed Manufacturers HMS81C2012A Datasheet HTML 41Page - List of Unclassifed Manufacturers HMS81C2012A Datasheet HTML 42Page - List of Unclassifed Manufacturers HMS81C2012A Datasheet HTML 43Page - List of Unclassifed Manufacturers HMS81C2012A Datasheet HTML 44Page - List of Unclassifed Manufacturers HMS81C2012A Datasheet HTML 45Page - List of Unclassifed Manufacturers HMS81C2012A Datasheet HTML 46Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 107 page
background image
HMS81C2012A/2020A
38
SEP. 2004 Ver 2.00
R5 and R5IO register: R5 is an 8-bit bidirectional I/O
port (address 0CAH). Each pin can be set individually as
input and output through the R5IO register (address
0CBH).In addition, Port R5 is multiplexed with Pulse
Width Modulator (PWM).
The control register R5FUNC (address 0F6H) controls to
select PWM function.After reset, the R5IO register value
is "0", port may be used as general I/O ports. To select
PWM function, write "1" to the corresponding bit of
R5FUNC.
The control register R5NODR (address 0F9H) controls to
select N-MOS open drain port. To select N-MOS open
drain port, write "1" to the corresponding bit of R5FUNC.
R6 and R6IO register: R6 is an 8-bit bidirectional I/O
port (address 0CCH). Each port can be set individually as
input and output through the R6IO register (address
0CDH). R67~R60 ports are multiplexed with Analog Input
Port.
The control register R6FUNC (address 0F7H) controls to
select alternate function. After reset, this value is "0", port
may be used as general I/O ports. To select alternate func-
tion such as Analog Input, write "1" to the corresponding
bit of R6FUNC. Regardless of the direction register R6IO,
R6FUNC is selected to use as alternate functions, port pin
can be used as a corresponding alternate features
(AN7~AN0)
Port Pin
Alternate Function
R56
PWM1 Data Output
Timer 1 Data Output
R5 Data Register
R5
ADDRESS: 0CAH
RESET VALUE: Undefined
R57 R56 R55 R54 R53 R52 R51 R50
R5 Direction Register
R5IO
ADDRESS : 0CBH
RESET VALUE : 00H
Input / Output data
R5 Function Selection Register
R5FUNC
ADDRESS : 0F6H
RESET VALUE : -0------B
0: R56
1:
-
-
-
-
-
-
6
-
R5 N-MOS Open Drain
R5NODR
ADDRESS: 0F9H
RESET VALUE: 00H
N-MOS Open Drain Selection
Selection Register
0: Disable
1: Enable
Port Direction
0: Input
1: Output
PWM1O/T1O
Port Pin
Alternate Function
R60
R61
R62
R63
R64
R65
R66
R67
AN0 (ADC input 0)
AN1 (ADC input 1)
AN2 (ADC input 2)
AN3 (ADC input 3)
AN4 (ADC input 4)
AN5 (ADC input 5)
AN6 (ADC input 6)
AN7 (ADC input 7)
R6 Function Selection Register
R6FUNC
ADDRESS : 0F7H
RESET VALUE : 00H
0: R60
1: AN0
0
0: R61
1: AN1
0: R63
1: AN3
0: R62
1: AN2
1
2
3
4
5
6
7
0: R65
1: AN5
0: R64
1: AN4
0: R66
1: AN6
0: R67
1: AN7
R6 Data Register
R6
ADDRESS: 0CCH
RESET VALUE: Undefined
R67 R66 R65 R64 R63 R62 R61 R60
Input / Output data
R6 Direction Register
R6IO
ADDRESS : 0CDH
RESET VALUE : 00H
Port Direction
0: Input
1: Output


Numéro de pièce similaire - HMS81C2012A

FabricantNo de pièceFiches techniqueDescription
logo
Hynix Semiconductor
HMS81C4260 HYNIX-HMS81C4260 Datasheet
823Kb / 110P
   HYNIX SEMICONDUCTOR INC. 8-BIT SINGLE-CHIP MICROCONTROLLERS
HMS81C4360 HYNIX-HMS81C4360 Datasheet
823Kb / 110P
   HYNIX SEMICONDUCTOR INC. 8-BIT SINGLE-CHIP MICROCONTROLLERS
HMS81C4360SK HYNIX-HMS81C4360SK Datasheet
823Kb / 110P
   HYNIX SEMICONDUCTOR INC. 8-BIT SINGLE-CHIP MICROCONTROLLERS
HMS81C43XX HYNIX-HMS81C43XX Datasheet
1Mb / 100P
   CMOS SINGLE-CHIP 8-BIT MICROCONTROLLER FOR TELEVISION
HMS81C4460 HYNIX-HMS81C4460 Datasheet
823Kb / 110P
   HYNIX SEMICONDUCTOR INC. 8-BIT SINGLE-CHIP MICROCONTROLLERS
More results

Description similaire - HMS81C2012A

FabricantNo de pièceFiches techniqueDescription
logo
Hynix Semiconductor
GMS81C2020 HYNIX-GMS81C2020 Datasheet
1Mb / 92P
   CMOS Single-Chip 8-Bit Microcontroller with A/D Converter & VFD Driver
logo
NEC
UPD78C17 NEC-UPD78C17 Datasheet
793Kb / 110P
   8-BIT SINGLE-CHIP MICROCONTROLLER WITH A/D CONVERTER
UPD78C14 NEC-UPD78C14 Datasheet
256Kb / 52P
   8-BIT SINGLE-CHIP MICROCONTROLLER WITH A/D CONVERTER
logo
Microchip Technology
PIC12C671 MICROCHIP-PIC12C671 Datasheet
1Mb / 129P
   8-Pin, 8-Bit CMOS Microcontroller with A/D Converter
1999 - 2002
logo
Hynix Semiconductor
GMS81C3004 HYNIX-GMS81C3004 Datasheet
1Mb / 90P
   CMOS SINGLE-CHIP 8-BIT MICROCONTROLLER WITH LCD DRIVER
logo
OKI electronic componet...
MSM65354 OKI-MSM65354 Datasheet
137Kb / 20P
   8-Bit Microcontroller with A/D Converter (with LCD Driver)
MSM65355 OKI-MSM65355 Datasheet
129Kb / 18P
   8-Bit Microcontroller with A/D Converter (with LCD Driver)
MSM65344A OKI-MSM65344A Datasheet
125Kb / 16P
   8-Bit Microcontroller with A/D Converter (with LCD Driver)
MSM65352 OKI-MSM65352 Datasheet
110Kb / 15P
   8-Bit Microcontroller with 4-Bit A/D Converter (with LCD Driver)
logo
ATMEL Corporation
AT80C5112 ATMEL-AT80C5112_08 Datasheet
988Kb / 97P
   8-bit Microcontroller with A/D Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com