Moteur de recherche de fiches techniques de composants électroniques |
|
UC284XBDG Fiches technique(PDF) 1 Page - ON Semiconductor |
|
UC284XBDG Fiches technique(HTML) 1 Page - ON Semiconductor |
1 / 20 page © Semiconductor Components Industries, LLC, 2004 September, 2004 − Rev. 3 1 Publication Order Number: UC3844B/D UC3844B, UC3845B, UC2844B, UC2845B High Performance Current Mode Controllers The UC3844B, UC3845B series are high performance fixed frequency current mode controllers. They are specifically designed for Off−Line and dc−dc converter applications offering the designer a cost−effective solution with minimal external components. These integrated circuits feature an oscillator, a temperature compensated reference, high gain error amplifier, current sensing comparator, and a high current totem pole output ideally suited for driving a power MOSFET. Also included are protective features consisting of input and reference undervoltage lockouts each with hysteresis, cycle−by−cycle current limiting, a latch for single pulse metering, and a flip−flop which blanks the output off every other oscillator cycle, allowing output deadtimes to be programmed from 50% to 70%. These devices are available in an 8−pin dual−in−line and surface mount (SOIC−8) plastic package as well as the 14−pin plastic surface mount (SOIC−14). The SOIC−14 package has separate power and ground pins for the totem pole output stage. The UCX844B has UVLO thresholds of 16 V (on) and 10 V (off), ideally suited for off−line converters. The UCX845B is tailored for lower voltage applications having UVLO thresholds of 8.5 V (on) and 7.6 V (off). Features • Pb−Free Packages are Available • Trimmed Oscillator for Precise Frequency Control • Oscillator Frequency Guaranteed at 250 kHz • Current Mode Operation to 500 kHz Output Switching Frequency • Output Deadtime Adjustable from 50% to 70% • Automatic Feed Forward Compensation • Latching PWM for Cycle−By−Cycle Current Limiting • Internally Trimmed Reference with Undervoltage Lockout • High Current Totem Pole Output • Undervoltage Lockout with Hysteresis • Low Startup and Operating Current 14 SOIC−14 D SUFFIX CASE 751A 1 See detailed ordering and shipping information in the package dimensions section on page 2 of this data sheet. ORDERING INFORMATION See general marking information in the device marking section on page 16 of this data sheet. DEVICE MARKING INFORMATION 1 8 PDIP−8 N SUFFIX CASE 626 PIN CONNECTIONS Compensation NC Voltage Feedback NC Current Sense NC RT/CT Compensation Voltage Feedback Current Sense RT/CT Vref Vref NC VCC VC Output GND Power Ground VCC Output GN D (Top View) 8 7 6 5 1 2 3 4 1 2 3 4 14 13 12 11 5 6 7 10 9 8 (Top View) SOIC−8 D1 SUFFIX CASE 751 1 8 http://onsemi.com |
Numéro de pièce similaire - UC284XBDG |
|
Description similaire - UC284XBDG |
|
|
Lien URL |
Politique de confidentialité |
ALLDATASHEET.FR |
ALLDATASHEET vous a-t-il été utile ? [ DONATE ] |
À propos de Alldatasheet | Publicité | Contactez-nous | Politique de confidentialité | Echange de liens | Fabricants All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |